Part Number Hot Search : 
74LVC1G1 SG2012 MFM65 GFKE1 MFM65 1062246 MN512K TSOP6156
Product Description
Full Text Search
 

To Download 2SC2673 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package. p c, i c  high p c and i c . 2w ?? 2w output amplifier of portable radi os in class b push-pull operation. pin1 collector pin 2 base pin 3 emitter ?? / hfe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2 3
2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 40 v collector to emitter voltage v ceo 25 v emitter to base voltage v ebo 6.0 v collector current - continuous i c 1.5 a base current - continuous i b 500 ma collector power dissipation p c 1.0 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =0.1ma i e =0 40 v collector to emitter breakdown v oltage v ceo i c =2.0ma i b =0 25 v emitter to base breakdown v oltage v ebo i e =0.1ma i c =0 6.0 v collector cut-off current i cbo v cb =35v i e =0 0.1 a emitter cut-off current i ebo v eb =6.0v i c =0 0.1 a dc current gain h fe(1) v ce =1.0v i c =100ma 200 350 h fe(2) v ce =1.0v i c =800ma 40 h fe(3) v ce =1.0v i c =5.0ma 45 collecto r -to-emitter saturation v oltage v ce(sat) i c =800ma i b =80ma 0.28 0.5 v base-to-emitter saturation v oltage v be(sat) i c =800ma i b =80ma 0.98 1.2 v base-to-emitter voltage v be v ce =1.0v i c =10ma 0.66 1.0 v transition frequency f t v ce =10v i c =50ma 100 190 mhz output capacitance c ob v cb =10v i e =0 f=1.0mhz 9.0 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? c2673  ??? ****  ???? note: br: company code. c2673: product type. ****: lot no. code,code change with lot no. br **** c2673
2SC2673 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SC2673

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X