this document was generated on 09/14/2015 please check www.molex.com for latest part information part number: 1300900019 status: active overview: electric reels description: woodhead? standard cord reel, 16/3 sjtow cord, 10.67m (35.0') cord length with 15a pendant outlet box, two duplex, nema 5-15 outlets documents: rohs certificate of compliance (pdf) product literature (pdf) agency certification ul e22769 general product family electric reels series 130090 cable length 0.457m (1.50') comments ratchet lock (on/off switchable). (2) nema 5-15 duplex receptacles depth 0.24m (9.59") duty standard enclosure rating nema 1 height 0.32 (12.62") nema configuration nema 5-15 overview electric reels product literature order no 987650-8061 product name super-safeway? type cord reel upc 78678875261 width 13.06mm (5.160") woodhead yes physical cable movement ratchet lock cord length 10.67m (35.0') drum lock ratchet material - coating powder coating material - housing steel mounting style swinging number of conductors 3 number of receptacles 4 packaging type carton primary cord/cable entry n/a retraction weight 0.9kg (2.0 lb) wire size awg 16 electrical bulb included n/a cord type 16/3 sjtow current - maximum per contact 6.0a gfci no lamp type n/a lamp wattage - maximum n/a on/off switch no voltage - maximum 120v material info old part number 966 series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed search parts in this series 130090 series
this document was generated on 09/14/2015 please check www.molex.com for latest part information
|