Part Number Hot Search : 
G941T25B Y100N10E 167BZX LTC4223 DB929B MC34261D 2S110 BC847
Product Description
Full Text Search
 

To Download 0950432881-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 02/12/2018 please check www.molex.com for latest part information part number: 0950432881 status: active overview: magnetic and modular jacks and plugs description: modular plug, cat5e, short body, shielded, 8/8 documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-95043-001 (pdf) product literature (pdf) application specification as-95043-001 (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 95043 comments colored boot|cable to plug tensile strength: 98.0n component type wire plug magnetic no overview magnetic and modular jacks and plugs performance category 5e power over ethernet (poe) n/a product literature order no 987650-8441 product name modular plug 8/8, rj45 upc 800754334198 physical boot color n/a color - resin clear durability (mating cycles max) 750 flammability 94v-2 inverted / top latch n/a jack height n/a lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polycarbonate net weight 2.410/g orientation n/a pcb locator no pcb retention none packaging type bag pitch - mating interface 1.02mm plating min - mating 1.270m plating min - termination 1.270m ports 1 positions / loaded contacts 8/8 surface mount compatible (smc) n/a temperature range - operating -40c to +60c termination interface: style idt or pierce waterproof / dustproof no wire/cable type round electrical current - maximum per contact 1.5a series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 95043 series mates with fcc 68 jacks
grounding to panel n/a shielded yes voltage - maximum 125v dc material info reference - drawing numbers application specification as-95043-001 product specification ps-95043-001 sales drawing sda-95043 this document was generated on 02/12/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0950432881-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X