Part Number Hot Search : 
ADRF6603 CD909 68HC0 P0111 DN8643S ADG604 HT48E10 L60S80
Product Description
Full Text Search
 

To Download TL431-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 h igh diode semiconductor sot- 23 limiting values (absolute maximum rating) applications device descripsion ? marking features z shunt regulator z high-current shunt regulator z precision current limiter sot -23 encapsulate adjust able reference source tl431 1 2 3 1. refe rence 2. cathode 3. anod e the tl431 is a three-terminal ad justable shunt regulator offering excellent temperature stability . this device has a typical dynamic output impedance of 0.2 ? . the device can be used as a replacement for zener diodes in many applications. z the output voltage c an be adjusted to 36v z low dynamic output impedance, its typical value is 0.2 ? z trapping current capability is 1 to 100ma z low output noise voltage z fast on -state response z the effective temperature compensation in the working range of z the typical value of the equivalent temperature full temperature factor in the whole temperature scope is 50 ppm/ pa ramete r symbol value unit catho de v o lt a ge v ka 37 v catho de c u rrent ran ge (c o ntinuous) i ka -100~ + 1 5 0 ma refere nce lnput cur r ent range iref 0.05~+10 ma po wer dissi pation p d 3 00 mw s torage temperature ra nge tstg -65~+150 operatin g junction t emperature t j 150 operating ambient t emperature range t opr -25 ~ + 85 t hermal resistance from junction to ambient r ja 417 /w 431 z
2 h igh diode semiconductor parameter symbol t e st condition s min typ max unit reference i np u t v oltage (fig.1) v ref v ka =v ref , i ka =10ma 2.4 75 2.5 2.5 25 v deviation of reference inp u t v oltage o ver temperature (note) (fig.1) v ref /t v ka =v ref , i ka =10ma 4.5 17 mv v ka =10v~v ref -1.0 -2.7 mv/v ratio o f c hange in r eference i nput v oltage to the change in c athode v oltage (fig.2) v ref /v ka i ka =10ma v ka =36v~ 10v -0.5 -2.0 mv/v reference i nput c urrent (f ig.2 ) l ref i ka = 10ma,r 1 =10 k ? r 2 = 1.5 4 a deviation of r eference i n put c urrent o ver f ull t emperature r ange (fig.2) l ref /t l ka =10ma, r 1 =10 k ? r 2 = 0.4 1.2 a minimum cathode current for r egu lati on (fig.1) i ka(min) v ka =v ref 0.45 1.0 ma off-state cathode current (fig .3) i ka(off) v ka =36v,v ref =0 0.05 1.0 a dynamic i m pe dance z ka v ka =v ref, l ka =1 to 100ma f 1.0 k hz 0.15 0.5 ? n ote: t min = -25 ,t max =+ 85 classification ri v ref rank  0 .5%  1% range 2.487-2.51 3 2.475-2. 525 i k v ref v ka input figure 1. test circuit for v ka = v ref input i k r2 i ref v ref v ka r1 figure 2. test circuit for v ka > v ref v ka  v ref  1  r1 r2   i ref  r1 i of f input v ka figure 3. test circuit for i off t min t a t max t a =-25 to 85 electrical ch aracteristics (t a =25 unless otherwise noted)
3 h igh diode semiconductor typical characteristics -2 -1 0 1 2 3 -100 -5 0 0 50 100 150 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -200 -100 0 100 200 300 400 500 600 700 800 v ka =v ref t a =25 cat hode voltage v ka , cat hode voltage (v) i k , cathode current (ma) v ka =v ref t a =25 ca t hode current versus ca thode voltage i k , cathode current (ua) v ka , cat hode voltage (v) i ka( min) ka ka ref t e st circuit for v ka =v ref
4 h igh diode semiconductor typical characteristics - 40 -20 0 20406080100 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 30 35 40 -20 -16 -12 -8 -4 0 - 40 -20 0 20406080100 0 100 200 300 400 500 600 700 v ka =36v v re f =0v o ff-sta te cathode current versus ambient temperature t a , am bient t emperature ( ) i off , off-state cathode current (na) i k =10ma t a =25 cha nge i n reference input voltage versus cathode voltage v re f , ref erence input voltage (mv) v ka , cat ho de voltage (v) i k =10m a r 1 =10k ? re fe rence input current versus ambient temperature t a , am bient t emperature ( ) i re f , reference input current (na) t est circuit for i ref t est circuit for i off t est circuit for v ka =v ref ( 1+r1/r2 ) +r1*i ref
5 jshd jshd h igh diode semiconductor package outline dimensions sot-23 suggested pad layout sot-23
reel taping specifications for surface mount devices-sot-23 h igh diode semiconductor 30 6


▲Up To Search▲   

 
Price & Availability of TL431-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X