Part Number Hot Search : 
PIC33 B5819 T110018 12800 TGLR9025 BU95101 BU95101 0V8X20
Product Description
Full Text Search
 

To Download SY100EPT28LZG-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 pin function d_lvttl low voltage ttl input q_lvttl low voltage ttl output d_lvpecl low voltage differential pecl inputs /d_lvpecl with 75k ? internal pull-down q_lvpecl low voltage differential pecl outputs /q_lvpecl v cc 3.3v positive supply gnd ground 3v lvttl-to-differential lvpecland differential lvpecl-to-lvttl translator ecl pro sy10ept28l sy100ept28l rev.: c amendment: /0 issue date: november 2005 description 3.3v 10% power supply guaranteed ac parameters over temperature:f max > 275mhz (lvttl) < 2ns lvpecl-to-lvttl propagation delay < 600ps lvttl-to-lvpecl propagation delay internal 75k ? input pull-down resistors industrial temperature range: ?0 c to +85 c available in 8-pin msop and soic packages the sy10/100ept28l is a differential lvpecl-to- lvttl translator and a lvttl-to-differential lvpecltranslator in a single package. because lvpecl (positive ecl) levels are used, only +3.3v and ground are required. the small outline 8-pin package and the dual translation design of the ept28l makes it ideal for applications which are sending and receiving signals across a backplane. the 100k series includes temperature compensation. thus, logic levels are constant over temperature. data sheets and support documentation can be found on micrel? web site at www.micrel.com. features pin names ecl pro ecl pro is a trademark of micrel, inc. downloaded from: http:///
2 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10ept28lzi z8-1 industrial hep28 sn-pb sy10ept28lzitr (2) z8-1 industrial hep28 sn-pb sy100ept28lzi z8-1 industrial xep28 sn-pb sy100ept28lzitr (2) z8-1 industrial xep28 sn-pb sy10ept28lki k8-1 industrial hp28 sn-pb sy10ept28lkitr (2) k8-1 industrial hp28 sn-pb sy100ept28lki k8-1 industrial xp28 sn-pb sy100ept28lkitr (2) k8-1 industrial xp28 sn-pb sy10ept28lzg (3) z8-1 industrial hep28 with nipdau pb-free bar-line indicator pb-free sy10ept28lzgtr (2, 3) z8-1 industrial hep28 with nipdau pb-free bar-line indicator pb-free sy100ept28lzg (3) z8-1 industrial xep28 with nipdau pb-free bar-line indicator pb-free sy100ept28lzgtr (2, 3) z8-1 industrial xep28 with nipdau pb-free bar-line indicator pb-free sy10ept28lkg (3) k8-1 industrial hp28 with nipdau pb-free bar-line indicator pb-free sy10ept28lkgtr (2, 3) k8-1 industrial hp28 with nipdau pb-free bar-line indicator pb-free sy100ept28lkg (3) k8-1 industrial xp28 with nipdau pb-free bar-line indicator pb-free sy100ept28lkgtr (2, 3) k8-1 industrial xp28 with nipdau pb-free bar-line indicator pb-free notes: 1. contact factory for die availability. dice are guaranteed at t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 1 d_lvpecl / d_lvpecl q_lvpecl /q-lvpecl 8 vcc q_lvttl d_lvttl gnd 76 5 23 4 lvpecl lvttl top view (available in msop or soic package) downloaded from: http:///
3 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 symbol rating value unit v cc power supply voltage ?.5 to +3.8 v v in input voltage 0 to v cc v i out lvpecl output current ?ontinuous 50 mv ?urge 100 t a operating temperature range ?0 to +85 c t lead lead temperature (soldering, 20sec.) +260 c t store storage temperature range ?5 to +150 c ja package thermal resistance ?till-air (soic) 160 c/w (junction-to-ambient) ?00lfpm (soic) 109 ?till-air (msop) 206 c/w ?00lfpm (msop) 155 jc package thermal resistance (soic) 39 c/w (junction-to-case) (msop) 39 absolute maximum ratings (1) t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition v cc power supply voltage 3.0 3.3 3.6 3.0 3.3 3.6 3.0 3.3 3.6 v i cc power supply current 20 40 22 40 25 40 ma dc electrical characteristics (2) t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition v oh output high 10ept 2165 2290 2415 2230 2355 2480 2290 2415 2540 mv note 3 voltage 100ept 2155 2280 2405 2155 2280 2405 2155 2280 2405 v ol output low 10ept 1365 1490 1615 1430 1555 1680 1490 1615 1740 mv note 3 voltage 100ept 1355 1480 1605 1355 1480 1605 1355 1480 1605 v ih input high 10ept 2090 2415 2155 2480 2215 2540 mv note 3 voltage 100ept 2075 2420 2075 2420 2075 2420 v il input low 10ept 1365 1690 1430 1755 1490 1815 mv note 3 voltage 100ept 1355 1675 1355 1675 1355 1675 i ih input high current 150 150 150 av in = 3.46v i il input low current /d, d 0.5 0.5 0.5 0.5 a c in input capacitance (soic) 0.75 p f (msop) 1 . 1p f notes: 1. permanent device damage may occur if absolute maximum ratings are exceeded. this is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. 2. 10/100kept circuits are designed to meet the dc specifications shown in the above tables after thermal equilibrium has been established. thecircuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 3. input and output parameters vary 1:1 with v cc . lvpecl dc electrical characteristics (2) v cc = 3.3v 10% downloaded from: http:///
4 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition v oh output high voltage 2.0 2.0 2.0 v i oh = ?ma v ol output low voltage 0.5 0.5 0.5 v i oh = ?4ma v ih input high voltage 2.0 2.0 2.0 v v il input low voltage 0.8 0.8 0.8 v v ik input clamp voltage ?.2 ?.2 ?.2 v i ik = ?8ma i ih input high current 20 20 20 av in = 2.7v 100 100 100 av in = v cc i il input low current ?.2 ?.2 ?.2 av in = 0.5v i out(sc) lvttl output ?75 ?0 ?75 ?0 ?75 ?0 ma v out = 0v short-circuit current c in input capacitance (soic) 0.75 pf (msop) 1.1 pf lvttl dc electrical characteristics (4) v cc = 3.3v 10% t a = ?0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. unit condition f max maximum frequency output lvpecl 700 700 700 mhz toggle lvttl 275 350 275 350 275 350 mhz frequency t plh propagation delay t phl d_lvpecl ? q_lvttl 1.5 2.5 1.5 2.5 1.5 2.5 ns c l = 20pf q_lvttl ? d_lvpecl 100 400 600 100 400 600 100 400 600 ps 50 ? to v cc ?.0 v cmr lvpecl 1.2 v cc 1.2 v cc 1.2 v cc v common mode range v pp lvpecl input voltage swing 100 100 100 mv note 5 (single-ended) lvpecl output rise/fall times 200 500 200 500 200 500 ns 50 ? to v cc ?.0 t r , t f (20% to 80%) lvttl output rise/fall times 0.5 1.0 0.5 1.0 0.5 1.0 ns c l = 20pf (10% to 90%) t dc duty cycle 45 50 55 45 50 55 45 50 55 % t jitter cycle-to-cycle jitter (rms) 0.2 < 1 0.2 < 1 0.2 < 1 ps rms 4. 10/100kept circuits are designed to meet the dc specifications shown in the above tables after thermal equilibrium has been established. thecircuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. 5. v pp (min) is the minimum input swing for which ac parameters are guaranteed. ac electrical characteristics (4) v cc = +3.3v 10% downloaded from: http:///
5 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 termination recommendations r282 ? r282 ? z o = 50 ? z o = 50 ? +3.3v +3.3v v t = v cc ? v r1130 ? r1130 ? +3.3v figure 1. lvpecl parallel termination?hevenin equivalent z = 50 ? z = 50 ? 50 ? 50 ? +3.3v +3.3v source destination r b figure 2. lvpecl three-resistor ??ermination notes:1. power-saving alternative to 4-resistor, thevenin termination. 2. place termination resistors as close to destination inputs as possible. 3. r b resistor sets the dc bias voltage, equal to v t . for 3.3v supply, r b value is between 46 ? to 50 ? . downloaded from: http:///
6 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 8-pin msop (k8-1) rev. 01 downloaded from: http:///
7 ecl pro sy10ept28l sy100ept28l micrel, inc.m9999-111605 hbwhelp@micrel.com or (408) 955-1690 8-pin soic .150" wide (z8-1) rev. 03 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. a purchaser? use or sale of micrel products for use in life support appliances, devices or systems is at purchaser? own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ?2005 micrel, incorporated. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of SY100EPT28LZG-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X