Part Number Hot Search : 
120RW MX29L 1650720 BC847BPN PTB20146 DO1605T RSB16VA R68FF
Product Description
Full Text Search
 

To Download SY100EL33LZG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 precision edge sy10el33/l sy100el33/l micrel, inc. m9999-120406 hbwhelp@micrel.com or (408) 955-1690 description features pin names 5v/3.3v 4 divider pin function clk clock inputs reset asynchronous reset v bb reference voltage output q data outputs precision edge sy10el33/l sy100el33/l 3.3v and 5v power supply options 650ps propagation delay 4.0ghz toggle frequency high bandwidth output transistions internal 75k ? input pull-down resistors available in 8-pin soic package the sy10/100el33/l are integrated 4 dividers. the differential clock inputs and the v bb allow a differential, single-ended or ac-coupled interface to the device. if used, the v bb output should be bypassed to ground with a 0.01 f capacitor. also note that the v bb is designed to be used as an input bias on the el33/l only; the v bb output has limited current sink and source capability. the reset pin is asynchronous and is asserted on the rising edge. upon power-up, the internal flip-flops will attain a random state; the reset input allows for the synchronization of multiple el33/ls in a system. rev.: h amendment: /0 issue date: december 2006 precision edge is a registered trademark of micrel, inc. precision edge downloaded from: http:///
2 precision edge sy10el33/l sy100el33/l micrel, inc. m9999-120406 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information (1) package operating package lead part number type range marking finish sy10el33zc z8-1 commercial hel33 sn-pb sy10el33zctr (2) z8-1 commercial hel33 sn-pb sy100el33zc z8-1 commercial xel33 sn-pb sy100el33zctr (2) z8-1 commercial xel33 sn-pb sy10el33zi z8-1 industrial hel33 sn-pb sy10el33zitr (2) z8-1 industrial hel33 sn-pb sy100el33zi z8-1 industrial xel33 sn-pb sy100el33zitr (2) z8-1 industrial xel33 sn-pb sy10el33lzc z8-1 commercial hel33l sn-pb sy10el33lzctr (2) z8-1 commercial hel33l sn-pb sy100el33lzc z8-1 commercial xel33l sn-pb sy100el33lzctr (2) z8-1 commercial xel33l sn-pb sy10el33lzi z8-1 industrial hel33l sn-pb sy10el33lzitr (2) z8-1 industrial hel33l sn-pb sy100el33lzi z8-1 industrial xel33l sn-pb sy100el33lzitr (2) z8-1 industrial xel33l sn-pb sy10el33zg (3) z8-1 industrial hel33 with pb-free pb-free bar-line indicator nipdau sy10el33zgtr (2, 3) z8-1 industrial hel33 with pb-free pb-free bar-line indicator nipdau sy100el33zg (3) z8-1 industrial xel33 with pb-free pb-free bar-line indicator nipdau sy100el33zgtr (2, 3) z8-1 industrial xel33 with pb-free pb-free bar-line indicator nipdau sy10el33lzg (3) z8-1 industrial hel33l with pb-free pb-free bar-line indicator nipdau sy10el33lzgtr (2, 3) z8-1 industrial hel33l with pb-free pb-free bar-line indicator nipdau SY100EL33LZG (3) z8-1 industrial xel33l with pb-free pb-free bar-line indicator nipdau SY100EL33LZGtr (2, 3) z8-1 industrial xel33l with pb-free pb-free bar-line indicator nipdau notes: 1. contact factory for die availability. dice are guaranteed a t t a = 25 c, dc electricals only. 2. tape and reel. 3. pb-free package is recommended for new designs. 8-pin soic (z8-1) 1 2 3 4 5 6 7 8 reset v cc q v ee clk v bb q r clk 4 downloaded from: http:///
3 precision edge sy10el33/l sy100el33/l micrel, inc. m9999-120406 hbwhelp@micrel.com or (408) 955-1690 ac electrical characteristics (1) v ee (min) to v ee (max); v cc = gnd t a = C40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max . unit f max maximum toggle 3.4 4.2 3.8 4.2 3.8 4.2 3.8 4.2 ghz frequency t pd prop. delay to output d 490 630 770 540 630 720 550 640 730 590 6 70 760 ps reset to q 310 460 610 360 460 560 360 460 560 380 480 580 v pp minimum input swing (2) 150 150 150 150 mv t r output rise/fall times q 100 225 350 100 225 350 100 225 350 100 225 350 ps t f (20% to 80%) notes: 1. parametric values specified at: 5 volt power supply range 100el33 series: -4.2v to -5.5v. 10el33 series -4.75v to -5.5v. 3 volt power supply range 10/100el33l series: -3.0v to -3.8v. 2. minimum input swing for which ac parameters are guaranteed. dc electrical characteristics (1) t a = C40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max . unit i ee power supply current ma 10el 27 33 27 33 27 33 27 33 100el 27 33 27 33 27 33 31 37 v bb output reference v voltage 10el C1.43 C1.30 C1.38 C1.27 C1.35 C1.25 C1.31 C1. 19 100el C1.38 C1.26 C1.38 C1.26 C1.38 C1.26 C1.38 C1.26 i ih input high current 150 150 150 150 a v ee (min) to v ee (max); v cc = gnd note: 1. parametric values specified at: 5 volt power supply range 100el33 series: -4.2v to -5.5v. 10el33 series -4.75v to -5.5v. 3 volt power supply range 10/100el33l series: -3.0v to -3.8v. downloaded from: http:///
4 precision edge sy10el33/l sy100el33/l micrel, inc. m9999-120406 hbwhelp@micrel.com or (408) 955-1690 8-pin soic .150" wide (z8-1) rev. 03 micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this datasheet is belie ved to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifications at an y time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life suppo rt devices or systems are devices or systems that (a) are intended for surgica l implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant in jury to the user. a purchasers use or sale of micrel products for use in life support appliances, devices or systems is at purchasers own risk and purchaser agrees to fully in demnify micrel for any damages resulting from such use or sale. ? 2005 micrel, incorporated. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of SY100EL33LZG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X