transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification m aximum ratings (@t a = 25c unless otherwise specified) notes: 1. non - repetitive current pules, per fig. 3 and derate above ta=25 per fig. 2. rating is 300w above 78v. 2. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal. 3. mounted on minimum recommended pad layout. features ? optimized for lan protection applications ? low profile package with built - in strain relief for surface mounted applications ? low incremental surge resistance, excellent clamping capability ? 400w peak pulse power capability with a 10/1000|s wave ? form, repetition rate (duty cycle): 0.01% (300w above 78v) ? very fast response time ? high temperature soldering guaranteed: 250 c / 10 seconds at terminals m echanical data ? case: sm a molded plastic ? molding compound, ul flammability classification rating 94v - 0 ? terminals: solder plated, solderable per mil - std - 202,method 208 ? polarity: color band denotes cathode end devices for bidirectional applications ? for bi - directional devices, use suffix c or ca (e.g. smaj10c, smaj10ca). electrical characteristics apply in both directions. parameter symbol value u nits peak power dissipation with a 10/1000s waveform (note 1,2, fig.1) p ppm minimum 400 w peak pulse current with a 10/1000s w aveform (note 1) i ppm see next table a typical thermal resistance, junction to ambient (note 3) r ja 120 /w peak forward surge current, 8.3ms single half sine - wave uni - directional only (note 2) i fsm 40.0 a typical thermal resistance, junction to ambient (note 3) r j l 30 /w operating junction and storage temperature range t j , t stg -55--- +150
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification electrical c haracteristics (@t a = 25c unless otherwise specified) type device marking code breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp uni bi v i t v rwm i r i pp v c min max m a v u a a v smaj5.0 aad awd 6.4 7.81 10 5.0 800 41.7 9.6 smaj5.0a aae awe 6.4 7.08 10 5.0 800 43.5 9.2 smaj6.0 aaf awf 6.67 8.15 10 6.0 800 35.1 11.4 smaj6.0a aag awg 6.67 7.37 10 6.0 800 38.8 10.3 smaj6.5 aah awh 7.22 8.82 10 6.5 500 32.5 12.3 smaj6.5a aak awk 7.22 7.98 10 6.5 500 35.7 11.2 smaj6. 8 aed afd 7.56 9.24 10 6.8 200 33.1 12.1 smaj6. 8 a aee afe 7.56 8.35 10 6.8 200 36.4 11 .0 smaj7.0 aal awl 7.78 9.51 10 7.0 200 30.1 13.3 smaj7.0a aam awm 7.78 8.6 10 7.0 200 33.3 12 smaj7.5 aan awn 8.33 10.3 1.0 7.5 100 28.0 14.3 smaj7.5a aap awp 8.33 9.21 1.0 7.5 100 31.0 12.9 smaj8.0 aaq awq 8.89 10.9 1.0 8.0 50 26.7 15.0 smaj8.0a aar awr 8.89 9.83 1.0 8.0 50 29.4 13.6 smaj8.5 aas aws 9.44 11.5 1.0 8.5 10 25.2 15.9 smaj8.5a aat awt 9.44 10.4 1.0 8.5 10 27.8 14.4 smaj9.0 aau awu 10.0 12.2 1.0 9.0 5.0 23.7 16.9 smaj9.0a aav awv 10.0 11.1 1.0 9.0 5.0 26.0 15.4 smaj10 aaw aww 11.1 13.6 1.0 10 5.0 21.3 18.8 smaj10a aax awx 11.1 12.3 1.0 10 5.0 23.5 17.0 smaj11 aay awy 12.2 14.9 1.0 11 5.0 19.9 20.1 smaj11a aaz awz 12.2 13.5 1.0 11 5.0 22.0 18.2 smaj12 abd axd 13.3 16.3 1.0 12 5.0 18.2 22.0 smaj12a abe axe 13.3 14.7 1.0 12 5.0 20.1 19.9 smaj13 abf axf 14.4 17.6 1.0 13 5.0 16.8 23.8 smaj13a abg axg 14.4 15.9 1.0 13 5.0 18.6 21.5 smaj14 abh axh 15.6 19.1 1.0 14 5.0 15.5 25.8 smaj14a abk axk 15.6 17.2 1.0 14 5.0 17.2 23.2 smaj15 abl axl 16.7 20.4 1.0 15 5.0 14.9 26.9 smaj15a abm axm 16.7 18.5 1.0 15 5.0 16.4 24.4
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification type device marking code breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp uni bi v i t v rwm i r i pp v c min max m a v u a a v smaj16 abn axn 17.8 21.8 1.0 16 5.0 13.9 28.8 smaj16a abp axp 17.8 19.7 1.0 16 5.0 15.4 26 smaj17 abq axq 18.9 23.1 1.0 17 5.0 13.1 30.5 smaj17a abr axr 18.9 20.9 1.0 17 5.0 14.5 27.6 smaj18 abs axs 20.0 24.4 1.0 18 5.0 12.4 32.2 smaj18a abt axt 20.0 22.4 1.0 18 5.0 13.7 2 9.2 smaj20 abu axu 22.2 27.1 1.0 20 5.0 11.2 35.8 smaj20a abv axv 22.2 24.5 1.0 20 5.0 12.3 32.4 smaj22 abw axw 24.4 29.8 1.0 22 5.0 10.2 39.4 smaj22a abx axx 24.4 26.9 1.0 22 5.0 11.3 35.5 smaj24 aby axy 26.7 32.6 1.0 24 5.0 9.3 43.0 smaj24a abz axz 26.7 29.5 1.0 24 5.0 10.3 38.9 smaj26 acd ayd 28.9 35.3 1.0 26 5.0 8.6 46.6 smaj26a ace aye 28.9 31.9 1.0 26 5.0 9.5 42.1 smaj28 acf ayf 31.3 38 1.0 28 5.0 8.0 50.0 smaj28a acg ayg 31.3 34.4 1.0 28 5.0 8.8 45.4 smaj30 ach ayh 33.3 40.7 1.0 30 5.0 7.5 53.5 smaj30a ack ayk 33.3 36.8 1.0 30 5.0 8.3 48.4 smaj33 acl ayl 36.7 44.9 1.0 33 5.0 6.8 59.0 smaj33a acm aym 36.7 40.6 1.0 33 5.0 7.5 53.3 smaj36 acn ayn 40.0 48.9 1.0 36 5.0 6.2 64.3 smaj36a acp ayp 40.0 44.2 1.0 36 5.0 6.9 58.1 smaj40 acq ayq 44.4 54.3 1.0 40 5.0 5.6 71.4 smaj40a acr ayr 44.4 49.1 1.0 40 5.0 6.2 64.5 smaj43 acs ays 47.8 58.4 1.0 43 5.0 5.2 76.7 smaj43a act ayt 47.8 52.8 1.0 43 5.0 5.8 69.4 smaj45 acu ayu 50.0 61.1 1.0 45 5.0 5.0 80.3 smaj45a acv ayv 50.0 55.3 1.0 45 5.0 5.5 72.7 smaj48 acw ayw 53.3 65.1 1.0 48 5.0 4.7 85.5 smaj48a acx ayx 53.3 58.9 1.0 48 5.0 5.2 77.4 smaj50 aef aff 55.5 67.8 1.0 50 5.0 4.5 89.5 smaj50a aeg afg 55.5 61.3 1.0 50 5.0 4.9 81
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification type device marking code breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp uni bi v i t v rwm i r i pp v c min max m a v u a a v smaj51 acy ayy 56.7 69.3 1.0 51 5.0 4.4 91.1 smaj51a acz ayz 56.7 62.7 1.0 51 5.0 4.9 82.4 smaj54 ard azd 60.0 73.3 1.0 54 5.0 4.2 96.3 smaj54a are aze 60.0 66.3 1.0 54 5.0 4.6 87.1 smaj5 6 aty auy 62.2 76 1 56 5 4.0 99.9 smaj5 6 a atz auz 62.2 68.8 1 56 5 4. 4 90.3 smaj58 arf azf 64.4 78.7 1.0 58 5.0 3.9 103 smaj58a arg azg 64.4 71.2 1.0 58 5.0 4.3 93.6 smaj60 arh azh 66.7 81.5 1.0 60 5.0 3.7 107 smaj60a ark azk 66.7 73.7 1.0 60 5.0 4.1 96.8 smaj63 arl azl 69.9 85.4 1.0 63 5.0 3.5 112.8 smaj63a arm azm 69.9 77.2 1.0 63 5.0 3.9 102.1 smaj64 arn azn 71.1 86.9 1.0 64 5.0 3.5 114 smaj64a arp azp 71.1 78.6 1.0 64 5.0 3.9 103 smaj 70 aeh af h 77.8 95.1 1.0 70 5.0 3.2 125 smaj 70a aek afk 77.8 86.0 1.0 70 5.0 3.5 113 smaj75 arq azq 83.3 102 1.0 75 5.0 3.0 134 smaj75a arr azr 83.3 92.1 1.0 75 5.0 3.3 121 smaj78 ars azs 86.7 106 1.0 78 5.0 2.9 139 smaj78a art azt 86.7 95.8 1.0 78 5.0 3.2 126 smaj85 aru azu 94.4 115 1.0 85 5.0 2.6 151 smaj85a arv azv 94.4 104 1.0 85 5.0 2.9 137 smaj90a arx azx 100 111 1.0 90 5.0 2.7 146 smaj100 ary azy 111 136 1.0 100 5.0 2.2 179 smaj100a arz azz 111 123 1.0 100 5.0 2.5 162 smaj110 asd avd 122 149 1.0 110 5.0 2.0 196 smaj110a ase ave 122 135 1.0 110 5.0 2.3 177 smaj120 asf avf 133 163 1.0 120 5.0 1.9 214 smaj120a asg avg 133 147 1.0 120 5.0 2.1 193 smaj130 ash avh 144 176 1.0 130 5.0 1.7 231 smaj130a ask avk 144 159 1.0 130 5.0 1.9 209
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification type device marking code breakdown voltage v br @i t test current reverse standoff voltage max. reverse leakage@ v rwm max. peak pulse current max. clamping voltage @i pp uni bi v i t v rwm i r i pp v c min max m a v u a a v smaj150 asl avl 167 204 1.0 150 5.0 1.5 268 smaj 150a asm avm 167 185 1.0 150 5.0 1.6 243 smaj160 asn avn 178 218 1.0 160 5.0 1.4 287 smaj160a asp avp 178 197 1.0 160 5.0 1.5 259 smaj170 asq avq 189 231 1.0 170 5.0 1.3 304 smaj170a asr avr 189 209 1.0 170 5.0 1.5 275 smaj17 5 ael afl 194. 6 237.8 1.0 175 5.0 1.3 309.8 smaj17 5 a aem afm 194.6 215.2 1.0 175 5.0 1.4 280.3 smaj180 atw auw 200 245 1.0 180 5.0 1.2 321 smaj180a atx aux 200 221 1.0 180 5.0 1.4 291 smaj188 ast avt 209 255 1.0 188 5.0 1.2 344 smaj188a ass avs 209 231 1.0 188 5.0 1.2 328 smaj200 asu avu 222 272 1.0 200 5.0 1.1 356 smaj200a asv avv 222 246 1.0 200 5.0 1.2 323 smaj220 asw avw 245 299 1.0 220 5.0 1.0 392 smaj220a asx avx 245 270 1.0 220 5.0 1.1 355 smaj240 asy avy 267 326 1.0 240 5.0 0.9 428 smaj240a asz avz 267 295 1.0 240 5.0 1.0 388 smaj250 ats aus 278 340 1.0 250 5.0 0.9 446 smaj250a att aut 278 307 1.0 250 5.0 1.0 404 smaj300 atf auf 333 408 1.0 300 5.0 0.7 535 smaj300a atg aug 333 368 1.0 300 5.0 0.8 485 smaj350 atq auq 389 476 1.0 350 5.0 0.6 624 smaj350a atr aur 389 430 1.0 350 5.0 0.7 565 smaj360 ath auh 400 489 1.0 360 5.0 0.6 642 smaj360a atk auk 400 442 1.0 360 5.0 0.7 582 smaj400 atl aul 445 544 1.0 400 5.0 0.6 713 smaj400a atm aum 445 491 1.0 400 5.0 0.6 646 smaj440 atn aun 489 598 1.0 440 5.0 0.5 784 smaj440a atp aup 489 540 1.0 440 5.0 0.6 711
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification ratings and characteristic curves (t a =25 c unless otherwise noted)
transient v oltage s uppressor smaj5.0 -- smaj440ca sma601aa www. gmesemi.com rev. b production specification package outline dimensions (unit:mm) mounting pad layout (unit:mm) ordering information part no. package shipping smaj5.0 - smaj440ca sma 5000 /tape&reel
|