Part Number Hot Search : 
BYD33JP M1313 1084197 LQH32C 2A1209XS IN7100 540PWC ISL6527A
Product Description
Full Text Search
 

To Download SBL20U200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBL20U200 voltage 200v 20.0 amp low vf trench barrier schottky rectifier 12-jun-2015 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 11 1 2 22 2 3 33 3 a m p j k l l g f b n d e o c h rohs compliant product a suffix of -c specifies halogen free features  trench barrier schottky technology  low forward voltage drop  low reverse current  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 200 v working peak reverse voltage v rsm 200 v maximum dc blocking voltage v dc 200 v (per leg) 10 maximum average forward rectified current (per device) i f 20 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 200 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 2 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.7 0.74 i f = 3a, t j = 25c 0.85 0.95 i f = 10a, t j = 25c maximum instantaneous forward voltage v f 0.7 - v i f = 10 a, t j = 125c - 0.2 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 20 ma t j =100c typical junction capacitance 1 c j 255 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to - 220 millimeter millimeter ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1. 45 h 3.5 4.5
elektronische bauelemente SBL20U200 voltage 200v 20.0 amp low vf trench barrier schottky rectifier 12-jun-2015 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBL20U200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X