Part Number Hot Search : 
01610 TEA571 TLMY3100 051AE CEP60N10 SST25 15KPA150 M48T59Y
Product Description
Full Text Search
 

To Download S5GCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount r ectifiers s 5d c f --s5 m c f scf 001 aa www. gmesemi .com rev. b production specification features ? for surface mounted applications ? ideal for automated placement ? low forward voltage drop ? high surge current capability ? rohs compliant m echanical data ? case: sm c f molded plastic ? molding compound, ul flammability classification rating 94v - 0 ? terminals: solder plated, solderable per mil - std - 202,method 208 ? polarity: color band denotes cathode end m aximum ratings (@t a = 25c unless otherwise specified) characteristic symbol s5 d c f s5 g c f s5 j c f s5 k c f s5 m c f u nits peak r epetitive r everse v oltage v rrm 200 400 600 800 1000 v rms r everse v oltage v rms 140 280 420 560 700 v dc b locking v oltage v dc 200 400 600 800 1000 v maximum average forward o utput current i f(av) 5.0 a peak forward surge current , 8.3ms single half - sine - wave @t j = 25c i fsm 150 a t hermal characteristics n ote : 1 . device mounted on pcb with 10 mm x 20 mm x 0.1mm copper pad areas parameter symbol s5dcf S5GCF s5jcf s5kcf s5mcf u nits typical thermal resistance (n ote 1) r ja r jc r j l 27 c /w 10 4 operating junction temperature range t j - 55 ---- + 150 c storage temperature range t stg - 55 ---- + 150 c
surface mount r ectifiers s 5d c f --s5 m c f scf 001 aa www. gmesemi .com rev. b production specification electrical c haracteristics (@t a = 25c unless otherwise specified) parameter symbol test conditions typ. m ax. u nits maximum instantaneous forward voltage v f i f = 5.0 a -- 1.15 v maximum reverse current i r rated v r @t a =25c -- 10 a @t a =1 25c -- 250
surface mount r ectifiers s 5d c f --s5 m c f scf 001 aa www. gmesemi .com rev. b production specification ratings and characteristic curves (t a =25 c unless otherwise noted) fig.1 - forward current derating curve fig. 2 - surge current derating curve fig. 3 - typical forward voltage characteristic fig. 4 - typical reverse characteristic 0 30 60 90 120 150 1 10 100 0.01 0.1 1 10 10 20 30 40 50 60 70 80 90 100 0.1 1 10 0.5 0.6 0.7 0.8 0.9 1.0 1.1 forward current i f (a) forward voltage ,v f (v) case temperature c i fsm , peak forward surge current (a) number of cycles at 60h z reverse current ,i r ( a) reverse voltage ,v r (%) tj=125 tj=75 tj=125 tj=75 tj=25 average current (a) tj=25 0 1 2 3 4 5 0 25 50 75 100 125 150
surface mount r ectifiers s 5d c f --s5 m c f scf 001 aa www. gmesemi .com rev. b production specification package outline dimensions (unit:mm) mounting pad layout (unit:mm) ordering information part no. marking package shipping s5dcf s5dcf smcf 3000 /tape&reel S5GCF S5GCF smc f 3000 /tape&reel s5jcf s5jcf smc f 3000 /tape&reel s5kcf s5kcf smc f 3000 /tape&reel s5mcf s5mcf smc f 3000 /tape&reel 7.0 3 . 8 7.80/8.20 5 . 8 0 / 6 . 2 0 0 . 4 0 / 0 . 6 0 0.60/1.40 3 . 1 0 / 3 . 3 0 1 . 8 5 / 2 . 1 5 6.80/7.20


▲Up To Search▲   

 
Price & Availability of S5GCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X