Part Number Hot Search : 
100TS C847B BCP51115 EI4036MS GCJ31 C5622 XC68HC08 M200D
Product Description
Full Text Search
 

To Download NR887D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  44 ics 1-1-3 dc/dc converter ics electrical characteristics unit v mv/ ? % khz mv mv a ma a a v a v % nsec ?? 1bsbnfufs reference voltage temperature coefficient of reference voltage efficiency oscillation frequency line regulation load regulation overcurrent protection starting current quiescent circuit current 1 quiescent circuit current 2 ss pin outflow current at low voltage open voltage en pin inflow current on threshold voltage maximum on duty minimum on time thermal protection start temperature thermal protection return hysteresis (ta=25 c, v in =12v, v o =3.3v, and io=1.0a, unless otherwise specified) ratings min. typ. max. 0.784 0.800 0.816 0.05 90 400 500 600 50 50 3.1 6.0 6 10 61 01 4 3.0 50 100 0.7 1.4 2.1 90 150 151 165 20 *: pin 8 is the ss pin. soft start at power on can be performed with a capacitor connected to this pin. the ss pin is pulled up to the power supply in the ic, so applying the external voltage is prohibited. $poejujpot 5b C ?up ? 7 */ 7up7 * p up" 7 &/  ? qvmmvqup7 */ * p " 7 &/ 7 7 44 7 7 &/ 7 ss y4pgutubsu 8 c9 NR887D full-mold, separate excitation step-down switching mode regulator ics NR887D features ? dip 8 pin package ? input voltage range (v in ): v o + 3 to 18 v ? synchronous rectifier mode ? high efficiency: 90% ? introduction of current mode control method ? a ceramic capacitor can be used for output ? built-in phase correction component ? output current: 2 a ? reference voltage and accuracy of 0.8 v 2% ? oscillation frequency: 500 khz ? output on/off available ? undervoltage lockout ? soft start function applications ? power supply for lcdtv and pdp ? power supply for dvd, bd, and stb ? on-board local power supply ? power supply for switches current mode control, synchronous rectifier step-down switching mode absolute maximum ratings recommended operating conditions unit v w c c c/w c/w ratings 20 1.50 C40 to +150 C40 to +150 25 67 symbol v in p d t j t stg j-c j-a parameter conditions input voltage power dissipation junction temperature storage temperature thermal resistance (junction to lead (4 pins)) thermal resistance (junction to ambient air) when mounted on a 70 60 mm glass-epoxy board (with a 1310 mm 2 copper area) when mounted on a 70 60 mm glass-epoxy board (with a 1310 mm 2 copper area) unit v a v c ratings 4.5 or v o + 3* to 18 0 up 2.0 0.8 to 14 C40 to +85 4zncpm 7 */ * p 7 p 5 pq parameter input voltage range output current range output voltage range operating temperature range *: the minimum value of the input voltage range is 4.5 v or v o + 3 v, whichever is higher. 4zncpm 7 3&' ?7 3&' ?5 gp 7 -*/& 7 -pbe * t * */ * */ pgg
* &/44 7 44) * &/ 7 $&) %."9 %.*/ 54% 54%@izt downloaded from: http:///
45 ics external dimensions (dip8) pin assignmentq bs w v in e sw r gnd t fb y nc u en i ss plastic mold package typeflammability: ul 94v-0 product mass: approx. 0.49g (unit : mm) block diagram t ypical connection diagram c1, c2: 10 f/25v c4, c5: 22 f/16v c9: 0.1 f c10: 0.1 f l1: 10 h r3: 20 
to 47 
r4+r5: 5k 
y y (v o =3.3v) r6: 1.6k 
76 4 en 3.5v 5v 0.8v 3.5v 0.8v 5v error amp 10ua nc gnd on/ off osc ocp + ++ - - current sense pwm logic ss fb sw bs in ss 8 5 3 1 2 compensation drive reg p. reg vref tsd uvlo NR887D vin c1 c9 7 21 35 r3 l1 r4r5 r6 option d1 c4 c5 v out bs vin sw fb ss en nc gnd c10 8 46 c2 NR887D 7 8 2 1 54 63 9.4 0.3 0.5 0.1 0 to 15 6.5 0.2 3.4 0.1 3.3 0.2 4.2 0.3 7.5 0.5 1.0 +0.3 - 0.05 1.5 +0.3 - 0.05 0.25 +0.1 - 0 .05 2.54 7.6 0.25 m 0.89 typ downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of NR887D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X