Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download MU1000S-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maintenance-free sealed lead acid battery. absorbent glass mat (agm) technology for efficient gas recombination of up to 99%. design life up to 20 years in standby service at 25 2.21 ~ 2.25 vdc/unit at 25 ( 77 H ) eurobat (20 ) : 12 years and longer, long life equalization charging voltage operating temperature range 2.35 vdc/unit at 25 (77 H ) less than 10% after 90 days, can be stored up to 6 months at 25 (77 H ); fully recharging is required before usage, and charged sooner if stored storage: -20 ~ 40 (-4 H ~104 H ) at higher temperature than 25 (77 H ). nominal capacity 6000 a ( 5sec ) approx. 0.37m -- 300 a terminal hardware torque 612 kgf-cm / 531 lbf-in / 60.0 n-m flame retardant polypropylene (ul 94-v0) length (l) 303.03.0 mm 11.930.12 inch width (w) 172.03.0 mm 6.770.12 inch depth (d) 497.03.0 mm 19.570.12 inch f.v/time 30min 60min 90min 2hr 3hr 4hr 5hr 6hr 8hr 10hr 20hr 24hr 1.60v 1087 678 509 417 313 246 205 175 137 112 56.0 46.7 1.67v 1042 662 498 407 306 242 200 172 134 110 55.0 45.8 1.70v 983 637 483 394 295 235 194 167 130 106 53.0 44.2 1.75v 901 602 459 377 283 227 188 162 127 104 52.0 43.3 1.80v 807 553 427 355 267 216 179 155 122 100 50.0 41.7 1.83v 714 503 394 331 250 204 169 146 117 95.0 47.5 39.6 f.v/time 30min 60min 90min 2hr 3hr 4hr 5hr 6hr 8hr 10hr 20hr 24hr 1.60v 1707 1173 886 734 554 438 369 317 249 205 103 85.4 1.67v 1678 1152 872 724 548 436 364 315 247 204 102 85.0 1.70v 1642 1121 855 709 534 430 357 311 243 199 99.5 82.9 1.75v 1541 1066 817 682 515 418 348 303 239 197 98.5 82.1 1.80v 1420 990 769 650 491 402 335 291 231 190 95.0 79.2 1.83v 1307 920 725 619 470 388 323 279 225 183 91.5 76.3 please refer to the official site for the lastest rating confirmation. url: www.csb-battery.com issued: 161101 tel: +31(0)180-418-140 tel: +886-2-2880-5600 fax: +31(0)180-418-327 fax: +866-2-2888-3300 tel: +86-10-5820-5336, 5820-5338 fax: +86-10-5820-3053 nominal operating temperature : 25 (77 H ) 2v (single cell per unit) 1000 ah @10hr-rate to 1.80v per cell @25 (77 H ) approx. 62.50 kg (137.75 lbs) i3 thread copper alloy terminal to accept m10 bolt internal resistance discharge : -20 ~ 50 (-4 H ~122 H ) charge: 0 ~ 40 (32 H ~104 H ) specification nominal voltage weight maximum discharge current short circuit current maximum charge current terminal type mu series mu 1000s 2v 1000ah valve regulated lead acid battery design for standby power applications constant power discharge characteristics unit: w (25 H recognized under ul 1989, and certified by iso 9001, 14001. sales offices constant current discharge characteristics unit: a (25 H beijing office (china) tel: +86-755-8831-6488, 8831-6775 tel: +86-21-5046-1622, 5046-0833 tel: +886-2-2880-5600 fax: +866-2-2888-3300 usa office europe (emea) office taipei office tel: +1-817-244-7777 / 1-(800)3-csb-usa (272872) container material fax: +86-755-8831-6075 fax: +86-21-5046-1046 fax: +1-817-244-4445 shenzhen office (china) shanghai office (china) business headquarters dimensions


▲Up To Search▲   

 
Price & Availability of MU1000S-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X