Part Number Hot Search : 
EZQAFDA 30H18 04365 EUP9287 MV3590 T7300455 47M355 LTC1540
Product Description
Full Text Search
 

To Download MPZ1005S331ET000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  february 2015 for power line ghz noise countermeasure emc components mpz1005-e 1005[0402 inch]* * dimensions code jis[eia] chip beads mpz1005-e ty p e mpz-e series
(2/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm emc components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious d amage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components chip beads for power line ghz noise countermeasure features noise reduction solution for power line. lineup includes products with material s, which can attain impedance fr om low frequency bands to high frequency bands at ghz bands, and products with material f, where impedance is steeply raised at ghz bands. compared to the mpz series, it can attain high impedance at ghz bands. compared to the mmz-e series, has low direct current resista nce for compatibility with large cu rrents, optimal for low power consumption. performs well even in signal lines where low direct current resistanc e is required. application noise removal for mobile devices such as smartphones and tablet terminals, and various modules. noise removal for pcs and recor ders, household appliances such as stbs, smart grids, and industrial equipment. part number construction operating temperature range, package quantity, product weight  the storage temperature range is for after the circuit board is mounted. overview of mpz1005-e type mpz 1005 s 121 e t 000 series name lwt dimensions material name impedance characteristic type packaging style internal code (mm) (  ) at 100mhz 1005 1.00.5x0.5 s 221 220 e t taping 000 a 121 120 d f type temperature range package quantity individual weight operating temperature c  storage temperature  c  (pieces/reel) mg  mpz1005-e C55 to +125 C55 to +125 10,000 1 product compatible with rohs directive halogen-free compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type material characteristics s material: standard type that features impedance characteristics similar to those of a typical ferrite core. for signal line ap plications in which the blocking region is near 100mhz. impedance values selected for effectiveness at 40 to 300mhz. a material: this high-impedance product is based on the impedance frequency characteristics of our y-material. the product offer s excellent impedance characteristics, which is greater than 2500  , in the vicinity of 100mhz range (mmz1608a252b). d material: for applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequen cies. designed for high impedance at high frequencies (300mhz to 1ghz) for signal line applications. f material: this new product inherits the characteristic of our d-material, namely its sharp impedance rise time, and its impedance peak frequency has been shifted higher into range. the product offers excellent noise suppression from 600mhz to as high as in the ghz range. typical material impedance characteristics y 0 500 1000 1500 2000 2500 10 100 1000 frequency(mhz) s a d f
(6/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type shape & dimensions recommended land pattern 0.50.05 10.05 0.1min. 0.50.05 dimensions in mm 0.4 0.5 0.5 0.5 dimensions in mm
(7/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type electrical characteristics characteristics specification table  please refer to the graph of rated current vs. temperature characteristics (derating) about the rating current at 85c or more in temperature of the product.  measurement equipment ? equivalent measurement equipment may be used.  rated current vs. temperature characteristics (derating) impedance dc resistance rated current part no. [100mhz] [1ghz] (  ) tolerance (  ) tolerance (  )max. (a)max. 120 25% 200 40% 0.095 1.50 mpz1005s121et000 220 25% 350 40% 0.220 0.90 mpz1005s221et000 330 25% 550 40% 0.280 0.70 MPZ1005S331ET000 150 25% 350 40% 0.180 0.80 mpz1005a151et000 330 25% 800 40% 0.300 0.60 mpz1005a331et000 33 25% 200 40% 0.180 0.80 mpz1005d330et000 75 25% 500 40% 0.300 0.60 mpz1005d750et000 33 25% 400 40% 0.350 0.55 mpz1005f330et000 47 25% 600 40% 0.450 0.45 mpz1005f470et000 measurement item product no. manufacturer impedance e4991a+16192a agilent technologies dc resistance type-7556 yokogawa 0.0 0.8 0.6 0.4 0.2 1.6 1.0 1.2 1.4 C55 C35 C15 5 25 45 65 85 105 125 temperature ( c ) rated current ( a ) s221e s121e s331e a331e f470e a151e, d330e d750e, f330e
(8/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type electrical characteristics z vs. frequency characteristics (by series) mpz1005s-e series mpz1005a-e series mpz1005d-e series mpz1005f-e series 0 100 200 300 400 500 600 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1005s331e mpz1005s221e mpz1005s121e 0 100 200 300 400 500 600 700 800 900 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1005a331e mpz1005a151e 0 100 200 300 400 500 600 700 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mpz1005d750e mpz1005d330e 0 10000 1000 100 10 1 fre quency ( mhz ) impedance ( ) 200 400 600 800 1000 1200 mpz1005f470e mpz1005f330e
(9/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type electrical characteristics z, x, r vs. frequency characteristics mpz1005s121et000 mpz1005s221et000 MPZ1005S331ET000 mpz1005a151et000 mpz1005a331et000 mpz1005d330et000 mpz1005d750et000 mpz1005f330et000 mpz1005f470et000 0 10000 1000 100 10 1 100 300 500 600 200 400 x frequency ( mhz ) impedance ( ) z r 0 10000 1000 100 10 1 100 200 300 400 50 150 250 350 frequency ( mhz ) impedance ( ) z r x 0 10000 1000 100 10 1 100 200 250 50 150 frequency ( mhz ) impedance ( ) z r x 0 10000 1000 100 10 1 100 200 300 400 50 150 250 350 frequency ( mhz ) impedance ( ) z r x 0 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) 100 200 300 400 500 600 700 800 900 z r x 0 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) 50 100 150 200 250 300 350 z r x 0 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) 100 200 300 400 500 600 700 z r x 0 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) z r x 200 400 600 800 1000 1200 0 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) z r x 200 400 600 800
(10/10) 20150203 / beads_commercial_power_mpz1005-e_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mpz1005-e type packaging style reel dimensions tape dimensions dimensions in mm ty p e a b p1 k mpz1005-e 0.650.1 1.150.1 2.00.05 0.8max. ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 dimensions in mm 1.0 ?60min. 14.4max. 8.4 +2.0 C0.0 4.00.1 2.00.05 b a p1 8.00.3 1.750.1 3.50.05 k 1.5 +0.1 0 taping 200min. 300min. drawing direction 40 to 80 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MPZ1005S331ET000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X