|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
inductors january 2015 multilayer ceramic mlg0603s 0603 [0201 inch]* * dimensions code jis[eia] inductors for high frequency circuits mlg0603s ty p e mlg series
(2/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders (3/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. inductors for high frequency circuits multilayer ceramic features advanced monolithic structure is formed us ing a multilayering and sintering process wi th ceramic and conductive materials for h igh- frequency. application smart phones, tablet terminals, high frequency modules (pas, vcos, fems , etc.), bluetooth, w-lan, uwb, tuners and other high frequency circuits for the mobile communication industry part number construction operating temperature range, pack age quantity, product weight the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive halogen-free compatible with lead-free solders overview of mlg0603s type mlg 0603 s 0n3 s t 000 series name lwh dimensions product internal code inductance inductance tolerance packaging style internal code (mm) (nh) 0603 0.60.30.3 s 1n1 1.1 b 0.1nh t taping 000 11n 11 c 0.2nh r10 100 s 0.3nh h3% j5% type temperature range package quantity individual weight operating temperature c storage temperature c (pieces/reel) mg mlg0603s C55 to +125 C55 to +125 15000 0.2 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm. (4/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature (5/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type shape & dimensions recommended land pattern 0.60.03 0.150.05 0.150.05 0.300.03 0.300.03 dimensions in mm 0.3 0.3 0.25 0.25 dimensions in mm (6/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics characteristics specification table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l q l, q measuring frequency self-resonant frequency dc resistance rated current part no. (nh) tolerance min. (mhz) (ghz)min. (ghz)typ. ( )max. ( )typ. (ma)max. 0.3 0.1nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n3bt000 0.3 0.2nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n3ct000 0.4 0.1nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n4bt000 0.4 0.2nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n4ct000 0.5 0.1nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n5bt000 0.5 0.2nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n5ct000 0.6 0.1nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n6bt000 0.6 0.2nh 100 10.0 20up 0.10 0.02 600 mlg0603s0n6ct000 0.7 0.1nh 100 10.0 16.3 0.10 0.02 600 mlg0603s0n7bt000 0.7 0.2nh 100 10.0 16.3 0.10 0.02 600 mlg0603s0n7ct000 0.8 0.1nh 100 10.0 16.1 0.10 0.03 600 mlg0603s0n8bt000 0.8 0.2nh 100 10.0 16.1 0.10 0.03 600 mlg0603s0n8ct000 0.9 0.1nh 100 10.0 13.8 0.10 0.03 600 mlg0603s0n9bt000 0.9 0.2nh 100 10.0 13.8 0.10 0.03 600 mlg0603s0n9ct000 1.0 0.1nh 4 100 10.0 14.4 0.10 0.04 600 mlg0603s1n0bt000 1.0 0.2nh 4 100 10.0 14.4 0.10 0.04 600 mlg0603s1n0ct000 1.0 0.3nh 4 100 10.0 14.4 0.10 0.04 600 mlg0603s1n0st000 1.1 0.1nh 4 100 10.0 13.6 0.15 0.04 550 mlg0603s1n1bt000 1.1 0.2nh 4 100 10.0 13.6 0.15 0.04 550 mlg0603s1n1ct000 1.1 0.3nh 4 100 10.0 13.6 0.15 0.04 550 mlg0603s1n1st000 1.2 0.1nh 4 100 10.0 12.3 0.15 0.06 550 mlg0603s1n2bt000 1.2 0.2nh 4 100 10.0 12.3 0.15 0.06 550 mlg0603s1n2ct000 1.2 0.3nh 4 100 10.0 12.3 0.15 0.06 550 mlg0603s1n2st000 1.3 0.1nh 4 100 9.0 11.4 0.15 0.07 550 mlg0603s1n3bt000 1.3 0.2nh 4 100 9.0 11.4 0.15 0.07 550 mlg0603s1n3ct000 1.3 0.3nh 4 100 9.0 11.4 0.15 0.07 550 mlg0603s1n3st000 1.5 0.1nh 4 100 9.0 10.4 0.15 0.07 550 mlg0603s1n5bt000 1.5 0.2nh 4 100 9.0 10.4 0.15 0.07 550 mlg0603s1n5ct000 1.5 0.3nh 4 100 9.00 10.4 0.15 0.07 550 mlg0603s1n5st000 1.6 0.1nh 4 100 9.0 11.5 0.20 0.09 500 mlg0603s1n6bt000 1.6 0.2nh 4 100 9.0 11.5 0.20 0.09 500 mlg0603s1n6ct000 1.6 0.3nh 4 100 9.00 11.5 0.20 0.09 500 mlg0603s1n6st000 1.8 0.1nh 4 100 8.5 10.0 0.20 0.12 500 mlg0603s1n8bt000 1.8 0.2nh 4 100 8.5 10.0 0.20 0.12 500 mlg0603s1n8ct000 1.8 0.3nh 4 100 8.50 10.0 0.20 0.12 500 mlg0603s1n8st000 2.0 0.1nh 4 100 8.2 9.80 0.25 0.14 400 mlg0603s2n0bt000 2.0 0.2nh 4 100 8.2 9.80 0.25 0.14 400 mlg0603s2n0ct000 2.0 0.3nh 4 100 8.20 9.80 0.25 0.14 400 mlg0603s2n0st000 2.2 0.1nh 4 100 8.0 8.90 0.25 0.14 400 mlg0603s2n2bt000 2.2 0.2nh 4 100 8.0 8.90 0.25 0.14 400 mlg0603s2n2ct000 2.2 0.3nh 4 100 8.00 8.90 0.25 0.14 400 mlg0603s2n2st000 2.4 0.1nh 4 100 8.0 9.20 0.25 0.15 300 mlg0603s2n4bt000 2.4 0.2nh 4 100 8.0 9.20 0.25 0.15 300 mlg0603s2n4ct000 2.4 0.3nh 4 100 8.00 9.20 0.25 0.15 300 mlg0603s2n4st000 2.7 0.1nh 4 100 6.5 8.10 0.25 0.15 300 mlg0603s2n7bt000 2.7 0.2nh 4 100 6.5 8.10 0.25 0.15 300 mlg0603s2n7ct000 2.7 0.3nh 4 100 6.50 8.10 0.25 0.15 300 mlg0603s2n7st000 measurement item product no. manufacturer l, q 4291b+16197a agilent technologies self-resonant frequency 8720c agilent technologies dc resistance type-7561 yokogawa (7/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics characteristics specification table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l q l, q measuring frequency self-resonant frequency dc resistance rated current part no. (nh) tolerance min. (mhz) (ghz)min. (ghz)typ. ( )max. ( )typ. (ma)max. 3.0 0.1nh 4 100 6.2 7.80 0.30 0.20 300 mlg0603s3n0bt000 3.0 0.2nh 4 100 6.2 7.80 0.30 0.20 300 mlg0603s3n0ct000 3.0 0.3nh 4 100 6.20 7.80 0.30 0.20 300 mlg0603s3n0st000 3.3 0.1nh 4 100 5.8 7.00 0.35 0.23 300 mlg0603s3n3bt000 3.3 0.2nh 4 100 5.8 7.00 0.35 0.23 300 mlg0603s3n3ct000 3.3 0.3nh 4 100 5.80 7.00 0.35 0.23 300 mlg0603s3n3st000 3.6 0.1nh 4 100 5.5 6.90 0.35 0.22 300 mlg0603s3n6bt000 3.6 0.2nh 4 100 5.5 6.90 0.35 0.22 300 mlg0603s3n6ct000 3.6 0.3nh 4 100 5.50 6.90 0.35 0.22 300 mlg0603s3n6st000 3.9 0.1nh 5 100 5.0 6.60 0.40 0.27 300 mlg0603s3n9bt000 3.9 0.2nh 5 100 5.0 6.60 0.40 0.27 300 mlg0603s3n9ct000 3.9 0.3nh 5 100 5.00 6.60 0.40 0.27 300 mlg0603s3n9st000 4.3 0.3nh 5 100 5.00 6.40 0.40 0.27 300 mlg0603s4n3st000 4.3 3% 5 100 5.00 6.40 0.40 0.27 300 mlg0603s4n3ht000 4.7 0.3nh 5 100 4.50 5.40 0.45 0.28 300 mlg0603s4n7st000 4.7 3% 5 100 4.50 5.40 0.45 0.28 300 mlg0603s4n7ht000 5.1 0.3nh 5 100 4.50 5.50 0.45 0.23 250 mlg0603s5n1st000 5.1 3% 5 100 4.50 5.50 0.45 0.23 250 mlg0603s5n1ht000 5.6 0.3nh 5 100 4.20 5.30 0.50 0.31 250 mlg0603s5n6st000 5.6 3% 5 100 4.20 5.30 0.50 0.31 250 mlg0603s5n6ht000 6.2 0.3nh 5 100 4.20 5.10 0.55 0.32 250 mlg0603s6n2st000 6.2 3% 5 100 4.20 5.10 0.55 0.32 250 mlg0603s6n2ht000 6.8 3% 5 100 3.60 4.40 0.60 0.32 250 mlg0603s6n8ht000 6.8 5% 5 100 3.60 4.40 0.60 0.32 250 mlg0603s6n8jt000 7.5 3% 5 100 4.20 5.30 0.70 0.43 200 mlg0603s7n5ht000 7.5 5% 5 100 4.20 5.30 0.70 0.43 200 mlg0603s7n5jt000 8.2 3% 5 100 3.80 4.50 0.70 0.45 200 mlg0603s8n2ht000 8.2 5% 5 100 3.80 4.50 0.70 0.45 200 mlg0603s8n2jt000 9.1 3% 5 100 3.40 4.90 0.80 0.51 200 mlg0603s9n1ht000 9.1 5% 5 100 3.40 4.90 0.80 0.51 200 mlg0603s9n1jt000 10 3% 5 100 3.20 4.10 0.80 0.53 200 mlg0603s10nht000 10 5% 5 100 3.20 4.10 0.80 0.53 200 mlg0603s10njt000 11 3% 6 100 3.00 3.70 0.80 0.53 200 mlg0603s11nht000 11 5% 6 100 3.00 3.70 0.80 0.53 200 mlg0603s11njt000 12 3% 6 100 2.80 3.60 0.90 0.63 180 mlg0603s12nht000 12 5% 6 100 2.80 3.60 0.90 0.63 180 mlg0603s12njt000 13 3% 6 100 2.70 3.40 0.90 0.60 180 mlg0603s13nht000 13 5% 6 100 2.70 3.40 0.90 0.60 180 mlg0603s13njt000 15 3% 6 100 2.50 3.30 1.10 0.69 180 mlg0603s15nht000 15 5% 6 100 2.50 3.30 1.10 0.69 180 mlg0603s15njt000 16 3% 6 100 2.30 3.00 1.10 0.70 180 mlg0603s16nht000 16 5% 6 100 2.30 3.00 1.10 0.70 180 mlg0603s16njt000 18 3% 6 100 2.20 2.80 1.20 0.78 150 mlg0603s18nht000 18 5% 6 100 2.20 2.80 1.20 0.78 150 mlg0603s18njt000 20 3% 6 100 2.10 2.60 1.20 0.75 150 mlg0603s20nht000 20 5% 6 100 2.10 2.60 1.20 0.75 150 mlg0603s20njt000 measurement item product no. manufacturer l, q 4291b+16197a agilent technologies self-resonant frequency 8720c agilent technologies dc resistance type-7561 yokogawa (8/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics characteristics specification table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l q l, q measuring frequency self-resonant frequency dc resistance rated current part no. (nh) tolerance min. (mhz) (ghz)min. (ghz)typ. ( )max. ( )typ. (ma)max. 22 3% 6 100 2.00 2.50 1.20 0.88 150 mlg0603s22nht000 22 5% 6 100 2.00 2.50 1.20 0.88 150 mlg0603s22njt000 24 3% 6 100 1.90 2.30 1.30 0.90 150 mlg0603s24nht000 24 5% 6 100 1.90 2.30 1.30 0.90 150 mlg0603s24njt000 27 3% 6 100 1.80 2.20 1.50 1.00 100 mlg0603s27nht000 27 5% 6 100 1.80 2.20 1.50 1.00 100 mlg0603s27njt000 30 3% 6 100 1.60 2.00 1.60 0.95 100 mlg0603s30nht000 30 5% 6 100 1.60 2.00 1.60 0.95 100 mlg0603s30njt000 33 3% 6 100 1.60 2.00 1.80 1.20 100 mlg0603s33nht000 33 5% 6 100 1.60 2.00 1.80 1.20 100 mlg0603s33njt000 36 3% 6 100 1.50 1.80 2.00 1.68 50 mlg0603s36nht000 36 5% 6 100 1.50 1.80 2.00 1.68 50 mlg0603s36njt000 39 3% 6 100 1.40 1.60 2.00 1.40 50 mlg0603s39nht000 39 5% 6 100 1.40 1.60 2.00 1.40 50 mlg0603s39njt000 43 3% 6 100 1.30 1.60 2.20 1.91 50 mlg0603s43nht000 43 5% 6 100 1.30 1.60 2.20 1.91 50 mlg0603s43njt000 47 3% 6 100 1.30 1.50 2.20 1.48 50 mlg0603s47nht000 47 5% 6 100 1.30 1.50 2.20 1.48 50 mlg0603s47njt000 51 3% 5 100 1.20 1.50 2.80 1.98 50 mlg0603s51nht000 51 5% 5 100 1.20 1.50 2.80 1.98 50 mlg0603s51njt000 56 3% 5 100 1.20 1.40 3.20 2.11 50 mlg0603s56nht000 56 5% 5 100 1.20 1.40 3.20 2.11 50 mlg0603s56njt000 62 3% 5 100 1.10 1.30 3.30 2.22 50 mlg0603s62nht000 62 5% 5 100 1.10 1.30 3.30 2.22 50 mlg0603s62njt000 68 3% 5 100 1.05 1.24 3.50 2.40 50 mlg0603s68nht000 68 5% 5 100 1.05 1.24 3.50 2.40 50 mlg0603s68njt000 75 3% 5 100 0.95 1.17 3.80 2.67 50 mlg0603s75nht000 75 5% 5 100 0.95 1.17 3.80 2.67 50 mlg0603s75njt000 82 3% 5 100 0.90 1.08 4.00 2.80 50 mlg0603s82nht000 82 5% 5 100 0.90 1.08 4.00 2.80 50 mlg0603s82njt000 91 3% 5 100 0.77 0.94 4.30 2.97 50 mlg0603s91nht000 91 5% 5 100 0.77 0.94 4.30 2.97 50 mlg0603s91njt000 100 3% 5 100 0.77 0.94 4.50 3.13 50 MLG0603SR10HT000 100 5% 5 100 0.77 0.94 4.50 3.13 50 mlg0603sr10jt000 110 3% 5 100 0.77 0.94 6.50 5.24 50 mlg0603sr11ht000 110 5% 5 100 0.77 0.94 6.50 5.24 50 mlg0603sr11jt000 120 3% 5 100 0.70 0.88 7.00 5.53 50 mlg0603sr12ht000 120 5% 5 100 0.70 0.88 7.00 5.53 50 mlg0603sr12jt000 130 3% 5 100 0.67 0.84 7.30 5.68 50 mlg0603sr13ht000 130 5% 5 100 0.67 0.84 7.30 5.68 50 mlg0603sr13jt000 150 3% 5 100 0.64 0.77 8.00 6.24 50 mlg0603sr15ht000 150 5% 5 100 0.64 0.77 8.00 6.24 50 mlg0603sr15jt000 160 3% 5 100 0.60 0.73 8.30 6.67 50 mlg0603sr16ht000 160 5% 5 100 0.60 0.73 8.30 6.67 50 mlg0603sr16jt000 180 3% 5 100 0.56 0.68 8.50 6.99 50 mlg0603sr18ht000 180 5% 5 100 0.56 0.68 8.50 6.99 50 mlg0603sr18jt000 measurement item product no. manufacturer l, q 4291b+16197a agilent technologies self-resonant frequency 8720c agilent technologies dc resistance type-7561 yokogawa (9/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics l, q frequency characteristics table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l(nh)typ. q typ. part no.* 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 0.3 0.3 0.3 0.3 0.3 14min. 18min. 29min. 32min. 35min. mlg0603s0n3bt000 0.3 0.3 0.3 0.3 0.3 14min. 18min. 29min. 32min. 35min. mlg0603s0n3ct000 0.4 0.4 0.4 0.4 0.4 14min. 18min. 29min. 32min. 35min. mlg0603s0n4bt000 0.4 0.4 0.4 0.4 0.4 14min. 18min. 29min. 32min. 35min. mlg0603s0n4ct000 0.5 0.5 0.5 0.5 0.5 14 18 29 32 35 mlg0603s0n5bt000 0.5 0.5 0.5 0.5 0.5 14 18 29 32 35 mlg0603s0n5ct000 0.6 0.6 0.5 0.5 0.5 16 20 33 34 39 mlg0603s0n6bt000 0.6 0.6 0.5 0.5 0.5 16 20 33 34 39 mlg0603s0n6ct000 0.7 0.6 0.6 0.6 0.6 16 21 33 35 39 mlg0603s0n7bt000 0.7 0.6 0.6 0.6 0.6 16 21 33 35 39 mlg0603s0n7ct000 0.7 0.7 0.7 0.7 0.7 15 20 32 34 38 mlg0603s0n8bt000 0.7 0.7 0.7 0.7 0.7 15 20 32 34 38 mlg0603s0n8ct000 0.8 0.8 0.8 0.8 0.8 15 19 30 32 35 mlg0603s0n9bt000 0.8 0.8 0.8 0.8 0.8 15 19 30 32 35 mlg0603s0n9ct000 0.9 0.9 0.9 0.9 0.9 14 18 29 30 34 mlg0603s1n0bt000 0.9 0.9 0.9 0.9 0.9 14 18 29 30 34 mlg0603s1n0ct000 0.9 0.9 0.9 0.9 0.9 14 18 29 30 34 mlg0603s1n0st000 1.0 1.0 1.0 1.0 1.0 14 19 29 31 34 mlg0603s1n1bt000 1.0 1.0 1.0 1.0 1.0 14 19 29 31 34 mlg0603s1n1ct000 1.0 1.0 1.0 1.0 1.0 14 19 29 31 34 mlg0603s1n1st000 1.1 1.1 1.1 1.1 1.1 14 18 29 30 34 mlg0603s1n2bt000 1.1 1.1 1.1 1.1 1.1 14 18 29 30 34 mlg0603s1n2ct000 1.1 1.1 1.1 1.1 1.1 14 18 29 30 34 mlg0603s1n2st000 1.2 1.2 1.2 1.2 1.2 14 18 29 30 33 mlg0603s1n3bt000 1.2 1.2 1.2 1.2 1.2 14 18 29 30 33 mlg0603s1n3ct000 1.2 1.2 1.2 1.2 1.2 14 18 29 30 33 mlg0603s1n3st000 1.4 1.4 1.4 1.4 1.4 15 19 29 30 34 mlg0603s1n5bt000 1.4 1.4 1.4 1.4 1.4 15 19 29 30 34 mlg0603s1n5ct000 1.4 1.4 1.4 1.4 1.4 15 19 29 30 34 mlg0603s1n5st000 1.5 1.5 1.5 1.5 1.5 14 18 29 30 33 mlg0603s1n6bt000 1.5 1.5 1.5 1.5 1.5 14 18 29 30 33 mlg0603s1n6ct000 1.5 1.5 1.5 1.5 1.5 14 18 29 30 33 mlg0603s1n6st000 1.7 1.7 1.7 1.7 1.7 15 19 29 30 33 mlg0603s1n8bt000 1.7 1.7 1.7 1.7 1.7 15 19 29 30 33 mlg0603s1n8ct000 1.7 1.7 1.7 1.7 1.7 15 19 29 30 33 mlg0603s1n8st000 1.9 1.9 1.9 1.9 1.9 14 18 28 29 32 mlg0603s2n0bt000 1.9 1.9 1.9 1.9 1.9 14 18 28 29 32 mlg0603s2n0ct000 1.9 1.9 1.9 1.9 1.9 14 18 28 29 32 mlg0603s2n0st000 2.1 2.0 2.1 2.1 2.1 14 18 27 28 31 mlg0603s2n2bt000 2.1 2.0 2.1 2.1 2.1 14 18 27 28 31 mlg0603s2n2ct000 2.1 2.0 2.1 2.1 2.1 14 18 27 28 31 mlg0603s2n2st000 2.2 2.2 2.2 2.3 2.3 14 18 27 29 32 mlg0603s2n4bt000 2.2 2.2 2.2 2.3 2.3 14 18 27 29 32 mlg0603s2n4ct000 2.2 2.2 2.2 2.3 2.3 14 18 27 29 32 mlg0603s2n4st000 2.5 2.5 2.6 2.6 2.7 15 19 28 29 31 mlg0603s2n7bt000 2.5 2.5 2.6 2.6 2.7 15 19 28 29 31 mlg0603s2n7ct000 2.5 2.5 2.6 2.6 2.7 15 19 28 29 31 mlg0603s2n7st000 product no. manufacturer 4291b+16197a agilent technologies (10/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics l, q frequency characteristics table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l(nh)typ. q typ. part no.* 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 2.8 2.8 2.9 2.9 3.0 15 19 29 31 33 mlg0603s3n0bt000 2.8 2.8 2.9 2.9 3.0 15 19 29 31 33 mlg0603s3n0ct000 2.8 2.8 2.9 2.9 3.0 15 19 29 31 33 mlg0603s3n0st000 3.1 3.1 3.2 3.3 3.4 15 19 28 29 31 mlg0603s3n3bt000 3.1 3.1 3.2 3.3 3.4 15 19 28 29 31 mlg0603s3n3ct000 3.1 3.1 3.2 3.3 3.4 15 19 28 29 31 mlg0603s3n3st000 3.4 3.4 3.5 3.6 3.7 14 18 26 27 29 mlg0603s3n6bt000 3.4 3.4 3.5 3.6 3.7 14 18 26 27 29 mlg0603s3n6ct000 3.4 3.4 3.5 3.6 3.7 14 18 26 27 29 mlg0603s3n6st000 3.7 3.7 3.8 3.9 4.1 15 19 29 29 32 mlg0603s3n9bt000 3.7 3.7 3.8 3.9 4.1 15 19 29 29 32 mlg0603s3n9ct000 3.7 3.7 3.8 3.9 4.1 15 19 29 29 32 mlg0603s3n9st000 4.1 4.1 4.3 4.4 4.6 14 18 27 27 29 mlg0603s4n3ht000 4.1 4.1 4.3 4.4 4.6 14 18 27 27 29 mlg0603s4n3st000 4.4 4.4 4.8 4.9 5.2 15 20 28 29 30 mlg0603s4n7ht000 4.4 4.4 4.8 4.9 5.2 15 20 28 29 30 mlg0603s4n7st000 4.8 4.8 5.1 5.3 5.6 14 18 25 26 27 mlg0603s5n1ht000 4.8 4.8 5.1 5.3 5.6 14 18 25 26 27 mlg0603s5n1st000 5.3 5.3 5.7 5.9 6.4 16 20 27 28 29 mlg0603s5n6ht000 5.3 5.3 5.7 5.9 6.4 16 20 27 28 29 mlg0603s5n6st000 5.9 5.9 6.5 6.8 7.5 15 18 25 25 26 mlg0603s6n2ht000 5.9 5.9 6.5 6.8 7.5 15 18 25 25 26 mlg0603s6n2st000 6.4 6.5 7.4 7.8 8.7 15 19 26 26 25 mlg0603s6n8ht000 6.4 6.5 7.4 7.8 8.7 15 19 26 26 25 mlg0603s6n8jt000 7.1 7.1 7.8 8.0 8.7 14 18 25 26 26 mlg0603s7n5ht000 7.1 7.1 7.8 8.0 8.7 14 18 25 26 26 mlg0603s7n5jt000 7.8 7.8 8.8 9.3 10.4 15 18 24 24 24 mlg0603s8n2ht000 7.8 7.8 8.8 9.3 10.4 15 18 24 24 24 mlg0603s8n2jt000 8.6 8.6 9.8 10.3 11.5 14 17 22 22 22 mlg0603s9n1ht000 8.6 8.6 9.8 10.3 11.5 14 17 22 22 22 mlg0603s9n1jt000 10 10 12 12 15 15 18 23 22 21 mlg0603s10nht000 10 10 12 12 15 15 18 23 22 21 mlg0603s10njt000 10 11 13 14 16 15 18 22 22 20 mlg0603s11nht000 10 11 13 14 16 15 18 22 22 20 mlg0603s11njt000 11 12 14 15 19 16 19 24 23 20 mlg0603s12nht000 11 12 14 15 19 16 19 24 23 20 mlg0603s12njt000 12 13 16 17 22 14 16 19 18 15 mlg0603s13nht000 12 13 16 17 22 14 16 19 18 15 mlg0603s13njt000 14 15 20 23 33 15 19 20 18 14 mlg0603s15nht000 14 15 20 23 33 15 19 20 18 14 mlg0603s15njt000 15 16 22 25 37 14 16 16 15 11 mlg0603s16nht000 15 16 22 25 37 14 16 16 15 11 mlg0603s16njt000 17 18 28 35 14 17 15 13 mlg0603s18nht000 17 18 28 35 14 17 15 13 mlg0603s18njt000 19 20 32 13 16 14 mlg0603s20nht000 19 20 32 13 16 14 mlg0603s20njt000 21 23 40 15 17 13 mlg0603s22nht000 product no. manufacturer 4291b+16197a agilent technologies (11/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics l, q frequency characteristics table please contact us for 2% inductance tolerance (code g) products. measurement equipment ? equivalent measurement equipment may be used. l(nh)typ. q typ. part no.* 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 500mhz 800mhz 1.8ghz 2.0ghz 2.4ghz 21 23 40 15 17 13 mlg0603s22njt000 23 24 45 13 15 13 mlg0603s24nht000 23 24 45 13 15 13 mlg0603s24njt000 27 29 15 17 mlg0603s27nht000 27 29 15 17 mlg0603s27njt000 29 32 13 15 mlg0603s30nht000 29 32 13 15 mlg0603s30njt000 33 36 14 16 mlg0603s33nht000 33 36 14 16 mlg0603s33njt000 36 40 14 15 mlg0603s36nht000 36 40 14 15 mlg0603s36njt000 40 47 13 14 mlg0603s39nht000 40 47 13 14 mlg0603s39njt000 44 53 14 14 mlg0603s43nht000 44 53 14 14 mlg0603s43njt000 49 60 13 13 mlg0603s47nht000 49 60 13 13 mlg0603s47njt000 52 64 11 11 mlg0603s51nht000 52 64 11 11 mlg0603s51njt000 59 77 12 11 mlg0603s56nht000 59 77 12 11 mlg0603s56njt000 66 88 11 10 mlg0603s62nht000 66 88 11 10 mlg0603s62njt000 74 104 13 11 mlg0603s68nht000 74 104 13 11 mlg0603s68njt000 82 119 10 8 mlg0603s75nht000 82 119 10 8 mlg0603s75njt000 96 161 12 8 mlg0603s82nht000 96 161 12 8 mlg0603s82njt000 109 9 mlg0603s91nht000 109 9 mlg0603s91njt000 129 11 MLG0603SR10HT000 129 11 mlg0603sr10jt000 134 10 mlg0603sr11ht000 134 10 mlg0603sr11jt000 156 9 mlg0603sr12ht000 156 9 mlg0603sr12jt000 172 8 mlg0603sr13ht000 172 8 mlg0603sr13jt000 223 7 mlg0603sr15ht000 223 7 mlg0603sr15jt000 238 7 mlg0603sr16ht000 238 7 mlg0603sr16jt000 318 6 mlg0603sr18ht000 318 6 mlg0603sr18jt000 product no. manufacturer 4291b+16197a agilent technologies (12/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics l frequency characteristics graph (example) measurement equipment ? equivalent measurement equipment may be used. 10 100 1000 10000 0 1000 100 10 1 frequency ( mhz ) inductance ( nh ) r18 r15 r12 r10 82n 68n 56n 47n 39n 33n 27n 22n 18n 15n 12n 10n 8n2 6n8 5n6 4n7 3n9 3n3 2n7 2n2 1n8 1n5 1n2 1n0 product no. manufacturer e4991a +16197a agilent technologies (13/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type electrical characteristics q frequency characteristics graph (example) measurement equipment ? equivalent measurement equipment may be used. 0 q 10 100 1000 10000 frequency ( mhz ) 10 20 30 40 50 > r18 68n 56n 47n 39n 33n 27n 22n 18n 15n 12n 10n 8n2 6n8 5n6 4n7 3n9 2n7 1n8 1n5 1n2 1n0 2n2 3n3 r12 r10 82n r15 product no. manufacturer e4991a +16197a agilent technologies (14/14) inductors 20150105 / inductor_commercial_high-frequency_mlg0603s_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. mlg0603s type packaging style reel dimensions tape dimensions 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 C0.0 8.00.3 3.50.05 1.750.1 4.0 0.1 1.5 +0.1 C0.0 sprocket hole cavity a kb 2.0 0.05 2.0 0.05 160min. taping 200min. 300min. drawing direction dimensions in mm type a b k mlg0603s 0.680.05 0.380.05 0.5 max. |
Price & Availability of MLG0603SR10HT000 |