Part Number Hot Search : 
C2500 RU30140R 120T3 16245 MS512 74HC59 ADV7314 ADC08
Product Description
Full Text Search
 

To Download MAX4544EUTTG35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. general description the max4541?ax4544 are precision, dual analogswitches designed to operate from a single +2.7v to +12v supply. low power consumption (5?) makes these parts ideal for battery-powered equipment. these switches offer low leakage currents (100pa max) and fast switching speeds (t on = 150ns max, t off = 100ns max). when powered from a +5v supply, the max4541max4544 offer 2 max matching between channels, 60 max on-resistance (r on ), and 6 max r on flatness. these switches also offer 5pc max charge injection anda minimum of 2000v esd protection per method 3015.7. the max4541/max4542/max4543 are dual single-pole/ single-throw (spst) devices and the max4544 is a single- pole/double-throw (spdt) device. the max4541 has two normally open (no) switches and the max4542 has two normally closed (nc) switches. the max4543 has one no and one nc switch and can be used as an spdt, while the max4544 is an spdt. the max4541/max4542/max4543 are available in tiny sot23-8 and 8-pin tdfn packages, and the max4544 is available in a sot23-6 package. ________________________applications ____________________________features ? 60 max (33 typ) low r on ? 2 max r on matching between channels ? 6 max r on flatness ? 5pc max guaranteed charge injection ? +2.7v to +12v single-supply operation ? < 5 w low power consumption ? low leakage current over temperature: 10na max at +85? ? fast switching: t on = 35ns, t off = 25ns ? guaranteed break-before-make (max4543/max4544 only) ? ttl/cmos-logic compatible ? pin compatible with max323/max324/max325 ? max4541/max4542/max4543 available in sot23-8max4544 available in sot23-6 max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches ________________________________________________________________ maxim integrated products 1 19-1202; rev 4; 6/07 ordering information continued at end of data sheet. * dice are specified at t a = +25?. ** ep = exposed pad. ordering information pin configurations/functional diagrams/truth tables max/so/dip/tdfn 8 7 65 12 3 4 v+ pin 6 inn.c. n.c. gnd nc com no max4544 sot23-6* 6 5 4 12 3 nocom nc gnd v+ in 6aaam 54 123 max4544 max4544 switches shown for "0" input n.c. = not internally connected max4541/max4542/max4543appear at end of data sheet. *note: sot23-6 packagehas lettering nearest pin 6 top view max4544 logic nc 01 on off no off on battery-operated systemssample-and-hold circuits heads-up displays guidance and control systems audio and video switching military radios test equipmentcommunications systems +3v/+5v dacs and adcs pbx, pabx cell phones ultrasound pagers part temp range pin-package top mark max4541 cua 0? to +70? 8 ?ax max4541csa 0? to +70? 8 so max4541cpa 0? to +70? 8 plastic dip max4541c/d 0? to +70? dice* max4541eka-t -40? to +85? 8 sot23-8 aaae max4541eta -40? to +85? 8 tdfn-ep** max4541eua -40? to +85? 8 ?ax max4541esa -40? to +85? 8 so ?ax is a registered trademark of maxim integrated products, inc. downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 2 _______________________________________________________________________________________ voltage referenced to gnd v+ .........................................................................-0.3v to +13v in_, com_, nc_, no_ (note 1)..................-0.3v to (v+ + 0.3v) continuous current (any terminal)....................................?0ma peak current, com_, no_, nc_ (pulsed at 1ms, 10% duty cycle max) ............................?0ma esd per method 3015.7 .................................................> 2000v continuous power dissipation sot23-6 (derate 7.1mw/? above +70?)....................571mw sot23-8 (derate 5.3mw/? above +70?)....................421mw tdfn (derate 24.4mw/? above +70?).....................1951mw ?ax (derate 4.10mw/? above +70?) ......................330mw narrow so (derate 5.88mw/? above +70?) ..............471mw plastic dip (derate 9.09mw/? above +70?) ..............727mw operating temperature ranges max454_c_ _ .......................................................0? to +70? max454_e_ _.....................................................-40? to +85? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings electrical characteristics?ingle +5v supply(v+ = +5v ?0%, gnd = 0, v inh = 2.4v, v inl = 0.8v, t a = t min to t max , unless otherwise noted.) (notes 2, 3) note 1: signals on nc_, no_, com_, or in_ exceeding v+ or v- are clamped by internal diodes. limit forward diode current to maximumcurrent rating. com_ on-leakage current(note 7) i com(on) v+ = 5.5v;v com_ = 1v, 4.5v or v no_ or v nc_ = 1v, 4.5v, or floating na com_ off-leakage current(note 7) i com(off) v+ = 5.5v;v com_ = 4.5v, 1v; v no_ or v nc_ = 1v, 4.5v na no_ or nc_ off-leakage current (note 7) i no(off) or i nc(off) v+ = 5.5v;v com_ = 1v, 4.5v; v no_ or v nc_ = 4.5v, 1v na -10 +10 c, e c, e c, e t a = t min to t max t a = t min to t max t a = t min to t max -5 +5 8 4 75 -5 +5 -0.2 +0.2 -0.1 +0.1 -0.1 ?.01 +0.1 v+ = 5v;i com_ = 1.0ma; v no_ or v nc_ = 1v, 2v, 3v 26 r flat(on) on-resistance flatness(note 6) v+ = 5v,i com_ = 1.0ma, v no_ or v nc_ = 3.5v 0.8 2 r on on-resistance matchbetween channels (note 5) t a = t min to t max t a = t min to t max t a = t min to t max t a = +25? t a = +25? t a = +25? t a = +25? t a = +25? t a = +25? v+ = 4.5v,i com_ = 1.0ma, v no_ or v nc_ = 3.5v 30 60 r on on-resistance (note 4) conditions v 0v + v com_, v no_, v nc_ analog signal range units min typ max symbol parameter analog switch downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches _______________________________________________________________________________________ 3 electrical characteristics?ingle +5v supply (continued)(v+ = +5v ?0%, gnd = 0, v inh = 2.4v, v inl = 0.8v, t a = t min to t max , unless otherwise noted.) (notes 2, 3) v+ = 5.5v, v in = 0 or v+, all channels on or off ? -1 ?.0001 +1 i+ positive supply current v 0.8 v inl input-voltage low v 2.4 v inh input-voltage high f = 1mhz, t a = +25?, figure 7 pf 8 c com(off) com_ off-capacitance f = 1mhz, t a = +25?, figure 7 pf 8 c off nc_ or no_ capacitance r l = 50 , c l = 5pf, f = 1mhz, t a = +25?, figure 6 db -90 crosstalk (note 9) r l = 50 , c l = 5pf, f = 1mhz, t a = +25?, figure 5 db -76 oirr off-isolation (note 8) 150 240 t a = t min to t max t a = t min to t max t a = +25? t a = +25? c l = 1.0nf, v gen = 0, r gen = 0, t a = +25?, figure 4 pc 15 q charge injection(note 4) v 2.7 12 v+ power-supply range v no_ or v nc_ = 3v, figure 2 ns 25 75 t off turn-off time max4543/max4544 only, r l = 300 , c l = 35pf ns 21 0 t d break-before-make timedelay (note 4) v no_ or v nc_ = 3v, figure 2 ns 35 100 t on turn-on time conditions units min typ max symbol parameter 13 f = 1mhz, t a = +25?, figure 7 pf 20 c com(on) com_ on-capacitance dynamic supply logic input max4541/max4542/max4543 max4544 downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 4 _______________________________________________________________________________________ electrical characteristics?ingle +3.3v supply(v+ = +3.0v to +3.6v, gnd = 0, v inh = 2.4v, v inl = 0.8v, t a = t min to t max , unless otherwise noted.) (notes 2, 3) note 2: qfn and sot-packaged parts are 100% tested at +25? only and guaranteed by correlation at the full hot rated temperature. note 3: the algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. note 4: guaranteed by design. note 5: r on = r on max - r on min. note 6: flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. note 7: leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25?. note 8: off-isolation = 20 x log 10 [v com ? (v nc or v no ) ], v com = output, v nc or v no = input to off switch. note 9: between the two switches, max4541/max4542/max4543 only. parameter symbol conditions min typ max units analog signal range v com_, v no_, v nc_ (note 3) 0v + v channel on-resistance r on v+ = 3v,i com_ = 1.0ma, v no_ or v nc_ = 1.5v 275 turn-on time (note 3) t on v no_ or v nc_ = 1.5v 80 400 ns 500 turn-off time (note 3) t off v no_ or v nc_ = 1.5v 50 125 ns 175 break-before-make timedelay (note 3) t d max4543/max4544 only, r l = 300 , c l = 35pf, t a = +25? 23 0 ns charge injection (note 3) q c l = 1.0nf, v gen = 0, r gen = 0, t a = +25? 15 pc t a = t min to t max 50 125 t a = +25? t a = t min to t max t a = +25? t a = +25? t a = t min to t max positive supply current i+ v+ = 3.6v, v in = 0 or v+, all channels on or off -1 +1 ? analog switch dynamic supply downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches _______________________________________________________________________________________ 5 0 10 20 30 40 50 60 70 80 024681 01 2 on-resistance vs. com_ voltage max4541-01 v com_ (v) r on ( ) a: v+ = +3vb: v+ = +5v c: v+ = +12v a b c 0 10 20 30 40 50 60 012345 on-resistance vs. com voltage over temperature max4541-02 v com (v) r on ( ) a: t a = +125? b: t a = +85? c: t a = +25? d: t a = -40? e: t a = -55? ab c d e 0 20 40 60 80 100 120 140 160 180 200 024681 01 2 turn-on/off times vs. supply voltage max4541-03 v supply (v) t on /t off (ns) t on t off v+ = +5v 0 t on t off 10 20 30 40 50 60 70 80 90 100 turn-on/off times vs. temperature max4541-04 temperature (?) t on /t off (ns) -55 -35 -15 5 25 45 65 85 105 125 v+ = +5v -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 0.1 1 10 100 frequency response max4541-07 frequency (mhz) loss (db) -225 -180 -135 -90 -45 0 45 90 135 180 225 phase (degrees) on-loss on-phase off-loss 50 in and out v+ = +5v 0.001 0.01 0.1 1 10 100 on/off-leakage current vs. temperature max4541-05 temperature (?) on/off-leakage (na) -55 -30 -5 20 45 70 95 120 125 i com(on) v+ = +5.5v i com /i n(off) 0 1 2 3 4 5 6 7 8 012345 charge injection vs. com_ voltage max4541-06 v com_ (v) q (pc) v- = +5v 0 100 200 300 400 500 600 700 800 900 1000 input voltage vs. supply current max4541-08 v in (v) i+ (na) 012345 i v+ 10 0.1 1 100 1k 10k total harmonic distortion vs. frequency max4541-09 frequency (hz) thd (%) __________________________________________typical operating characteristics (t a = +25?, unless otherwise noted.) downloaded from: http:///
name max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 6 _______________________________________________________________________________________ applications information logic levels the max4541?ax4544 are ttl compatible whenpowered from a single +5v supply. when powered from other supply voltages, ttl compatibility is guar- anteed and the logic inputs can be driven rail-to-rail. for example, with a +12v supply, in1 and in2 can be driven low to 0 and high to 12v. with a +3.3v supply, in1 and in2 should be driven low to 0 and high to 3.3v. driving in1 and in2 rail-to-rail minimizes power con- sumption. analog signal levels analog signals that range over the entire supply voltage(v+ to gnd) can be switched with very little change in on-resistance over the entire voltage range (see the typical operating characteristics ). all the switches are bidirectional, so the no_, nc_, and com_ pins can beused as either inputs or outputs. pin description positive supply com no d2 d1 gnd v g v+ figure 1. overvoltage protection using two external blockingdiodes digital control input 1 7 2 analog switch 2?ommon 6 6 analog switch 2?ormally open 5 ground?egative supply input 4 4 pin digital control input 2 3 3 analog switch 1?ommon 2 positive supply voltage input analog switch 1?ormally open 1 1 function 8 8 7 not connected (open circuit) analog switch?ormally closed analog switch?ormally open analog switch 2?ormally closed 5 analog switch 1?ormally closed digital control input 2 6 4 3 8 7 1 5 8 4 6 3 2 7 1 5 7 4 6 3 8 1 2 5 in1 com2 no2 gnd in2 com1 no1 name v+ n.c. nc no nc2 nc1 in analog switch?ommon com 8 4 5 6 3 1 2 7 4 8 5, 6 3 1 7 3 2 4 6 1 2 5 max4543 dip/so/ max/ tdfn max4541 dip/so/ max/ tdfn sot23-8 dip/so/ max/ tdfn max4542 sot23-8 sot23-8 dip/so/ max/ tdfn max4544 sot23-6 exposed pad. connect ep to v+. ep ep ep ep ep downloaded from: http:///
power-supply sequencing and overvoltage protection do not exceed the absolute maximum ratings because stresses beyond the listed ratings may cause perma- nent damage to the devices. proper power-supply sequencing is recommended for all cmos devices. always apply v+ before applying analog signals or logic inputs, especially if the analog or logic signals are not current limited. if this sequenc- ing is not possible, and if the analog or logic inputs are not current limited to < 10ma, add a small-signal diode (d1) as shown in figure 1. if the analog signal can dip below gnd, add d2. adding protection diodes reduces the analog signal range to a diode drop (about 0.7v) below v+ (for d1), and to a diode drop above ground (for d2). leakage is unaffected by adding the diodes. on-resistance increases by a small amount at low supply voltages. maximum supply voltage (v+) must not exceed 13v. adding protection diodes causes the logic thresholdsto be shifted relative to the power-supply rails. this can be significant when low supply voltages (+5v or less) are used. with a +5v supply, ttl compatibility is not guaranteed when protection diodes are added. driving in1 and in2 all the way to the supply rails (i.e., to a diode drop higher than the v+ pin, or to a diode drop lower than the gnd pin) is always acceptable. protection diodes d1 and d2 also protect against some overvoltage situations. with figure 1? circuit, if the supply voltage is below the absolute maximum rat- ing, and if a fault voltage up to the absolute maximum rating is applied to an analog signal pin, no damage will result. max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches _______________________________________________________________________________________ 7 t r < 20ns t f < 20ns 50% 0 logic input r l 1k com gnd c l includes fixture and stray capacitance. v out = v com ( r l ) r l + r on switch input in +3v t off 0 noor nc switchoutput 0.9 x v 0ut 0.9 x v out t on v out switch output logic input logic input waveforms inverted for switchesthat have the opposite logic sense. v+ c l 35pf v+ v out 0v max4541 max4542 max4543 max4544 figure 2. switching time test circuits/timing diagrams downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 8 _______________________________________________________________________________________ v gen gnd com c l v out v+ v out in off on off v out q = ( v out )(c l ) nc or no in depends on switch configuration;input polarity determined by sense of switch. off on off in v in = +3v v+ r gen in_ max4541max4542 max4543 max4544 figure 4. charge injection 50% 0.9 x v 0ut1 +3v 00 logic input switch output 2 (v out2 ) 0 0.9 x v out2 t d t d logic input r l2 300 gnd c l includes fixture and stray capacitance. nc2in2 in1 no1 v out2 v+ v+ c l2 35pf +3v r l1 300 v out1 c l1 35pf com1 com2 switch output 1 (v out1 ) max4543 50% +3v 0 logic input switch output (v out ) 0.9 x v out t d logic input r l 300 gnd c l includes fixture and stray capacitance. noin nc v out v+ v+ c l 35pf +3v com max4544 figure 3a. break-before-make interval (max4543 only)figure 3b. break-before-make interval (max4544 only) _________________________________test circuits/timing diagrams (continued) downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches _______________________________________________________________________________________ 9 figure 6. crosstalk in 0v or 2.4v signalgenerator 0dbm v+ 10nf analyzer nc or no r l gnd com v+ max4541max4542 max4543 max4544 signalgenerator 0dbm v+ 10nf analyzer no2 r l gnd com1 0 or 2.4v in1 no1 50 com2 in2 0 or2.4v nc v+ max4541max4542 max4543 figure 5. off-isolation _________________________________test circuits/timing diagrams (continued) capacitance meter nc or no com gnd in 0 or2.4v 10nf v+ f = 1mhz v+ max4541max4542 max4543 max4544 figure 7. channel off/on-capacitance downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 10 ______________________________________________________________________________________ ___ordering information (continued) * dice are specified at t a = +25?. ** ep = exposed pad. part temp range pin-package top mark max4541epa -40? to +85? 8 plastic dip max4542 cua 0? to +70? 8 ?ax max4542csa 0? to +70? 8 so max4542cpa 0? to +70? 8 plastic dip max4542c/d 0? to +70? dice* max4542eka-t -40? to +85? 8 sot23-8 aaaf max4542eta -40? to +85? 8 tdfn-ep** max4542eua -40? to +85? 8 ?ax max4542esa -40? to +85? 8 so max4542epa -40? to +85? 8 plastic dip max4543 cua 0? to +70? 8 ?ax max4543csa 0? to +70? 8 so max4543cpa 0? to +70? 8 plastic dip max4543c/d 0? to +70? dice* max4543eka-t -40? to +85? 8 sot23-8 aaag max4543eta -40? to +85? 8 tdfn-ep** max4543eua -40? to +85? 8 ?ax max4543esa -40? to +85? 8 so max4543epa -40? to +85? 8 plastic dip max4544 cua 0? to +70? 8 ?ax max4544csa 0? to +70? 8 so max4544cpa 0? to +70? 8 plastic dip max4544c/d 0? to +70? dice* max4544eut-t -40? to +85? 6 sot23-6 aaam max4544eta -40? to +85? 8 tdfn-ep** max4544eua -40? to +85? 8 ?ax max4544esa -40? to +85? 8 so max4544epa -40? to +85? 8 plastic dip downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches ______________________________________________________________________________________ 11 max/so/dip/tdfn 8 7 65 12 3 4 v+in1 com2 nc2 gnd in2 com1 nc1 max4542 max/so/dip/tdfn 8 7 65 12 3 4 v+in1 com2 nc2 gnd in2 com1 no1 max4543 switches shown for logic "0" input top view max/so/dip/tdfn 8 7 65 12 3 4 v+in1 com2 no2 gnd in2 com1 no1 max4541 sot23-8 8 7 65 12 3 4 com1in1 gnd nc2 com2 in2 v+ nc1 max4542 sot23-8 8 7 65 12 3 4 com1in1 gnd nc2 com2 in2 v+ no1 max4543 sot23-8 8 7 65 12 3 4 com1in1 gnd no2 com2 in2 v+ no1 max4541 _________pin configurations/functional diagrams/truth tables (continued) downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 12 ______________________________________________________________________________________ 6, 8, &10l, dfn thin.eps package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches ______________________________________________________________________________________ 13 common dimensions symbol min. max. a 0.70 0.80 d 2.90 3.10 e 2.90 3.10 a1 0.00 0.05 l 0.20 0.40 pkg. code n d2 e2 e jedec spec b [(n/2)-1] x e package variations 0.25 min. k a2 0.20 ref. 2.00 ref 0.250.05 0.50 bsc 2.300.10 10 t1033-1 2.40 ref 0.200.05 - - - - 0.40 bsc 1.700.10 2.300.10 14 t1433-1 1.500.10 mo229 / weed-3 0.40 bsc - - - - 0.200.05 2.40 ref t1433-2 14 2.300.10 1.700.10 t633-2 6 1.500.10 2.300.10 0.95 bsc mo229 / weea 0.400.05 1.90 ref t833-2 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref t833-3 8 1.500.10 2.300.10 0.65 bsc mo229 / weec 0.300.05 1.95 ref 2.300.10 mo229 / weed-3 2.00 ref 0.250.05 0.50 bsc 1.500.10 10 t1033-2 package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches 14 ______________________________________________________________________________________ 6lsot.eps package outline, sot 6l body 21-0058 2 1 i package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) downloaded from: http:///
max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches ______________________________________________________________________________________ 15 package outline, sot 6l body 21-0058 2 2 i package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) downloaded from: http:///
sot23, 8l.eps 0 0 package outline, sot-23, 8l body 21-0078 g 1 1 marking package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) revision history pages changed at rev 4: 1?6 max4541?ax4544 low-voltage, single-supply dual spst/spdt analog switches maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 16 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2007 maxim integrated products is a registered trademark of maxim integrated products, inc. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX4544EUTTG35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X