Part Number Hot Search : 
PVT322A MS6331GU 2D120 TCET2100 CLL969B IMB2A LM8361 IDTQS32
Product Description
Full Text Search
 

To Download M74HC4066RM13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 july 2001 n high speed: t pd = 7ns (typ.) at v cc =6v n low power dissipation: i cc =1 m a(max.) at t a =25 c n low oono resistance: r on =50 w typ. at v cc =9v,i i/o = 100 m a n wide operating voltage range v cc (opr) = 2v to 12v n sine wave distortion: 0.042% at v cc =4vf=1khz n high noise immunity: v nih =v nil =28%v cc (min.) n pin and function compatible with 74 series 4066 description the m74hc4066 is an high speed cmos quad bilateral switch fabricated with silicon gate c 2 mos technology. the c input is provided to control the switch; the switch is on when the c input is held high and off when c is held low. m74hc4066 pin connection and iec logic symbols order codes package tube t & r dip m74hc4066b1r sop m74hc4066m1r M74HC4066RM13TR tssop m74hc4066ttr tssop dip sop quad bilateral switch
m74hc4066 2/11 logic diagram pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied (*) 500mw at 65 c; derate to 300mw by 10mw/ c from 65 cto85 c recommended operating conditions pin no symbol name and function 1, 4, 8, 11 1 to 4 i/o independent inputs/out- puts 2, 3, 9, 10 1 to 4 o/i independent outputs/ inputs 13, 5, 6, 12 1c to 4c enable inputs (active high) 7 gnd ground (0v) 14 v cc positive supply voltage control switch function hon loff symbol parameter value unit v cc supply voltage -0.5 to +13 v v in dc input voltage -0.5 to v cc + 0.5 v v i/o dc input/output voltage -0.5 to v cc + 0.5 v i ok control input dc diode current 20 ma i iok i/o dc diode current 20 ma i o dc output source sink current per output pin 25 ma i cc or i gnd dc v cc or ground current 50 ma p d power dissipation 500(*) mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2to12 v v in input voltage (control) 0 to v cc v v i/o i/o voltage 0 to v cc v t op operating temperature -55 to 125 c t r ,t f input rise and fall time v cc = 2.0v 0 to 1000 ns v cc = 4.5v 0 to 500 v cc = 6.0v 0 to 400 v cc = 10.0v 0 to 250
m74hc4066 3/11 dc specifications symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ihc high level control input voltage 2.0 1.5 1.5 1.5 v 4.5 3.15 3.15 3.15 9.0 6.3 6.3 6.3 12.0 8.4 8.4 8.4 v ilc low level control input voltage 2.0 0.5 0.5 0.5 v 4.5 1.35 1.35 1.35 9.0 2.7 2.7 2.7 12.0 3.6 3.6 3.6 r on on resistance 4.5 v i =v ihc v i/o =v cc to gnd i i/o 1ma 96 170 200 250 w 9.0 55 85 100 150 12.0 45 80 90 120 4.5 v i =v ihc v i/o =v cc or gnd i i/o 1ma 70 100 130 160 9.0 50 75 95 115 12.0 45 70 90 110 d r on difference of on resistance between switches 4.5 v i =v ihc v i/o =v cc or gnd i i/o 1ma 10 w 9.0 5 12.0 5 i off input/output leakage current (switch off) 12.0 v os =v cc or gnd v is =v cc or gnd v in =v ilc 0.1 1 2 m a i iz switch input leakage current (switch on, output open) 12.0 v os =v cc or gnd v in =v ihc 0.1 1 2 m a i in control input current 6.0 v i =v cc or gnd 0.1 1 1 m a i cc quiescent supply current 6.0 v i =v cc or gnd 11020 m a 9.0 4 40 80 12.0 8 80 160
m74hc4066 4/11 ac electrical characteristics (c l = 50 pf, input t r =t f = 6ns) capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. f i/o phase difference between input and output 2.0 10 50 65 75 ns 4.5 4 10 13 15 9.0 3 8 10 13 12.0 3 7 9 10 t pzl t pzh output enable time 2.0 r l =1k w 18 100 125 150 ns 4.5 8 20 25 30 9.0 6 12 22 27 12.0 6 12 18 25 t plz t phz output disable time 2.0 r l =1k w 20 115 145 175 ns 4.5 10 23 29 35 9.0 8 20 25 30 12.0 8 18 22 27 maximum control input frequency 2.0 r l =1k w c l =15pf v out = 1/2 v cc 30 mhz 4.5 30 9.0 30 12.0 30 symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5 10 10 10 pf c i/o switch terminal capacitance 6pf c ios feed through capacitance 0.5 pf c pd power dissipation capacitance (note 1) 15 pf
m74hc4066 5/11 analog switch characteristics (gnd = 0v;t a =25 c) symbol parameter test conditio n value unit v cc (v) v in (v p-p ) typ. sine wave distortion (thd) 4.5 4 f in =1khzr l =10k w ,c l =50pf 0.05 % 9.0 8 0.04 f max frequency response (switch on) 4.5 adjust f in voltage to obtain 0 dbm at v os . increase f in frequency until db meter reads -3db r l =50 w ,c l =10pf 200 mhz 9.0 200 feed through attenuation (switch off) 4.5 v in is centered at v cc /2. adjust input for 0 dbm r l = 600 w c l =50pf,f in = 1mhz sine wave -60 db 9.0 -60 crosstalk (control input to signal output) 4.5 r l = 600 w ,c l =50pf,f in = 1mhz square wave (t r =t f =6ns) 60 mv 9.0 100 crosstalk (between any switches) 4.5 adjust v in to obtain 0 dbmat input r l = 600 w ,c l =50pf,f in = 1mhz sine wave -60 db 9.0 -60
m74hc4066 6/11 switching caracteristics test circuit crosstalk (control to output) bandwidth and feedthrough attenuation crosstalk between any two switches maximum control frequency
m74hc4066 7/11 channel resistance (r on) i cc (opr.)
m74hc4066 8/11 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 15.24 0.600 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 2.54 0.050 0.100 plastic dip-14 mechanical data p001a
m74hc4066 9/11 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
m74hc4066 10/11 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
m74hc4066 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com 11/11


▲Up To Search▲   

 
Price & Availability of M74HC4066RM13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X