Part Number Hot Search : 
BR88DL MBRF1030 15KP280 LB8648T AD711CQ PM200 2N5446 00105
Product Description
Full Text Search
 

To Download M74HC366RM13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 july 2001 n high speed: t pd = 10ns (typ.) at v cc =6v n low power dissipation: i cc =4 m a(max.) at t a =25 c n high noise immunity: v nih =v nil =28%v cc (min.) n symmetrical output impedance: |i oh |=i ol = 6ma (min) n balanced propagation delays: t plh @ t phl n wide operating voltage range: v cc (opr) = 2v to 6v n pin and function compatible with 74 series 366 description the 74hc366 is an advanced high-speed cmos hex bus buffer (3-state) fabricated with silicon gate c 2 mos technology. all six buffers are controlled by the combination of two enable inputs (g1 and g2); all outputs of these buffers are enabled only when both g1 and g2 inputs are held low, under all other conditions these output are disabled in a high-impedance state. the m74hc366 has inverting outputs. all inputs are equipped with protection circuits against static discharge and transient excess voltage. m74hc366 hex bus buffer with 3 state outputs (inverting) pin connection and iec logic symbols order codes package tube t & r dip m74hc366b1r sop m74hc366m1r M74HC366RM13TR tssop m74hc366ttr tssop dip sop
m74hc366 2/10 input and output equivalent circuit pin description truth table x : don't care z : high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied (*) 500mw at 65 c; derate to 300mw by 10mw/ c from 65 cto85 c recommended operating conditions pin no symbol name and function 1, 15 g1, g2 output enable inputs 2, 4, 6, 10, 12, 14 1a to 6a data inputs 3, 5, 7, 9, 11, 13 1y to 6y data outputs 8 gnd ground (0v) 16 v cc positive supply voltage inputs outputs g1 g2 an y lllh llhl hxxz xhxz symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 35 ma i cc or i gnd dc v cc or ground current 70 ma p d power dissipation 500(*) mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2to6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c t r ,t f input rise and fall time v cc = 2.0v 0 to 1000 ns v cc = 4.5v 0 to 500 ns v cc = 6.0v 0 to 400 ns
m74hc366 3/10 dc specifications symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 v il low level input voltage 2.0 0.5 0.5 0.5 v 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 v oh high level output voltage 2.0 i o =-20 m a 1.9 2.0 1.9 1.9 v 4.5 i o =-20 m a 4.4 4.5 4.4 4.4 6.0 i o =-20 m a 5.9 6.0 5.9 5.9 4.5 i o =-6.0 ma 4.18 4.31 4.13 4.10 6.0 i o =-7.8 ma 5.68 5.8 5.63 5.60 v ol low level output voltage 2.0 i o =20 m a 0.0 0.1 0.1 0.1 v 4.5 i o =20 m a 0.0 0.1 0.1 0.1 6.0 i o =20 m a 0.0 0.1 0.1 0.1 4.5 i o =6.0 ma 0.17 0.26 0.33 0.40 6.0 i o =7.8 ma 0.18 0.26 0.33 0.40 i i input leakage current 6.0 v i =v cc or gnd 0.1 1 1 m a i oz high impedance output leakage current 6.0 v i =v ih or v il v o =v cc or gnd 0.5 5 10 m a i cc quiescent supply current 6.0 v i =v cc or gnd 44080 m a
m74hc366 4/10 ac electrical characteristics (c l = 50 pf, input t r =t f = 6ns) capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /6 (per gate) symbol parameter test condition value unit v cc (v) c l (pf) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t tlh t thl output transition time 2.0 50 25 60 75 90 ns 4.5 7121918 6.0 6101315 t plh t phl propagation delay time 2.0 50 38 90 115 135 ns 4.5 12 18 23 27 6.0 10 15 20 23 2.0 150 51 130 165 195 ns 4.5 17 26 33 39 6.0 14 22 28 33 t pzl t pzh high impedance output enable time 2.0 50 r l =1k w 64 130 165 195 ns 4.5 16 26 33 39 6.0 14 22 28 33 2.0 150 r l =1k w 76 150 190 225 ns 4.5 19 30 38 45 6.0 16 26 32 38 t plz t phz high impedance output disable time 2.0 50 r l =1k w 42 130 165 195 ns 4.5 18 26 33 39 6.0 15 22 28 33 symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5.0 5101010pf c pd power dissipation capacitance (note 1) 5.0 25 pf
m74hc366 5/10 test circuit c l = 50pf/150pf or equivalent (includes jig and probe capacitance) r 1 =1k w or equivalent r t =z out of pulse generator (typically 50 w ) waveform 1: propagation delay times (f=1mhz; 50% duty cycle) test switch t plh ,t phl open t pzl ,t plz v cc t pzh ,t phz gnd
m74hc366 6/10 waveform 2: output enable and disable times (f=1mhz; 50% duty cycle)
m74hc366 7/10 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 plastic dip-16 (0.25) mechanical data p001c
m74hc366 8/10 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.62 0.024 s8 (max.) so-16 mechanical data po13h
m74hc366 9/10 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop16 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080338d
m74hc366 10/10 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com


▲Up To Search▲   

 
Price & Availability of M74HC366RM13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X