Part Number Hot Search : 
REEL1 MTZJ8V2C RFZ44 MP4690 MP4690 91HA14 5KE11 RFZ44
Product Description
Full Text Search
 

To Download M5KP100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 1 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) available 5 ,000 watt transient voltage suppressor (tvs) p rotection d evice screening in reference to mil - prf - 19500 available description this transient voltage suppressor se r ies m 5kp 5.0 a C m 5kp 11 0ca provide s a range of standoff voltage options from 5.0 to 110 v in unidirectional, bidirectional, rohs compliant, and snpb solder dipped options. multiple advanced screening levels are available f or enhanced reliability. clamping action is almost instantaneous. as a result, they provide effective protection from esd or eft per iec61000 -4- 2 and iec61000 -4- 4, as well as transients caused by inductive switching and rfi. they also protect from secondary lightni ng effects per 61000 -4- 5 at the class levels specified below. case 5a (do- 204ar) package also available in : p600 package ( commercial plastic axial - leaded ) 5kp5.0 e3 C 5kp250ca e3 do - 13 package ( metal axial - leaded ) lc6.5a C lc170a important: for the latest information, visit our website http://ww w.microsemi.com . features ? available in both unidirectional and bidirectional configurations ? 3 lot norm screening performed on standby current i d ? 100% surge tested devices ? various s creening in reference to mil - prf - 19500. refer to hi r el non - hermetic product portfolio for more details on the screening options (see part nomenclature for all options.) ? high reliability controlled devices with wafer fabrication and assembly lot traceability ? moisture classification is l evel 1 with no dry pack required per ipc/jedec j - std - 020b ? rohs compliant versions are available applications / benefits ? selections for 5.0 to 11 0 volts stand - off voltage (v wm ) ? economical tvs series for thru - hole mounting ? this m5kpxxx series has a significantly reduced body diameter than the 5kpxxx commercial ser ies for a smaller size footprint often required for aviation and other application s ? p ico - to nano - se cond response time ? protection from transients due to inductive switching and rfi ? compliant to iec 61 0 00 -4- 2 a n d iec 61 000 -4- 4 for esd and eft protection respectively ? secondary lightning protection per iec61000 -4- 5 with 4 2 o hms source impedance : class 1, 2, 3, 4: m 5kp5.0 a to m 5kp110ca class 5: m 5kp5.0 a to m 5kp110ca (short distance) class 5: m5 kp5.0 a to m 5kp36ca (long distance) ? secondary lightning protection per iec61000 -4- 5 with 1 2 o hms source impedance : class 1 & 2: m 5kp5.0 a to m 5kp110ca class 3: m 5kp5.0 a to m 5kp78ca class 4: m5 kp5.0 a to m 5kp40ca ? secondary lightning protection per iec61000 -4- 5 with 2 ohms source impedance: class 2: m 5kp5.0 a to m 5kp70ca class 3: m 5kp5.0 a to m 5kp36ca class 4: m 5kp5.0 a to m 5kp18ca m sc C lawrence 6 lake street, lawrence, ma 01841 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 2 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) maximum ratings @ 25 oc unless otherwise not ed parameters/test conditions symbol value unit junction and storage temperature t j and t stg - 65 to +150 o c thermal resistance, junction to lead @ 0.375 inch ( 9.5 mm) lead length from body r ? jl 20 o c/w thermal resistance, junction to ambient (1) r ? ja 80 o c/w peak pulse power dissipation (2) 10/1000 s p pp 5000 w steady - state power dissipation @ t l = 25 oc 0.375 inch ( 9.5 mm) from body p d 6 1.56 (1) w t clamping (0 volts to v ( br) min , theoretical ) unidirectional bidirectional < 100 < 5 ps ns forward voltage (3) v f 3.5 v solder temperature @ 10 s 260 o c notes : 1. w hen mounted on fr4 pc board with 4 mm 2 copper pads (1 oz) and track width 1 mm, length 25 mm . 2. with impulse repetition rate (duty factor) of 0.01 % or less (also figure 1 and 2 ). 3. at 100 amp peak impulse of 8.3 ms half - sine wave (unidirectional only). mechanical and packaging ? case: void - free transfer molded thermosetting epoxy body meeting ul94v -0 ? terminals: tin - lead or rohs c ompliant a nnealed m atte -t in plating . s olderable per mil - std - 750, method 2026 . ? marking: p art number ? polarity: cathode indicated by band. no cathode band on bidirectional devices . ? tape & reel option: standard per eia - 296 (add tr suffix to part number). consult factory for quantities. ? w eight: approximately 1.4 grams ? see p ackage d imensions on last page. part nomenclature m 5k p 5.0 c a (e3) reliability level * m ma mx mxl (* s ee hi r el non - hermetic product portfolio ) 5 kilowatt rating encapsulated plastic package rohs compliance e3 = rohs c ompliant blank = non - rohs c ompliant 5 % voltage tolerance polarity c = bi - directional blank = unidirectional stand - off voltage rating (see electrical characteristics table) downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 3 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) symbols & definitions symbol definition v( br) temperature coefficient of breakdown voltage: the change in breakdown voltage divided by the change in temperature that caused it expressed in %/ c or mv/ c. v wm wo rking s tandoff v oltage: the maximum - rated value of dc or repetitive peak positive cathode - to - anode voltage that may be continuously applied over the standard operating temperature. p pp peak pulse power. the rated random recurring peak impulse power or rated nonrepetitive peak impulse power . the impulse power is the maximum - rated value of the product of i pp a nd v c . v ( br) breakdown voltage: the voltage across the device at a specified current i (br) in the breakdown region. i d standby current: the current through the device at rated stand - off voltage. i pp peak impulse current: the maximum rated random recurring peak impulse current or nonrepetitive peak imp ulse current that may be applied to a device. a random recurring or nonrepetitive transient current is usually due to an external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives. v c clamping voltage: the voltage across the device in a region of low differential resistance duri ng the application of an impulse current (i pp ) for a specified waveform. i (br) breakdown current : the current used for measuring breakdown voltage v (br) . downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 4 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) electrical characteristics @ 25 oc part number (note 2) reverse st and - off voltage v wm (note 1) breakdown voltage v ( br ) @ i ( br ) maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum pe ak pulse current i pp (fig. 2) maximum temperature coefficient of v (br) v(br) v v ma v a a mv/ oc m5kp 5.0a m5kp 6.0a 5.0 6.0 6.40 C 7.00 6.67 C 7.37 50 50 9.2 10.3 2000* 5000 543 485 4.0 4.0 m5kp 6.5a m5kp 7.0a 6.5 7.0 7.22 C 7.98 7.78 C 8.60 50 50 11.2 12.0 2000 1000 447 417 4.0 5.0 m5kp 7.5a m5kp 8.0a 7.5 8.0 8.33 C 9.21 8.89 C 9.83 5 5 12.9 13.6 250 150 388 367 6.0 6.0 m5kp 8.5a m5kp 9.0a 8.5 9.0 9.44 C 10.4 10.0 C 11.1 5 5 14.4 15.4 50 20 347 325 7.0 8.0 m5kp 10a m5kp 11a 10 11 11.1 C 12.3 12.2 C 13.5 5 5 17.0 18.2 15 10 294 274 9.0 10 m5kp 12a m5kp 13a 12 13 13.3 C 14.7 14.4 C 15.9 5 5 19.9 21.5 10 10 251 232 11 12 m5kp 14a m5kp 15a 14 15 15.6 C 17.2 16.7 C 18.5 5 5 23.2 24.4 10 10 215 206 13 15 m5kp 16a m5kp 17a 16 17 17.8 C 19.7 18.9 C 2 0.9 5 5 26.0 27.6 10 10 192 181 16 18 m5kp 18a m5kp 20a 18 20 20.0 C 22.1 22.2 C 24.5 5 5 29.2 32.4 10 10 172 154 19 22 m5kp 22a m5kp 24a 22 24 24.4 C 26.9 26.7 C 29.5 5 5 35.5 38.9 10 10 141 128 24 27 m5kp 26a m5kp 28a 26 28 28.9 C 31.9 31.1 C 34.4 5 5 42.1 45.5 10 10 119 110 29 30 m5kp 30a m5kp 33a 30 33 33.3 C 36.8 36.7 C 40.6 5 5 48.4 53.3 10 10 103 94 35 38 m5kp 36a m5kp 40a 36 40 40.0 C 44.2 44.4 C 49.1 5 5 58.1 64.5 10 10 86 78 40 45 m5kp 43a m5kp 45a 43 45 47.8 C 52.8 50.0 C 55.3 5 5 69.4 72 .7 10 10 72 69 49 51 m5kp 48a m5kp 51a 48 51 53.3 C 58.9 56.7 C 62.7 5 5 77.4 82.4 10 10 65 61 55 60 m5kp 54a m5kp 58a 54 58 60.0 C 66.3 64.4 C 71.2 5 5 87.1 93.6 10 10 57 53 64 69 m5kp 60a m5kp 64a 60 64 66.7 C 73.7 71.1 C 78.6 5 5 96.8 103.0 10 10 52 49 70 75 m5kp 70a m5kp 75a 70 75 77.8 C 86.0 83.3 C 92.1 5 5 113 121 10 10 44 41 84 90 m5kp 78a m5kp 85a 78 85 86.7 C 95.8 94.4 C 104.0 5 5 126 137 10 10 40 36 94 102 m5kp 90a m5kp 1 00 a 90 100 100 C 111 111 C 123 5 5 146 162 10 10 34 31 109 122 m5kp 1 10 a 110 122 - 135 5 177 10 28 132 note s: 1. transient v oltage s uppressors are normally selected with reverse s tand -o ff v oltage (v wm ) w hich should be equal to or greater than the dc or continuous peak operating voltage level . 2. for the bidirectional m5 kp5.0ca double the i d m aximum s tandby c urrent to 4000 a . downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 5 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) graphs t d C pulse width ( s ec.) figure 1 peak pulse power rating curve t C time C ms test waveform parameters: tr=10 s, tp=1000 s figure 2 pulse waveform for 10/1000 s exponential surge pulse current in percent of i pp p pp C peak pulse power ( kw) downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 6 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) graphs (continued) v (br) C reverse breakdown voltage (v) figure 3 typical junction capacitance c , capacitance (pf) downloaded from: http:///
rf01010, rev . b ( 9/13/13 ) ?201 3 microsemi corporation page 7 of 7 m 5kp5.0 a C m 5kp 11 0ca ( e3 ) package dimensions dimensions dim inch millimeters min max min max ll 0.750 - 19.05 - bl 0.3 65 0.385 9.27 9.78 bd 0.235 0.255 5.97 6.48 ld 0.0 47 0.05 3 1.194 1.346 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of M5KP100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X