Part Number Hot Search : 
CSD2475G FQB5N30 NTE584 5KP26A WP1533B 2SD1520L 2SA1288 ZM85C43
Product Description
Full Text Search
 

To Download J115F31AL277VACS9U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j115f3 32.4 (50.0) x 26.8 x 28.1 mm ? ul f class rated standard ? small size and light weight, low coil power consumption ? heavy contact load, strong shock and vibration resistance ? ul/cul, t v certi? ed contact data* ul contact rating n.o. 5a @ 280vac ballast 5a @ 280vac general purpose 20a @ 240vac resistive, 250k cycles, 40c 25a @ 277vac, resistive 100k cycles, 40c 40a @ 240vac resistive, 40c 30a @ 277vac general purpose 2hp @ 250vac, 40c ; 1hp @ 125vac, 50k cycles, 40c n.c. 5a @ 280vac ballast 5a @ 280vac general purpose 30a @ 240vac resistive, 40c 30a @ 30vdc, 40c 20a @ 277vac general purpose 1-1/2hp @ 2 50vac; 1/4hp @ 125vac, 50k cycles, 40c features contact arrangement 1a = spst n.o. 1b = spst n.c. 1c = spdt contact resistance < 30 milliohms initial contact material agsno 2 agsno 2 in 2 o 3 maximum switching power 9600va, 1120 w maximum switching voltage 277vac, 110vdc maximum switching current 40a tv contact rating n.o. 40a @ 240vac; 14vdc 30a @ 277vac n.c. 30a @ 240vac; 14vdc 20a @ 277vac e197852 coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .6w .9w 5 6.5 42 28 3.75 .5 .60 .90 15 10 9 11.7 135 90 6.75 .9 12 15.6 240 160 9.00 1.2 24 31.2 960 640 18.00 2.4 48 62.4 3840 2560 36.00 4.8 110 140.3 20167 13445 82.50 11.0 coil voltage vac coil resistance +/- 10% pick up voltage vac (max) 75% of rated voltage release voltage vac (min) 30% of rated voltage coil power va operate time ms release time ms rated max 12 15.6 27 9.00 3.6 2va 15 10 24 31.2 120 18.00 7.2 110 143 2360 82.50 33.0 120 156 3040 90.00 36.0 220 286 13490 165.00 66.0 240 312 15320 180.00 72.0 277 360 20210 207.00 83.1 coil data dc parameters* coil data ac parameters* o o o o h h h r ro ro ro ro o
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j115f3 page 2 general data* ordering information 1. series j115f3 1a 12vdc s .6 j115f3 2. contact arrangement 1a = spst n.o. 1b = spst n.c. 1c = spdt 3. pro? le blank = standard pro? le l = low pro? le 4. coil voltage 5vdc 9vdc 12vdc 24vdc 48vdc 110vdc 12vac 24vac 110vac 120vac 220vac 240vac 277vac 5. sealing option s = sealed 6. coil power .9 = .9w dc coil .6 = .6w dc coil blank = 2va (ac coil) 7. contact material blank = agsno 2 u = agsno 2 in 2 o 3 electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 1000m min. @ 500vdc initial dielectric strength, coil to contact 2500v rms min. @ sea level initial contact to contact 1500v rms min. @ sea level initial shock resistance 200m/s 2 for 11 ms vibration resistance 1.50mm double amplitude 10~40hz terminal (copper alloy) strength 10n operating temperature -55 o c to +125 o c storage temperature -55 o c to +155 o c solderability 260 o c for 5 s weight 37g * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j115f3 page 3 dimensions units = mm bottom views schematics & pc layouts standard cover **quick connect terminals : contact ~ 6.35 x .81mm (.250? x .032?) coil ~ 4.75 x .50mm (.187? x .020?) standard l = low pro le **quick connect terminals : contact ~ 6.35 x .81mm (.250? x .032?) coil ~ 4.75 x .50mm (.187? x .020?) standard 1a 1b 1c


▲Up To Search▲   

 
Price & Availability of J115F31AL277VACS9U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X