Part Number Hot Search : 
102J0 S1215 MR2920 CDLL944A FDP5800 KDR731S KKA6107Q EL308X
Product Description
Full Text Search
 

To Download IRF7811AVPBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  top view 8 12 3 4 5 6 7 d d d d g s a s s a  absolute maximum ratings symbol units v ds v v gs continuous output current t a = 25c a (v gs 4.5v) t l = 90c i dm t a = 25c t l = 90c t j , t stg c i s i sm thermal resistance symbol typ max units r ja CCC 50 r jl CCC 20 w a c/w maximum junction-to-ambient  maximum junction-to-lead  pulsed source current  2.5 50 2.5 -55 to 150 i d p d power dissipation  continuous source current (body diode) parameter parameter drain-to-source voltage gate-to-source voltage pulsed drain current  junction & storage temperature range 3.0 irf7811av 10.8 100 30 20 11.8 
    
  v ds 30 v r ds(on) max (@v gs = 4.5v) 14 q g (typical) 17 nc i d (@t a = 25c) 10.8 a m features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability form quantity tube/bulk 95 IRF7811AVPBF-1 tape and reel 4000 irf7811avtrpbf-1 package type standard pack orderable part number IRF7811AVPBF-1 so-8 base part number   
  
       
  !  downloaded from: http:///

   
  
       
  !  notes:  repetitive rating; pulse width limited by max. junction temperature.  pulse width 400 s; duty cycle 2%.  when mounted on 1 inch square copper board, t < 10 sec.  typ = measured - q oss  typical values of r ds (on) measured at v gs = 4.5v, q g , q sw and q oss measured at v gs =5.0v, i f = 15a.     "  ##
$ %& '( electrical characteristics parameter symbol min typ max units drain-to-source breakdown voltage v (br)dss 30 CCC CCC v static drain-to-source on-resistance r ds(on) CCC 11 14 m gate threshold voltage v gs(th) 1.0 CCC 3.0 v CCC CCC 50 a CCC CCC 20 a CCC CCC 100 ma gate-to-source leakage current i gss CCC CCC 100 na total gate charge, control fet q g CCC 17 26 nc total gate charge, synch fet q g CCC 14 21 v gs = 5.0v, v ds < 100mv pre-vth gate-to-source charge q gs1 CCC 3.4 CCC post-vth gate-to-source charge q gs2 CCC 1.6 CCC gate-to-drain ("miller") charge q gd CCC 5.1 CCC switch charge (q gs2 + q gd )q sw CCC 6.7 CCC output charge q oss CCC 8.1 12 v ds = 16v, v gs = 0 gate resistance r g 0.5 CCC 4.4 turn-on delay time t d(on) CCC 8.6 CCC ns rise time t r CCC 21 CCC turn-off delay time t d(off) CCC 43 CCC fall time t f CCC 10 CCC input capacitance c iss CCC 1801 CCC pf output capacitance c oss CCC 723 CCC reverse transfer capacitance c rss CCC 46 CCC diode characteristics parameter symbol min typ max units diode forward voltage v sd CCC CCC 1.3 v reverse recovery charge (with parallel schottsky) v ds = v gs , i d = 250 a v ds = 30v, v gs = 0v v gs = 20v v ds = 24v, i d = 15a, v gs = 5.0v v ds = 24v, v gs = 0v conditions v gs = 0v, i d = 250 a v gs = 4.5v, i d = 15a  di/dt = 700a/ s , (with 10bq040) v dd = 16v, v gs = 0v, i d = 15a v gs = 5.0v v dd = 16v i d = 15a clamped inductive load di/dt = 700a/ s v dd = 16v, v gs = 0v, i d = 15a t j = 25c, i s = 15a  ,v gs = 0v v ds = 24v, v gs = 0v, t j = 100c v gs = 0v v ds = 10v conditions drain-to-source leakage current i dss v ds = 16v, i d = 15a q rr CCC 43 CCC nc nc CCC 50 CCC q rr reverse recovery charge downloaded from: http:///

    
  
       
  !  0 5 10 15 20 0 2 4 6 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 15a 1 10 100 v ds , drain-to-source voltage (v) 0 500 1000 1500 2000 2500 3000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0.1 1 10 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v = 15v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j 0.1 1 10 100 0.3 0.6 0.9 1.2 1.5 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j figure 1. normalized on-resistance vs. temperature figure 2. gate-to-source voltage vs. typical gate charge figure 3. typical rds(on) vs. gate-to-source voltage figure 4. typical capacitance vs. drain-to-source voltage figure 5. typical transfer characteristics figure 6. typical source-drain diode forward voltage -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 4.5v 15a    3.0 6.0 9.0 12.0 15.0 v gs, gate -to -source voltage (v) 0.008 0.010 0.012 0.014 0.016 0.018 0.020 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) i d = 15a downloaded from: http:///

  )  
  
       
  !  figure 7. maximum effective transient thermal impedance, junction-to-ambient 0.1 1 10 100 0.0001 0.001 0.01 0.1 1 10 100 1000 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) *+( #  
*  * 
 50 ohms probe 125ns 50 u 5 uh schottky -6a vdd 16vz500mw 50 u 450 450 mic4452bm repetition rate:100hz 8v switching time w aveforms 10% 90% v ds v gs t d( on) t f( v) t d(o ff) t r (v ) downloaded from: http:///

  ,  
  
       
  !  so-8 package outlinedimensions are shown in millimeters (inches) so-8 part marking e1 de y b aa1 h k l .189 .1497 0 .013 .050 basic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches min max dim 8 e c .0075 .0098 0.19 0.25 .025 basic 0.635 basic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot p r i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012 aa. not e s : 1. dimens ioning & tolerancing per asme y14.5m-1994. 2. cont rol l ing dime ns ion: mil l ime t e r 3. dime ns ions are s hown in mil l ime t e rs [inche s ]. 5 dime ns ion doe s not incl u de mol d pr ot ru s ions . 6 dime ns ion doe s not incl u de mol d pr ot ru s ions . mold protrus ions not to exceed 0.25 [.010]. 7 dimens ion is t he lengt h of lead for soldering to a s ubst rat e. mold protrus ions not to exceed 0.15 [.006]. 8x 1.78 [.070] dat e code (yww) xxxx international rectifier logo f 7101 y = last digit of the year part number lot code ww = week e xample: t his is an irf7101 (mos f et ) p = de s i gnat e s l e ad- f r e e product (optional) a = as s e mb l y s i t e code note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ downloaded from: http:///

  -  
  
       
  !  330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ ? qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ ms l 1 (per je de c j-s t d-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jesd47f ?? guidelines) moisture sensitivity level so-8 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRF7811AVPBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X