hxb series ? high reliability and high voltage are realized by hybrid electrolyte ?endurance with ripple current : 5,000 hours at 105 ? for high reliability applications. (automotive equipment, base station equipment, etc.) ? rohs compliant ? halogen free ? aec-q200 compliant : please contact chemi-con for more details, test data, information. specifications items characteristics category temperature range -55 to +105 rated voltage range 16 to 80v dc capacitance tolerance 20% (m) (at 20 , 120hz) leakage current i=0.01cv where, i : max. leakage current ( a , c: nominal capacitance( f , v : rated voltage(v) (at 20 after 2 minutes) dissipation factor (tan ) rated voltage(v dc ) 16v 25v 35v 50v 63v 80v (at 20 , 120hz) tan ? max.) 0.16 0.14 0.12 0.10 0.08 0.08 low temperature characteristics (max. impedance ratio) z(-25 )/z(+20 ) Q 1.5 z(-55 )/z(+20 ) Q 2.0 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjected to dc voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105 . capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value shelf life the following speci?cations shall be satis?ed when the capacitors are restored to 20 after exposing them for 1,000 hours at 105 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value higher temperature hxb hxa p76 dimensions [mm] d0.5 l 0.3 (note) 0.3max. a 0.2 w c 0.2 b 0.2 p note : l 0.5 for ha0 and ja0 d0.5 b 0.2 l 0.5 0.3max. a 0.2 w c 0.2 p : dummy terminals siz e code : f61 to ja0 terminal code : g(vibration resistant structure) size code : ha0 and ja0 terminal code : a vent for ja0 vent for ja0 size code d l a b c w p f61 6.3 5.8 6.6 6.6 7.2 0.5 to 0.8 1.9 f80 6.3 7.7 6.6 6.6 7.2 0.5 to 0.8 1.9 ha0 8 10.0 8.3 8.3 9.0 0.7 to 1.1 3.1 ja0 10 10.0 10.3 10.3 11.0 0.7 to 1.1 4.5 part numbering system supplement code size code capacitance tolerance code taping code terminal code voltage code (ex. 35v:350, 50v:500) series code category h h x b r a g m 1 3 42 6 7 8 9 10 1312 5 181716 11 1514 capacitance code (ex. 47f:470, 100f:101) p lea se r efe r to "product code guide (conduct ive polyme r hybrid type )" marking 26a 47 v hb ex) 35v47f rated voltage symbol rated voltage (v dc ) 16 25 35 50 63 80 symbol c e v h j k 78 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer hybrid aluminum electrolytic capacitors
hxb series standard ratings wv (v dc ) cap (f) size code esr m max./20 , 100khz rated ripple current marms/105 , 100khz) part no. 16 82 f61 45 1,600 hhxb160ara820mf61g 150 f80 27 2,200 hhxb160ara151mf80g 270 ha0 22 2,500 hhxb160 ra271mha0g 470 ja0 18 2,600 hhxb160 ra471mja0g 25 47 f61 50 1,300 hhxb250ara470mf61g 56 f61 50 1,300 hhxb250ara560mf61g 68 f80 30 2,000 hhxb250ara680mf80g 100 f80 30 2,000 hhxb250ara101mf80g 150 ha0 27 2,300 hhxb250 ra151mha0g 220 ha0 27 2,300 hhxb250 ra221mha0g 270 ja0 20 2,500 hhxb250 ra271mja0g 330 ja0 20 2,500 hhxb250 ra331mja0g 35 27 f61 60 1,300 hhxb350ara270mf61g 47 f61 60 1,300 hhxb350ara470mf61g 47 f80 35 2,000 hhxb350ara470mf80g 68 f80 35 2,000 HHXB350ARA680MF80G 100 ha0 27 2,300 hhxb350 ra101mha0g 150 ha0 27 2,300 hhxb350 ra151mha0g 150 ja0 20 2,500 hhxb350 ra151mja0g 270 ja0 20 2,500 hhxb350 ra271mja0g 50 10 f61 80 1,100 hhxb500ara100mf61g 15 f80 40 1,600 hhxb500ara150mf80g 22 f61 80 1,100 hhxb500ara220mf61g 33 f80 40 1,600 hhxb500ara330mf80g 33 ha0 30 1,800 hhxb500 ra330mha0g 47 ha0 30 1,800 hhxb500 ra470mha0g 56 ja0 25 2,000 hhxb500 ra560mja0g 68 ha0 30 1,800 hhxb500 ra680mha0g 100 ja0 25 2,000 hhxb500 ra101mja0g 63 6.8 f61 120 1,000 hhxb630ara6r8mf61g 10 f61 120 1,000 hhxb630ara100mf61g 10 f80 80 1,500 hhxb630ara100mf80g 22 f80 80 1,500 hhxb630ara220mf80g 22 ha0 40 1,600 hhxb630 ra220mha0g 33 ha0 40 1,600 hhxb630 ra330mha0g 33 ja0 30 1,800 hhxb630 ra330mja0g 56 ja0 30 1,800 hhxb630 ra560mja0g 80 22 ha0 45 1,600 hhxb800 ra220mha0g 39 ja0 35 1,700 hhxb800 ra390mja0g : enter the appropriate terminal code. 79 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001q conductive polymer hybrid aluminum electrolytic capacitors
|