Part Number Hot Search : 
TDL2A BA7757 5640B 072180 KRA117S ATC504L RC1585 TDL2A
Product Description
Full Text Search
 

To Download ETD-BL-1T-ON-30MIN-SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1description time relay with switch-on delay (voltage controlled) and adjustable time etd-bl-1t-on- 10s ? phoenix contact - 2013-09-16 data sheet compact timer relay in 6.2 ? mm housing for controlling time sequences. the time is set on the front of the device using a labeled thumbwheel, which is recessed to protect against accidental modification. a screwdriver is used to change the settings (blade width 2.5 ? mm). the compact timer relays are av ailable with different time ranges as well as with a screw, spring-cage, and push-in connection. warning: correct usage in potentially explosive areas the module is a category 3 item of electrical equi pment. follow the instructio ns provided here during installation and observe the safety instructions. never carry out work when voltage is present. make sure you always use the latest documentation. it can be downloaded from the product at phoenixcontact.net/products. this data sheet is valid for all pr oducts listed on the following page: ? 6.2 mm narrow housing ? with switch-on delay (voltage controlled) ?adjustable time ? easy and accurate time setting ? supply voltage 24 v dc ? output: a floating pdt 103615_en_03 features
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 2 description type order no. pcs. / pkt. timer relay with screw connection time range 0.1...10 s etd-bl-1t-on- 10s 2917379 1 time range 3...300 s etd-bl-1t-on-300s 2917382 1 time range 0.3...30 min etd-bl-1t-on- 30min 2917395 1 time range 3...300 min etd-bl-1t-on-300min 2917405 1 timer relay with spring-cage connection time range 0.1...10 s etd-bl-1t-on- 10s-sp 2917531 1 time range 3...300 s etd-bl-1t-on-300s-sp 2917544 1 time range 0.3...30 min etd-bl-1t-on- 30min-sp 2917557 1 time range 3...300 min etd-bl-1t-on-300min-sp 2917560 1 timer relay with push-in connection time range 0.1...10 s etd-bl-1t-on- 10s-pt 2901476 1 time range 3...300 s etd-bl-1t-on-300s-pt 2901477 1 time range 0.3...30 min etd-bl-1t-on- 30min-pt 2901478 1 time range 3...300 min etd-bl-1t-on-300min-pt 2901479 1 input data input voltage range 24 v dc (19,2 v dc ...30 v dc) time setting range etd-bl-1t-on- 10s etd-bl-1t-on-300s etd-bl-1t-on- 30min etd-bl-1t-on-300min etd-bl-1t-on- 10s-sp etd-bl-1t-on-300s-sp etd-bl-1t-on- 30min-sp etd-bl-1t-on-300min-sp etd-bl-1t-on- 10s-pt etd-bl-1t-on-300s-pt etd-bl-1t-on- 30min-pt etd-bl-1t-on-300min-pt 0.1 s ... 10 s 3 s ... 300 s 0.3 min ... 30 min 3 min ... 300 min 0.1 s ... 10 s 3 s ... 300 s 0.3 min ... 30 min 3 min ... 300 min 0.1 s ... 10 s 3 s ... 300 s 0.3 min ... 30 min 3 min ... 300 min function on: with switch-on delay setting accuracy 2.5 % (of scale end value) repeat accuracy 0.5 % (from the measuring range final value) nominal current typ. 15 ma (relay on) 7 ma (relay off) output data contact type 1 floating pdt output fuse 6.3 a (fast-blow) switching capacity 1500 va (6 a / 250 v ac) control contact control pulse length min. 50 ms 2ordering data 3 technical data
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 3 general data mechanical service life approx. 2 x 10 7 cycles service life, electrical approx. 2 x 10 5 cycles at ohmic load, 1000 va operating mode 100% operating factor degree of protection ip20 pollution degree 2 (according to en 50178) surge voltage category iii, safe isolation (according to en 50178) rated insulation voltage 300 v ac (according to en 50178) impulse withstand voltage 6 kv (according to en 50178) inflammability class according to ul 94 v0 mounting on standard din rail ns 35 in accordance with en 60715 mounting position any width 6.2 mm height 80 mm depth 86 mm type of housing polyamide pa, self-extinguishing color green connection data screw connection conductor cross section, solid 0.14 mm2 ... 2.5 mm2 conductor cross section, stranded 0.14 mm2 ... 2.5 mm2 awg 30 ... 12 stripping length 8 mm tightening torque 0.6 nm ... 0.8 nm / 5 lb in ... 7 lb in connection data spring-cage conn. conductor cross section, solid 0.14 mm2 ... 2.5 mm2 conductor cross section, stranded 0.14 mm2 ... 2.5 mm2 awg 26 ... 12 stripping length 8 mm connection data push-in conn. conductor cross section, solid 0.14 mm2 ... 2.5 mm2 conductor cross section, stranded 0.14 mm2 ... 2.5 mm2 awg 26 ... 14 stripping length 8 mm ambient conditions ambient temperature (operation) -20 c ... 65 c ambient temperature (storage/transport) -25 c ... 80 c permissible humidity (operation) 15 % ... 85 % conformance / approvals conformance ce-compliant atex x ii 3 g ex na nc iic t4 gc x ul, usa / canada ul/c-ul listed ul 508 gl (not for etd-bl-...-pt) gl emc 1 c
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 4 conformance with emc directive 2004/108/ec noise immunity when being exposed to interference , there may be minimal deviations. en 61000-6-2 noise emission en 61000-6-4 conformance with lv directive 2006/95/ec electronic equipm. for electrical power installations according to en 50178 4block diagram a1 + t a2 ? 12 14 11 u=24vdc
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 5 5safety regulations an d installation notes warning: risk of electric shock never carry out work when voltage is present. installation notes the category 3 device is suitable for installation in the zone 2 potentially explosive area. it fulfills the requirements of en ? 60079-0:2009 and en ? 60079-15:2010. note: installation, operation and maintena nce may be carried out only by qualified electricians. follow the specified installation instructions. wh en installing and operating the device , the applicable safety directives (including national safety directives), accident preventi on regulations, as well as general technical regulations, must be observed. the technical data should be taken from this data sh eet and the certific ates (conformity assessment, other possible approvals). note: do not open the device or make changes to it. do not repair the device yourself, replace it with an equivalent device. repairs may only be carried out by the manufacturer. the manufact urer is not liable for any damage due to violation of the described regulations. note: the ip20 degree of protection (iec 60529/en 60529) of the device is intended for a clean and dry environment. do not subject the device to any load that exceeds the described limits. warning: explosion hazard the device has not been designed for use in potentially dust-explosive atmospheres. installation in ex area (zone 2) note: please observe the requirements defined fo r use in potentially explosive atmospheres! warning: explosion hazard the device should be installed in a housing (control or distributor box) that fulfills the requirements of en ? 60079-15 and at least ip54 (en ? 60529) degree of protection. warning: explosion hazard when installing and connecting the supply and si gnal circuits observe the requirements of en ? 60079-14. only devices suitable for operation in ex zone ? 2 and the conditions at the application site may be connected to the circuits in zone ? 2. warning: explosion hazard cables may be connected and disconne cted in potentially explosive areas only when power is disconnected. warning: explosion hazard the device must be stopped and immediately removed from the ex area if it is damaged or was subject to an impermissible load or stored inco rrectly or if it malfunctions. you can download the latest document s at www.phoenixcon tact.net/products.
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 6 6structure 11 + ? on 0,1-10s r x10% a1+ a2- 12 14 etd-bl-1t-on-10s ord.-no.:29 17 37 9 a1+ a1+ a2? a2? 14/no 11/com 12/nc 14 12 11 t t a1/a2 function: on-delay relay input: 24vdc 20% output: max. 250v ac/4,5a t amb ?20...+65c ii3g ex nac iic t4 x warning! do not seperate when energized 1, 2 3 1 knurled wheel for setting the time 2 led u/t (green): supply voltage and adjustable time 3 led r (yellow): output relay 7 installation the module can be snapped onto all 35 mm din rails acco rding to en 60715. ul requirement: use copper cabl es approved for at least 75c. power supply the module is supplied with 24 v of dc voltage. warning: risk of electric shock never carry out work when voltage is present.
etd-bl-1t-on- 10s 103615_en_03 phoenix contact 7 8 time setting 6 a1+ a2- 12 14 11 + ? on 0,1-10s r x10% 1 the time can be adjusted variably using a screwdriver (blade width 2.5 mm). the value set on the knurled wheel multiplied by 10 gives the percentage set value of the time end value. example: time end range of the time relay = 10 ? s 1 setting on the knurled wheel = 6 6 x 10 ? % = 60 ? % time end range of the time relay = 10 ? s 60 % of ? 10 s = 6 ? s according to the setting of the knurled wheel (1...10), you can also read the time directly from the "time setting for different time setting ranges" table. time settings for various time setting ranges: position knurled wheel 0.1 - 10 s time [seconds] 3 - 300 s time [seconds] 0.3 - 30 min time [minutes] 3 - 300 min time [minutes] 00,130,33 1130330 2260660 3390990 4 4 120 12 120 5 5 150 15 150 6 6 180 18 180 7 7 210 21 210 8 8 240 24 240 9 9 270 27 270 10 10 300 30 300 the following table shows some exam ples: all intermediate values (e. ? g. 1.5) can be adjusted. the smallest adjustable time is reached at position "0". no time can be set between "10" and "0". this area is identified with a quickly flashing geed led.
etd-bl-1t-on- 10s 103615_en_03 8 phoenix contact gmbh & co. kg ? 32823 blomberg ? germany phoenixcontact.com 9diagnostics the leds indicate the following error states: led u/t (green, backlighti ng of the knurled wheel) ? flashes: voltage is present, the set time is elapsing ? flashing quickly: undefined time range between "10" and "0" adjusted ? on: voltage is present, the set time has elapsed led r (yellow) ? on: the output relay has picked up ? off: the output relay is dropped 10 connection example 24 vdc + ? a1+ a2? 11 12 14 12 14 11 11 function u led r t


▲Up To Search▲   

 
Price & Availability of ETD-BL-1T-ON-30MIN-SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X