Part Number Hot Search : 
Y7C63 SCB35M 2001B MHW1345N ZMD77W MC3336 RKZ18B2 MAX1668
Product Description
Full Text Search
 

To Download DXT651-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dxt651 document number: ds31184 rev: 5 - 2 1 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 60v npn low vce(sat) transistor in sot89 features ? bv ceo > 60v ? i c = 3a high continuous current ? low saturation voltage v ce(sat) < 300mv @ 1a ? complementary pnp type: dxt751 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot89 ? case material: molded plasti c. ?green? molding compound. ? ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte ti n plated leads, solderable per mil-std-202, method 208 ? weight: 0.052 grams (approximate) ordering information (note 4) product marking reel size (inches) tape width (mm) quantity per reel DXT651-13 kn2 13 12 2,500 DXT651-13r kn2 13 12 4,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen and antimony free, "green" and lead-free. 3. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm to tal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information top view device symbol top view pinout sot89 kn2 = product type marking code = manufacturer?s marking code yww = date code marking y = last digit of year (ex: 7 = 2007) ww = week code (01 ? 53) c e b c e c b kn2 y ww
dxt651 document number: ds31184 rev: 5 - 2 2 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 60 v emitter-base voltage v ebo 5 v collector current i c 3 a peak pulse collector current i cm 6 a base current i b 500 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 1 w thermal resistance, junction to ambient air (note 5) r ja 125 c/w thermal resistance, junction to leads (note 6) r jl 18.2 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 5. for a device surface mounted on 25 mm x 25mm fr4 pcb with high coverage of single sided 1 oz copper, in still air cond itions; the device is measured when operating in a steady-state condition. 6. thermal resistance from junction to solder-point (on the exposed collector pad). thermal characteristics and derating information 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 25mm x 25mm 1oz cu derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 120 25mm x 25mm 1oz cu t amb = 25c transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 25mm x 25mm 1oz cu t amb = 25c single pulse pulse power dissipation pulse width (s) max power dissipation (w)
dxt651 document number: ds31184 rev: 5 - 2 3 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test conditions off characteristics (note 7) collector-base breakdown voltage bv cbo 80 ?? ?? v i c = 100 ? a, i e = 0 collector-emitter breakdown voltage bv ceo 60 ? ? v i c = 10ma, i b = 0 emitter-base breakdown voltage bv ebo 5 ?? ?? v i e = 100 ? a, i c = 0 collector-base cutoff current i cbo ?? ?? 0.1 10 a v cb = 60v, i e = 0 v cb = 60v, i e = 0, t a = +100c emitter-base cutoff current i ebo ? ? 0.1 a v eb = 4v, i c = 0 on characteristics (note 7) collector-emitter saturation voltage v ce(sat) ? 0.08 0.23 0.3 0.6 v v i c = 1a, i b = 100ma i c = 3a, i b = 300ma base-emitter saturation voltage v be ( sat ) ? 0.85 1.25 v i c = 1a, i b = 100ma base-emitter turn-on voltage v be ( on ) ? 0.8 1 v v ce = 2v, i c = 1a dc current gain h fe 70 100 80 40 200 200 185 120 ? 300 ?? ? ? v ce = 2v, i c = 50ma v ce = 2v, i c = 500ma v ce = 2v, i c = 1a v ce = 2v, i c = 2a ac characteristics transition frequency f t 140 200 ? mhz v ce = 5v, i c = 100ma, f = 100mhz output capacitance c obo ?? ? 30 pf v cb = 10v, f = 1mhz switching times t on t off ?? ?? 35 230 ?? ? ns ns v cc = 10v. i c = 500ma, i b1 = i b2 = 50ma notes: 7. measured under pul sed conditions. pulse width ? 300  s. duty cycle ? 2%. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 012 345 v , collector emitter voltage (v) ce i , collector current (a) c fig. 2 typical collector current vs.collector-emitter voltage i = 2ma b i = 4ma b i = 6ma b i = 8ma b i = 10ma b 0 50 100 150 200 250 300 350 0.001 0.01 0.1 1 10 i , collector current (a) c h , dc current gain fe fig. 3 typical dc current gain vs. collector current t = -55c a t = 25c a t = 85c a t = 150c a v = 2v ce
dxt651 document number: ds31184 rev: 5 - 2 4 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.0001 0.001 0.01 0.1 1 10 i , collector current (a) c v , collector emitter saturation voltage (v) ce(sat) fig. 4 typical collector-emitter saturation voltage vs. collector current t = -55c a t = 25c a t = 85c a t = 150c a i/i = 10 cb 0.0001 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 i , collector current (a) c v , base emitter turn-on voltage (v) be(on) fig. 5 typical base-emitter turn-on voltage vs. collector current t = -55c a t = 25c a t = 85c a t = 150c a v = 2v ce 0.0001 0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 i , collector current (a) c v , base emitter saturation voltage (v) be(sat) fig. 6 typical base-emitter saturation voltage vs. collector current t = -55c a t = 25c a t = 85c a t = 150c a i/i = 10 cb 0 10 20 30 40 50 60 0 5 10 15 20 25 30 35 40 v , reverse voltage (v) r c , output capacitance (pf) obo fig. 7 typical output capacitance characteristics f = 1mhz 0 50 100 150 200 250 020406080100 i , collector current (ma) c f , gain-bandwidth product (mhz) t fig. 8 typical gain-bandwidth product vs. collector current v = 5v f = 100mhz ce
dxt651 document number: ds31184 rev: 5 - 2 5 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. sot89 dim min max a 1.40 1.60 b 0.44 0.62 b1 0.35 0.54 c 0.35 0.44 d 4.40 4.60 d1 1.62 1.83 e 2.29 2.60 e 1.50 typ h 3.94 4.25 h1 2.63 2.93 l 0.89 1.20 all dimensions in mm dimensions value (in mm) x 0.900 x1 1.733 x2 0.416 y 1.300 y1 4.600 y2 1.475 y3 0.950 y4 1.125 c 1.500 e h d1 b1 b e c l a d 8 (4x) h 1 r 0 . 2 0 0 y1 x1 y2 y c x (3x) y3 y4 x2 (2x)
dxt651 document number: ds31184 rev: 5 - 2 6 of 6 www.diodes.com february 2013 ? diodes incorporated d x t651 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more un ited states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DXT651-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X