Part Number Hot Search : 
PA1801 C18F67 DSF1B CX96420 45MTC DSF1B C18F67 ISP1563
Product Description
Full Text Search
 

To Download DTC113ZSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  built-in bias resistors enable the configuration of an inverter equivalent circuit circuit without connecting external input resistor (see equivalent circuit). the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they almost have the advantage of completely eliminating parasitic effects. only the on/off conditions need to be set for operation, marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. dtc113 zm sot-723 8k / 7" reel e21 maximum ratings and el ectrical characteristics rating at 25c ambient temperature unless otherwise specified. maximum ratings zm ze zsa 100 150 300 mw vv junction and storage temperature range c notes: 1. valid provided that electrodes are kept at ambient temperature electrical characteristics min typ max unit 3 0.3 v 0.3 v 7.2 ma 0.5 a 33 0.7 1 1.3 k ? 81 01 2 250 mhz version:b13 marking v o(on) r 1 r 2 /r 1 f t input resistance resistance ratio output current dc current gain i i ma transition frequency v cc output voltage paramete r input voltage i c(max) tj, t stg symbol v i(on) power dissipation supply voltage input voltage output current symbol pd v in i o v o =10v, io=5ma, f=100mhz v cc =50v, v i =0 v o =5v, i o =5ma i o /i i =10ma/0.5ma v i =5v i o off) g i input current v cc =5v, i o =100 a 50 -100 condtion v o =0.3v, i o =20ma -55 to + 150 v i(off) zua / zca packing code (green) rmg packing code rm small signal product value ordering information (example) packing features part no. package note : detail please see "ordering information(detail, example)" below. parameter -5 +10 dtc113 zm/ze/zua/zca/zs a 50 200 npn small signal transistor manufacture code m0 units downloaded from: http:///
ordering information (detail, example) sot-723 e21 sot-523 e21 sot-323 e21 sot-23 e21 to-92s sot-723 e21 sot-523 e21 sot-323 e21 sot-23 e21 to-92s min max min max a 3.85 4.15 0.15 0.16 b 3.01 3.31 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.38 0.55 0.01 0.02 e 1.42 1.62 0.06 0.06 f 0.66 0.86 0.03 0.03 g 0.36 0.51 0.01 0.02 version:b13 marking note : manufacture special control, if empty means no special control requirement. rug packing code rm rn rv ru packing code (green) small signal product 3k / box(ammo) rvg rmg rng a3g manufacture code (note) a3 dimensions part no. package packing 3k / 7" reel 8k / 7" reel3k / 7" reel dtc113 zsa 3k / 7" reel dtc113 zm dtc113 ze dtc113 zua 3k / 7" reel rv rvg m0 dtc113 zca dtc113 zm 8k / 7" reel rm rmg m0 3k / box(ammo) a3 a3g m0 dtc113 ze 3k / 7" reel rn rng m0 dtc113 zua dim. unit(mm) unit(inch) to-92s dtc113 zca 3k / 7" reel ru rug m0 dtc113 zsa downloaded from: http:///
dimensions min max min max min max min max a 2.80 3.00 0.11 0.12 a 1.90 2.10 0.07 0.08 b 1.20 1.40 0.05 0.06 b 1.15 1.35 0.05 0.05 c 0.30 0.50 0.01 0.02 c 0.25 0.35 0.01 0.01 d 1.80 2.00 0.07 0.08 d 1.20 1.40 0.05 0.06 e 2.25 2.55 0.09 0.10 e 2.00 2.20 0.08 0.09 f 0.90 1.20 0.04 0.04 f 0.80 1.00 0.03 0.04 g min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.05 0.05 b 0.70 0.80 0.03 0.03 b 0.75 0.85 0.03 0.03 c 0.25 0.35 0.01 0.01 c 0.17 0.27 0.01 0.01 d 0.90 1.10 0.04 0.04 d e 1.50 1.70 0.06 0.07 e 1.15 1.25 0.05 0.05 f 0.70 0.90 0.03 0.04 f 0.50 0.02 version : b13 0.8 typ 0.31 typ sot-723 dim. unit(mm) unit(inch) unit(inch) 0.550 ref 0.022 ref dim. unit(mm) unit(inch) dim. unit(mm) dim. unit(mm) unit(inch) sot-523 small signal product sot-23 sot-323 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC113ZSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X