Part Number Hot Search : 
M1528 DTC123Y AR351 0603C10 EGP20G CDR21 74458003 CDR21
Product Description
Full Text Search
 

To Download DO3316H-472KLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smt power inductors - do3316h series document 196-1 1. when ordering, specify tolerance , termination and packaging codes: do3316h-472 mld tolerance: m = 20%, k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. tolerances in bold are stocked for immediate shipment. 4. srf measured using agilent/hp 8753d network analyzer. 5. dc current at which the inductance drops 10% (typ) from its value with - out current. 6. current that causes a 40c temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. dcr srf 4 l 2 % max typ i sat 5 i rms 6 part number 1 (h) tol 3 (ohms) (mhz) (a) (a) do3316h-121ml_ 0.12 20 0.0015 200 28 17 do3316h-331ml_ 0.33 20 0.002 200 20 16 do3316h-681ml_ 0.68 20 0.005 200 13 12 do3316h-102ml_ 1.0 20 0.006 100 11 10 do3316h-152ml_ 1.5 20 0.008 90 9.0 9.0 do3316h-222_l_ 2.2 20 ,10 0.011 80 7.8 7.4 do3316h-272_l_ 2.7 20 ,10 0.012 65 7.0 6.6 do3316h-332_l_ 3.3 20 ,10 0.014 60 6.4 5.9 do3316h-392_l_ 3.9 20 ,10 0.015 50 5.9 5.3 do3316h-472_l_ 4.7 20 ,10 0.018 45 5.4 4.8 designers kit c326 contains 3 of each part core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant tin-silver-copper over copper. other terminations available at additional cost. weight 0.95 C 1.25 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750 per 13 reel plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing, 6.4 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. ? soldered self-leaded construction for excellent solderability. ? very low dcr values and excellent current handling document 196-1 revised 09/25/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
smt power inductors - do3316h series typical l vs frequency typical l vs current document 196-2 document 196-2 revised 09/25/12 0.1 10 100 0.01 0.1 11 0 frequency (mhz) inductance (h) 1 3.3 h 1.5 h 0.33 h 0.1 1 10 100 0.01 0.1 11 0 current (a) inductance (h) 3.3 h 0.33 h 1.5 h recommended land p attern 0.060 1,52 0.160 4,06 0.330 8,38 0.400 10,16 0.390 9,91 max 0.250 6,35 max 0.150 3,81 0.120 3,05 typ 0.520 13,21 0.460 11,68 max max 0.360 9.14 min inter nal code xxx x dash n umber pa rt mar king since fe b. 2005. pa rt s manuf actured pr ior to that date ma yh ave color dots . visit www .coilcraft.com/colr po wr .cfm fo r color dot mar king details . irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i dimensions are in inches mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of DO3316H-472KLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X