Part Number Hot Search : 
ML4426 211YA M050B DJ33A 22102 S10043 BTS282Z MA475
Product Description
Full Text Search
 

To Download DCHB200-12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 1 of 9 standards models terminal block models (?t? suffix) terminal block w/ emc filter (?tf? suffix) terminal block w/ emc filter (?tf1? suffix) size: 2.40 x 2.28 x 0.50 inches size: 3.3 5 x 2.40 x 1.27 inches size: 3.35 x 2.40 x 1.47 inches size: 3.35 x 2.40 x 1.53 inches options features ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? semiconductor equipment ? military applications the dchb200 series of dc/dc power converters provides up to 255 watts of output power in an industry standard half - brick package and footprint. this series consists of single output models ranging from 3.3vdc to 53vdc with 2:1 wide input voltage ranges. some features include high efficiency up to 93%, adjustable output voltage, and remote on/off control. these converters also have short circuit, over voltage, over current, and over temperature protection. the dchb200 series is rohs compliant and has ul60950 - 1, en60950 - 1, and iec60950 - 1 safety approvals. several d ifferent options are available for this series including negative remote on/off control, terminal block, pin length, heatsinks, sync pin, case pin, and thru - hole inserts. model selection table model number input voltage output voltage output current no load (2) input current ripple & noise (3) (4) output power maximum capacitive load (5) efficiency (3) min. load full load dchb200 - 12s3.3 12 vdc (9 - 22 vdc) 3.3 vdc 0ma 50a 25ma 75mvp - p 165w 151000f 87% dchb200 - 12s05 5 vdc 0ma 36a 90ma 75mvp - p 180w 72000f 90% dchb200 - 12s12 12 vdc (8.5 - 22 vdc) 12 vdc 0ma 15a 90ma 100mvp - p 180w 12500f 90% dchb200 - 12s15 15 vdc 0ma 12a 55ma 100mvp - p 180w 8000f 90% dchb200 - 12s24 24 vdc 0ma 7.5a 70ma 200mvp - p 180w 3100f 90% dchb200 - 12s28 28 vdc 0ma 6.5a 55ma 200mvp - p 182w 2300f 90% dchb200 - 12s48 48 vdc 0ma 3.7a 75ma 300mvp - p 177.6w 770f 89% dchb200 - 24s3.3 24 vdc (16.5 - 36 vdc) 3.3 vdc 0ma 50a 20ma 75mvp - p 165w 1 5 1000f 88% dchb200 - 24s05 5 vdc 0ma 40a 35ma 75mvp - p 200w 80000f 91% dchb200 - 24s12 1 2 vdc 0ma 18a 45ma 100mvp - p 216w 15000f 91% dchb200 - 24s15 15 vdc 0ma 15a 45ma 100mvp - p 225w 10000f 91% dchb200 - 24s24 24 vdc 0ma 9a 40ma 200mvp - p 216w 3700f 93% dchb200 - 24s28 28 vdc 0ma 7.5a 50ma 200mvp - p 210w 2600f 93% dchb200 - 24s48 48 vdc 0ma 4.5a 50ma 300mvp - p 216w 930f 91% dchb200 - 48s3.3 48 vdc (33 - 75 vdc) 3.3 vdc 0ma 60a 20ma 75mvp - p 198w 181000f 90% dchb200 - 48s05 5 vdc 0ma 46a 20ma 75mvp - p 230w 92000f 91% dchb200 - 48s12 12 vdc 0ma 21a 25ma 100mvp - p 252w 17500f 91% dchb200 - 48s15 15 vdc 0ma 17a 25ma 100mvp - p 255w 11300f 93% dchb200 - 48s24 24 vdc 0ma 10.5a 25ma 200mvp - p 252w 4300f 92% dchb200 - 48s28 28 vdc 0ma 9a 25ma 200mvp - p 252w 3200f 92% dchb200 - 48s48 48 vdc 0ma 5.2a 25ma 300mvp - p 249.6w 1000f 92% dchb200 - 48s53 53 vdc 0ma 4.7a 25ma 300mvp - p 249.1w 880f 92%
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 2 of 9 specifications: dchb200 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwise noted. we reserve the right to change specifications based on technological a dvances. specification test conditions min typ max unit input specifications input voltage range 12 vdc nominal input models 3.3vout & 5vout models 9 12 22 vdc other models 8.5 12 22 24 vdc nominal input models 16.5 24 36 48 vdc nominal input mode ls 33 48 75 start - up voltage 12 vdc nominal input models 9 vdc 24 vdc nominal input models 18 48 vdc nominal input models 34 shutdown voltage 12 vdc nominal input models 7.3 8.1 vdc 24 vdc nominal input models 15.5 16.3 48 vdc nominal input models 31.6 3 2.5 input surge voltage (1sec, max.) 12 vdc nominal input models 30 vdc 24 vdc nominal input models 50 48 vdc nominal input models 100 input current no load see table input filter (see note 1) pi type sync pin signal (see note 2) - 0.3 5.6 vdc output specifications output voltage see table voltage accuracy - 1.0 +1.0 % line regulation low line to high line at full load - 0.1 +0.1 % load regulation no load to full load - 0.1 +0.1 % voltage adjustability maximum output deviation is inclusive of remote sense - 20 +10 % remote sense (see note 3) % of nominal vout 10 % output power see table output current see table minimum load 0 % maximum capacitive load minimum input and constant resistive load see table ri pple & noise (20mhz bandwidth) with a 1f/25v x7r mlcc and a 22f/25v pos - cap 3.3vout & 5vout 75 mvp - p with a 1f/25v x7r mlcc and a 22f/25v pos - cap 12vout & 15vout 100 with a 4.7f/50v x7r mlcc 24vout & 28vout 200 with a 2.2f/100v x7r mlcc 48vout & 53vout 300 transient response recovery time 25% load step change 200 250 s start - up time constant resistive load power up 75 ms remote on/off 75 temperature coefficient - 0.02 +0.02 %/c remote on/off control positive logic (st andard) referenced to ? input pin dc/dc on open or 3~12 vdc dc/dc off short or 0~1.2vdc negative logic (optional) referenced to ? input pin dc/dc on short or 0~1.2vdc dc/dc off open or 3~12 vdc input current of ctrl pin - 0.5 1 ma remote off input current 3 ma protection short circuit protection continuous , automatic recovery over load protection % of rated iout; hiccup mode 120 150 % over voltage protection % of nominal vout; hiccup mode 115 130 % over temperature protection +120 c environmental specifications operating case temperature base - plate - 40 +115 c storage temperature terminal block types - 40 +105 c others - 55 +125 thermal impedance (see note 4) vertical directio n and natural convection (20lfm) module without ass embly option 6.1 c/w only mounted on iron base - plate 2.8 0.24? height heatsink 5.1 0.45? height heatsink 4.6 relative humidity 5 95 % rh thermal shock mil - std - 810f vibration mil - std - 810f mtbf mil - hdbk - 217f, full load 318,200 hours
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 3 of 9 specifications : dchb 200 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwise noted. we reserve the right to change specifications based on technological advances. specification test con ditions min typ max unit general specifications efficiency nominal input voltage and full load see table switching frequency 225 250 275 khz isolation voltage 1 minute (basic insulation) input to output 2250 vdc input to case 1600 output to case 1600 isolation resistance 500vdc 1 g notes 1 . input source impedance: these converters will operate under all listed specifications without external compo nents assuming that the source v oltage has very low impedance and reasonable input voltage regulation. hig hly inductive source impedances can affect the stability of the converter. since real wor ld voltage sources have finite impedance, performance can be improved by adding an external filte r capacitor. w e recommend nippon chemi - con ky series, 1 00f /100v. 2. (1) multiple dchb 200 series modules can be synchronized together simply by connecting the module sync pins together. care s hould be taken to ensure the ground potential differences between the modules are minimized. (2) in this configuration all of the m odules will be synchronized to the highest frequency module. (3) up to three modules can be synchronized using this technique. (4) more relevant information in the application notes. 3 . maximum output deviation is +10% inclusive of remote sense and trim . if remote sense is not being used the +sense should be connected to its corresponding +output and likewise the - sense should be connected to its corresponding ? output. 4. (1) thermal test conditions for vertical direction are by natural convection (20l fm). (2) the iron base - plate dimensions are 19? x 3.5? x 0.063? (the height is eia standard 2u). (3) heat sink is optional. see the ?mod el number setup? table on page 7 for suffix options. 5. the dchb 200 standard models (without assembly options) can on ly meet en55022 class a or class b with external components added. 6. an external input filter capacitor is required if the module has to meet en61000 - 4 - 4, en61000 - 4 - 5. w e recommend connecting two aluminum electrolytic capacitors (nippon chemi - con ky seri es, 220f/100v) in par allel. 7. output voltage is adjustable for 10% trim up or - 20% trim down of nominal output voltage by connecting a single resistor between trim and +sense pins for trim up or between trim and - sense pins for trim down. to calculate the value of the resistor r u and r d for a part icular output voltage see page 7 . 8 . case grounding: emi can be reduced when you connect the four screw bolts to the shield plane. 9 . this series comes with several different options: negative remote on/off c ontrol, heatsinks, case pin, sync pin, pin length, terminal block, and thru - hole inserts. see the ? mod el number setup? table on page 7 for more ordering information. caution: this power converter is not internally fused. an input line fuse must always be used.
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 4 of 9 derating curves dchb200 - 48s05 derating curve (note 4 ) dchb2 00- 48s05 derating curve with 0.24? height heatsink (note 4 ) dchb2 00- 48s05 derating curve with 0.45? height heatsink (note 4 ) efficiency graphs dchb2 00- 48s05 efficiency vs input voltage dchb2 00- 48s05 efficiency vs output load
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 5 of 9 mechanical drawing standard models product options suffix product options s uffix negative remote on/off logic 0.200? pin length r heatsinks (1)(2) h = 0.45? vertical fin p/n: 7g - 0021a -f h 0.145? pin length rl h = 0.24? horizontal fin p/n: 7g - 0022a -f h1 positive remote on/off logic 0.200? pin length none h = 0.24? vertical f in p/n: 7g - 0023a -f h2 0.145? pin length s h = 0.45? horizontal fin p/n: 7g - 0024a -f h3 thru - hole inserts (1) ?0.126 thru - hole (no thread) inserts th terminal block (2)(3)(4)(5) terminal block t sync pin (3) sy terminal block with aluminum base - plate and emc filter tf case pin (3) cp terminal block with anodized aluminum base - plate and emc filter, can be connected to protective earth (pe) tf1 notes 1. models with thru - hole inserts cannot be equipped with a heatsink. 2. terminal block models (suffix ?t? , ?tf?, and ?tf1?) cannot be equipped with a heatsink. 3. no ?sy? or ?cp? functions for terminal block types. 4. only 0.200? pin length is available with terminal block options. 5. models with emc filter (suffix ?tf? and ?tf1?) meet en55011, en55022 class a.
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 6 of 9 terminal block options terminal block with al uminum base - plate - suffix ?t? terminal block with al uminum base - plate and emc filter (en55022 class a) - suffix ?tf? terminal block with anodized alumi num base - plate and emc filter (en55022 class a) and can be connected to pe - suffix ?tf1?
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 7 of 9 heatsink options vertical fin orientation (suffixes ?h?, ?h2?) horizontal fin orientation (suffixes ?h1?, ?h3?) output voltage adjustment output is adjustable for 10% trim up or - 20% trim down of nominal output voltage by connecting an external resistor between the trim pin and either the +sense or - sense pins. with an external resistor betw een the trim and - sense pin, the output voltage set decreases. with an external between the trim and - sense pin, the output voltage set point increases. maximum output deviation is +10% inclusive of remote sense. the value of the external resistor can be o btained by the equations below. the external trim resistor needs to be at least 1/8w resistor. trim up trim down model number setup dchb 200 - 24 s 12 r series name output power input voltage output quantity ouptu t voltage remote on/off & pin length 200: 200 watts 12 : 8.5 - 22 vdc s: s ingle 3.3: 3.3 vdc none: positive logic, 0.200? pin length 9 - 22 vdc 05: 5 vdc s: positive logic, 0.145? pin length 24 : 16.5 - 36 vdc 12: 12 vdc r: negative logic, 0.200? pin length 48 : 33 - 75 vdc 15: 15 vdc rl: negative logic, 0.145? pin length 24: 24 vdc 28: 28 vdc 48: 48 vdc 53: 53 vdc y c th h tf sync pin (3 ) case pin (3 ) thru - hole inserts (1) heatsi nk (1) (2) terminal block (2) (3) (4) (5 ) sy: sync pin cp: case pin none: threaded inserts none: no heatsink none: no terminal block th: ?0.126 thru - hole inserts h: 0.45? vertical t: terminal block with aluminum base - plate h1: 0.24? horizo ntal tf: terminal block with aluminum base - plate and emc filter h2: 0.24? vertical tf1: terminal block with anodized aluminum base - plate and emc filter, can be connected to protective earth (pe) h3: 0.45? horizontal notes 1. models with thru - hole inserts cannot be equipped with a heatsink. 2. terminal block models (suffix ?t?, ?tf? , and ?tf1? ) cannot be equipped with a heatsink. 3 . no ?sy? or ?cp? function s for terminal block type s . 4 . only 0.200? pin length is available with termina l block options. 5 . models with emc filter (suffix ?tf? and ?tf1?) meet en55011, en55022 class a. ? ? ? ? ? ? ? ? ? = k r d 2 % 100 ( ) ( ) ? ? ? ? ? ? ? ? ? + ? ? ? + = k v r out u % % 2 100 % 225 . 1 % 100
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 8 of 9 application notes assembly
rev f dchb 200 series 165~2 55 watts, half - brick dc/dc power converters 0 9/04 /201 4 wall industries, inc. ? 37 industrial drive , exeter, nh 03833 ? tel: 603 - 778 - 2300 ? toll free: 888 - 597 - 9255 ? fax 603 - 778 - 9797 website: www.wallindustries.com ? e - mail: sales@wallindustries.com page 9 of 9 company information wall industries, inc. has created custom and modified units for over 50 year s. our in - house research and development engineers will provide a solution that exceeds your performance requirements on - time and on budget. our iso9001 - 2008 certification is just one example of our commitment to producing a high quality, well - documented product for our customers. our past projects demonstrate our commitment to you, our customer. wall industries, inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit a nd function requirements. we will continue to provide ongoing support for your project above and beyond the design and production phases. give us a call today to discuss your future projects. contact wall industries for further information: phone: ? (603 )778- 2300 toll free: ? (888)597 - 9255 fax: ? (603)778- 9797 e - mail: sales@wallindustries.com web: www.wallindustries.com address: 37 industrial drive exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of DCHB200-12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X