Part Number Hot Search : 
LH28F IR1004 TG35E SBF13007 F5N50 87208 3AB250 VC20101
Product Description
Full Text Search
 

To Download DAN217UMTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  switching diode dan217um l applications l dimensions (unit : mm) l land size figure (unit : mm) high speed switching l features 1)small mold, flat lead type. (umd3f) 2)high reliability l construction l structure silicon epitaxial planer l absolute maximum ratings (ta=25 ? c) symbol unit v rm v v r v i fm ma io ma i surge a pd mw/total tj ? c tstg ? c f mhz l electrical characteristics (ta=25 ? c) symbol min. typ. max. unit conditions forward voltage v f - - 1.2 v i f =100ma reverse current i r - - 0.2 a v r =70v ct - - 3.5 pf v r =6v , f=1mhz trr - - 4.0 ns v r =6v , i f =5ma , r l =50 reverse voltage (dc) 80 l taping dimensions (unit : mm) parameter limits reverse voltage (repetitive) 80 forward voltage(repetitive peak) 300 average rectified forward current 100 surge current(t=1s) 4 power dissipation 200 junction temperature 150 storage temperature - 55 to + 150 rated in slash put frequency 100 parameter capacitance between terminals reverse recovery time rohm : umd3f dot (year week factory) .. .. .. .. .. .. .. .. .. .. . .. .. .. 1/3 2011.12 - rev.a downloaded from: http:/// data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet dan217um 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 forward voltage v f (v) v f -i f characteristics forward current:i f (ma) ta=125 c ta=75 c ta=25 c ta= - 25 c 0.1 1 10 100 1000 10000 100000 0 20 40 60 80 ta=25 c ta=75 c ta=125 c reverse current:i r (na) reverse voltage v r (v) v r -i r characteristics 0.1 1 10 0 10 20 30 capacitance between terminals:ct(pf) reverse voltage:v r (v) v r -ct characteristics f=1mhz 925 935 945 v f dispersion map forward voltage:v f (mv) ave: 934mv ta=25 c i f =100ma n=10pcs 0 10 20 30 40 50 reverse current:i r (na) i r dispersion map ta=25 c v r =80v n=10pcs ave: 7.0na 0.1 0.3 0.5 0.7 0.9 capacitance between terminals:ct(pf) ct dispersion map ta=25 c v r =0.5v f=1mhz n=10pcs ave: 0.64 pf 2/3 2011.12 - rev.a downloaded from: http:///
www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet dan217um 0 1 2 3 4 5 ave:2.46ns v r =6v i f =10ma r l =100 0 1 2 3 4 5 i fsm dispersion map peak surge forward current:i fsm (a) 8.3ms i fsm 1cyc ave:2.4a trr dispersion map reverse recovery time:trr(ns) 0.1 1 10 100 1 10 100 peak surge forward current:i fsm (a) number of cycles i fsm -cycle characteristics 8.3ms i fsm 1cyc 8.3ms 1 10 100 0.1 1 10 100 t i fsm peak surge forward current:i fsm (a) time:t(ms) i fsm -t characteristics 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j- a) rth(j-c) mounted on epoxy board time:t(s) rth-t characteristics transient thermal impedance:rth ( c/w) 0 5 10 15 20 c=200pf r=0 c=100pf r=1.5k electrostatic discharge test esd(kv) esd dispersion map ave:9.9kv ave:2.3kv 3/3 2011.12 - rev.a downloaded from: http:///
r1120 a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DAN217UMTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X