Part Number Hot Search : 
62W1400H HYB25 SP706SEU BR104 5303D 00200 62T10BT DTC144
Product Description
Full Text Search
 

To Download CJ431K-SOT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-23 encapsulate adjustable reference source cj431 k adjustable accurate reference source device descripsion the cj431 k is a three-terminal ad justable shunt regulator offering excellent temperature stability . this device has a typical dynamic output impedance of 0.2 ? . the device can be used as a replacement for zener diodes in many applications. features z the output voltage c an be adjusted to 36v z low dynamic output impedance, its typical value is 0.2 ? z trapping current capability is 1 to 100ma z low output noise voltage z fast on -state response z the effective temperature compensation in the working range of full temperature z the typical value of the equivalent temperature factor in the whole temperature scope is 50 ppm/ application z shunt regulator z high-current shunt regulator z precision current limiter absolute maximum ratings (operating temperat ure range applies unless otherwise specified) paramete r symbol value unit cathode voltage v ka 37 v cathode current range (continuous) i ka -100~+150 ma reference lnput cur r ent range iref 0.05~+10 ma power dissipation p d 300 mw operating ambient t emperature range t opr -40 ~ +85 storage t emperature range tstg -65~+150 sot-23 1. reference 2. cathode 3. anode z esd protected up to 2kv operating junction t emperature t j 150 thermal resistance from junction r ja 417 /w to ambient 1 of 2 sales@zpsemi.com www.zpsemi.com c j 4 3 1 k g , apr ,2013
electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit reference lnput voltage (fig.1) v ref v ka =v ref , i ka =10ma 2.4 4 5 2.5 45 v deviation of r eference i nput voltage over t emperature (note) (fig.1) v ref /t v ka =v ref , i ka =10ma t min t a t max 4.5 17 mv v ka =10v~v ref -1.0 -2.7 mv/v ratio of change in reference lnput voltage to the c hange in cathode voltage (fig.2) v ref /v ka i ka =10ma v ka =36v~ 10v -0.5 -2.0 mv/v reference lnput current (fig.2) l ref i ka = 10ma,r 1 =10 k ? r 2 = 1.5 4 a deviation of reference lnput current over full temperature range (fig.2) l ref /t l ka =10ma, r 1 =10 k ? r 2 = t a =full temperature 0.4 1.2 a minimum c athode c urrent for regulation (fig.1) i ka(min) v ka =v ref 0.45 1.0 ma off-state c athode current (fig.3) i ka(off) v ka = 40 v,v ref =0 0.05 0.5 a dynamic lmpedance z ka v ka =v ref, l ka =1 to 100ma f 1.0 k hz 0.15 0.5 ? note: t min =0 ,t max =+70 classification ri v ref rank  0 . 5%  1% range 2.48 2 -2.5 08 2.47-2. 52 2 of 2 sales@zpsemi.com www.zpsemi.com c j 4 3 1 k g , apr ,2013


▲Up To Search▲   

 
Price & Availability of CJ431K-SOT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X