Part Number Hot Search : 
BSS81 ON0588 MUR104 52MHZ 303CNQ BPEU3000 3709Z 2SD114
Product Description
Full Text Search
 

To Download BR231-112A2-12V-005L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature 10 amps ? 4pdt magnetic latching to mil - prf - 83536 contact arrangement .......................... 4pdt (4 form c) magnetic latching weight .......................................................... 2.2 oz approx. designed to meet the requirements of mil - prf - 83536 resistive ................................... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) inductive ..................................... 8 amps @ 28 vdc or 115/208v 400 hz (case grounded) 2.5 amps @ 115/208v 60 hz (case grounded) motor ................................................ 4 amps 28 vdc or 115/208v 4 00 hz (case grounded) 2 amps @ 115/208v 60 hz (case grounded) lamp .......................................... 2 amps @ 28 vdc or 115/208v 400 hz (case grounded) 1.5 amps @ 115/208v 60 hz (case grounded) life ..................... 100,000 operations minimum @ rated resistive load, 125 o c latch/reset power .................................. 500 mw approx. latch/reset time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ....................................... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 10 amps an d 6 vdc after life ................................ 175 mv max @ 10 amps and 6 vdc temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms duty cycle ........................................................ continuous insu lation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................... 1,250 vrms contact to coil ..................................... 1,250 vrms coil to case ......................................... 1,000 vrms across open contacts ........................ 1,250 vrms 80,000 feet: all points ................................................. 350 vrms mil - prf - 83536/18 qualified to er level l notes 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz. 2. for applications requiring higher shock and vibration, consult the factory. br231 s pecifications general performance contact rating (note 1) environmental electrical characteristics 1 www.microsemi.com ? 2015 microsemi corporation april 2015 rev. . 8 downloaded from: http:///
--------------------------------------------------------------------- relay type ------------------------------------------------- nominal coil resistance -------------------------------------- t erminal style ----------------------------- mounting type ----------------- nominal coil voltage br231d - 450 c 2 - 28v model br231 part number br231 - 28()() - 6v br231 - 112()() - 12v br231 - 450()() - 28v br231 - 1500()() - 48v br231 ac -()()- 115v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc 115 vac maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc 122 vac latch/reset voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc 90 vac latch/reset voltage (max) 3 vdc 6 vdc 13 vdc 24 vdc 72 vac coil resistance 10% @ 25 o c 28 ohms 112 ohms 450 ohms 1500 ohms i = 0.04 amps ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, ter - minals styles and mounting types, consult the factory. ? un less otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. coil data schematic terminal views terminal st y les mounting codes general notes 2 downloaded from: http:///
br231 - 08 / 04.15 microsemi corporate headquarters one enterprise, aliso viejo, ca 92656 usa within the usa : +1 (800) 713-4113 outside the usa : +1 (949) 380-6100 sales : +1 (949) 380-6136 fax : +1 (949) 215-4996 e-mail: sales.support@microsemi.com microsemi corporation (nasdaq: mscc) offers a comprehensive portfolio of semiconductor and system solutions for comm unications, defense & securi ty, aerospace and industrial markets. products include high-performance and radiation-hardened analog mixed-signal integrated circuits, fpgas, socs and asi cs; power management products; timing and synchronization devices and precise time soluti ons, setting the worlds standard for time; voice processing devices; rf solutions; discrete components; security technologies and scalable anti-tamper products; power-over-ethernet ic s and midspans; as well as custom design capabilities and services. microsemi is head quartered in aliso viejo, calif., and has approximately 3,400 employees globally. learn more at www.microsemi.com . ? 201 5 microsemi corporation. all rights reserved. microsemi and the microsemi logo are trademarks of microsemi corporation. all other trademarks and service marks are the property of their respective owners. microsemi makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its products and services for any particular purpose, nor does microsemi assume any liability whatsoever arising out of the application or use of any product or circuit. the products sold hereunder and any other products sold by microsem i have been subject to li mited testing and should not be used in conjunction with missi on-critical equipment or applications. any performance specifications are believed to be reliable but are not verified, and buyer must conduct and complete all performance and other testing of the products, alone and together with, or installed in, any end-products. buyer shall not rely on any data and performance specifications or para meters provided by micr osemi. it is the buyer's responsibility to independently determine suitability of any products and to test and verify the same. the information provided by microsemi hereunder is provi ded "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the buyer. microsemi does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other ip rights, whether with regard to such information itself or anything described by such in formation. information provided in this document is proprietary to microsemi, and microsemi reserves the ri ght to make any changes to the information in this document or to any products and services at any time without notice. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BR231-112A2-12V-005L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X