Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download BC307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd to-92 plastic-encapsulate t ransistors BC307/308/309 transistor (pnp) features amplifier dissipation npn silicon maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a=25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-b ase breakdown voltage v (br)cbo i c =-10 a, i e =0 bc 307 bc308/309 -50 -30 v collector-emitter b reakdown voltage v (br)ceo i c =-2ma, i b =0 bc 307 bc308/309 -45 -25 v emitter-base breakdown voltage v (br)ebo i e =-10 a, i c =0 -5 v collector cu t-off current i cbo v cb =-45v,i e =0 bc 307 v cb =-25v,i e =0 bc308/309 -15 na emitter cut-off current i ebo v eb =-5v, i c =0 -15 na dc current g ain h fe v ce =-5v, i c =-2m a 120 800 i c =-10ma, i b =-0.5ma -0.3 v collector-emitter satu ration voltage v ce(sat) i c =-100ma, i b =-5ma -0.6 v i c =-10ma, i b =-0.5ma -0.75 v base-emitter satu ration voltage v be(sat) i c =-100ma, i b =-5ma -1 v base-emitter voltage v be v ce =-5v, i c =-2ma -0.55 -0.75 v tran sition frequency f t v ce =-5v, i c =-10 ma, f=50mhz 130 mhz collector o utput capacitance c ob v cb =-10v, i e =0, f=1mhz 6 pf noise figur e nf v ce =-5v, i c =-0.2ma , f=1khz, r g =2k ? BC307/bc30 8 bc309 v ce =-5v, i c =-0.2ma , f=30-15khz, r g =2k ? bc 309 10 4 4 db classification of h fe rank a b c range 120-220 180-460 380-800 symbol parameter v alue unit v ceo collector-emitter vo ltage BC307 bc308/309 -45 -25 v v ebo emitter-base volt age BC307 bc308/309 -6 -5 v i c collector curren t -continuous -0.1 a p c collector powe r dissipation 500 mw r ja thermal resistance, junction to ambient 357 /w r jc thermal resistance, junction to case 125 /w t j junction te mperature 150 t stg storage te mperature -55-150 to-92 1. collect or 2. base 3. emitter www.cj-elec.com 1 c, dec ,2015
min max min m ax a 3.300 3.700 0.130 0.146 a1 1.100 1.400 0.043 0.055 b 0.380 0.550 0.015 0.022 c 0.360 0.510 0.014 0.020 d 4. 300 4.700 0.169 0.185 d1 3.430 0.135 e 4.300 4.700 0.169 0.185 e e1 2.440 2.640 0.096 0.104 l 14.100 14.500 0.555 0.571 1.600 0.063 h 0.000 0.380 0.000 0.015 symbol dimensions in millimeters dimensions in inches 1.270 typ 0.050 typ to-92 package outline dimensions to-92 suggested pad lay out www.cj-elec.com , dec ,2015
to-92 7 dshdqg5hho zzzfmhohffrp 3  c,dec,2015


▲Up To Search▲   

 
Price & Availability of BC307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X