Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download ARF1519 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-4935 rev b 2-2008 maximum ratings all ratings: t c = 25c unless otherwise speci ? ed. static electrical characteristics symbol bv dss v ds (on) i dss i gss g fs v isolation v gs (th) characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 300 a) on state drain voltage 1 (i d (on) = 10a, v gs = 10v) zero gate voltage drain current (v ds = 1000v, v gs = 0v) zero gate voltage drain current (v ds = 800v, v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) forward transconductance (v ds = 15v, i d = 10a) rms voltage (60hz sinewave from terminals to mounting surface for 1 minute) gate threshold voltage (v ds = v gs , i d = 6ma) min typ max 1000 5 7 300 3000 600 3 14 tbd 2 4 unit volts a na mhos volts symbol v dss i d v gs p d t j ,t stg t l parameter drain-source voltage continuous drain current @ t c = 25c gate-source voltage total device dissipation @ t c = 25c operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. ARF1519 1000 20 30 1350 -55 to 175 300 unit volts amps volts watts c rf power mosfet n- channel enhancement mode 250v 750w 25mhz the ARF1519 is an rf power transistor designed for very high power scienti ? c, commercial, medical and industrial rf power generator and ampli ? er applications up to 25 mhz. speci? ed 250 volt, 13.56 mhz characteristics: output power = 750 watts. gain = 17db (class c) ef? ciency > 75% high performance power rf package. very high breakdown for improved ruggedness. low thermal resistance. nitride passivated die for improved reliability. ARF1519 thermal characteristics symbol r jc r cs characteristic (per package unless otherwise noted)junction to case case to sink (use high ef ? ciency thermal joint compound and planar heat sink surface.) min typ max 0.13 0.09 unit c/w volts ARF1519 beo 104t-100 microsemi website - http://www.microsemi.com caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed . downloaded from: http:///
050-4935 rev b 2-2008 dynamic characteristics ARF1519 symbol c iss c oss c rss characteristicinput capacitance output capacitance reverse transfer capacitance test conditions v gs = 0v v ds = 150v f = 1 mhz min typ max 4600 5600 310 350 90 120 unit pf functional characteristics symbol g ps test conditions f = 13.56mhz v gs = 0v v dd = 200v p out = 750w no degradation in output power characteristic common source ampli ? er power gain drain ef ? ciency electrical ruggedness vswr 10:1 min typ max 17 20 70 75 unit db % 1 pulse test: pulse width < 380 s, duty cycle < 2%. per transistor section unless otherwise speci ? ed. capacitance (pf) v ds , drain-to-source voltage (volts) figure 1, typical capacitance vs. drain-to-source voltage .1 1 10 100 200 c iss c oss c rss 6050 40 30 20 10 0 0 1 2 3 4 5 6 7 v gs , gate-to-source voltage (volts) figure 2, typical transfer characteristics i d , drain current (amperes) v ds > i d (on) x r ds (on)max. 250 sec. pulse test @ <0.5 % duty cycle t j = -55c t j = +125c t j = +25c microsemi reserves the right to change, without notice, the speci? cations and information contained herein. downloaded from: http:///
050-4935 rev b 2-2008 ARF1519 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 5, maximum effective transient thermal impedance, junction-to-case vs. pulse duration z q jc , thermal impedance (c/w) 0.20.1 0.050.01 0.0050.001 0.1 0.02 0.05 0.2 d=0.5 0.01 single pulse t c , case temperature (c) figure 3, typical threshold voltage vs temperature v ds , drain-to-source voltage (volts) figure 4, typical output characteristics 1.21.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 0 5 10 15 20 25 30 i d , drain current (amperes) v gs(th) , threshold voltage (normalized) 5.5v 4.5v 4v 5v 6v 5045 40 35 30 25 20 15 10 50 6.5v table 1 - typical class ab large signal impedance -- ARF1519 f (mhz) z in ( )z ol ( ) z in - gate shunted with 25 i dq = 100ma z ol - conjugate of optimum load for 750 watts output at v dd = 200v 2.0 13.5 10.6 -j 12.2 0.5 -j 2.7 31 -j 4.7 15.6 -j 16 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: downloaded from: http:///
050-4935 rev b 2-2008 ARF1519 beo 1525-100 1.000 .500 .150r .500 .466 .750 1.500 1.250 .300 .200 .250 .250 .005 .040 .125d 1 2 4 3 1 drain2 source 3 source 4 gate thermal considerations and package mounting: the rated 1350w power dissipation is only available when the package mounting surface is at 25 c and the junction temperature is 200 c. the thermal resistance between junctions and case mounting surface is 0.12 c/w. when instal- led, an additional thermal impedance of 0.1 c/w between the package base and the mounting sur-face is typical. insure that the mounting surface is smooth and flat. thermal joint compound must be used to reduce the effects of small sur- face irregularities. the heatsink should incorpo- rate a copper heat spreader to obtain best re- sults. use 4-40 or m3 screws torqued to hazardous material warning the ceramic portion of the device between leads and mounting surface is beryllium oxide- beo. beryllium oxide dust is toxic when in- haled. care must be taken during handling and mounting to avoid damage to this area these devices must never be thrown away with general industrial or domestic waste. d s g 13.56 mhz test ampARF1519 rf 12-04 j1 j2 t1 arf1518 beo 1525-100 parts placement - not to scale. ARF1519 -- 13.56 mhz test circuit l1 output c8 c9 c7 c10 l3 c4 c5 c6 200v l2 rf input t1 r1 c1-c3 1nf x7r 100v smtc4 2x 8.2 nf 1kv cog c5 270pf x2 atc 100c c7-c10 8.2 nf 1kv cog c11 390 + 27 pf atc 100c l1 2uh - 22t #24 enam. .312" dia. l2 368 nh - 5t #12 .625" dia .5" l l3 500nh 2t on 850u .5" bead r1 2.2k 0.5w t1 10:1t transformer c1 c2 c3 dut t = 4 - 6 in-lb (0.45 - 0.68 n-m). downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of ARF1519

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X