Part Number Hot Search : 
M1FK60 SW61000 51R2436 N7000 BZX84C30 B20150 60N05 APA3541
Product Description
Full Text Search
 

To Download APTM100UM65SCAVG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 1 C 9 d dk s sk g g, sk and dk terminals are for control signals only (not for power) d s dk sk sk g all ratings @ t j = 25c unless otherwise specified these devices are sensitiv e to electrostatic discharge. proper handling procedures should be followe d. see application note apt0502 on www.microsemi.com application ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? power mos 7 ? mosfets - low r dson - low input and miller capacitance - low gate charge - avalanche energy rated - very rugged ? sic parallel schottky diode - zero reverse recovery - zero forward recovery - temperature independent switching behavior - positive temperature coefficient on vf ? kelvin source for easy drive ? kelvin drain for voltage monitoring ? very low stray inductance - symmetrical design - m5 power connectors - m3 power connectors ? high level of integration ? aln substrate for improved mosfet thermal performance benefits ? outstanding performance at high frequency operation ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? low profile ? rohs compliant single switch series & sic parallel diodes mosfet power modul e v dss = 1000v r dson = 65m ? typ @ tj = 25c i d = 145a @ tc = 25c downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 2 C 9 absolute maximum ratings electrical characteristics symbol characteristic test conditions min typ max unit i dss zero gate voltage drain current v gs = 0v,v ds = 1000v t j = 25c 400 a v gs = 0v,v ds = 800v t j = 125c 2 ma r ds(on) drain C source on resistance v gs = 10v, i d = 72.5a 65 78 m v gs ( th ) gate threshold voltage v gs = v ds , i d = 20ma 3 5 v i gss gate C source leakage current v gs = 30 v, v ds = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c iss input capacitance v gs = 0v v ds = 25v f = 1mhz 28.5 nf c oss output capacitance 5.08 c rss reverse transfer capacitance 0.9 q g total gate charge v gs = 10v v bus = 500v i d = 145a 1068 nc q gs gate C source charge 136 q gd gate C drain charge 692 t d(on) turn-on delay time v gs = 15v v bus = 670v i d = 145a r g = 0.75 18 ns t r rise time 14 t d(off) turn-off delay time 140 t f fall time 55 e on turn-on switching energy inductive switching @ 25c v gs = 15v, v bus = 670v i d = 145a, r g = 0.75 ? 2.9 mj e off turn-off switching energy 2.9 e on turn-on switching energy inductive switching @ 125c v gs = 15v, v bus = 670v i d = 145a, r g = 0.75 ? 4.8 mj e off turn-off switching energy 3.9 r thjc junction to case thermal resistance 0.038 c/w symbol parameter max ratings unit v dss drain - source voltage 1000 v i d continuous drain current t c = 25c 145 a t c = 80c 110 i dm pulsed drain current 580 v gs gate - source voltage 30 v r dson drain - source on resistance 78 m p d power dissipation t c = 25c 3250 w i ar avalanche current (repetitive and non repetitive) 30 a e ar repetitive avalanche energy 50 mj e as single pulse avalanche energy 3200 downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 3 C 9 series diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm peak repetitive reverse voltage 1000 v i rm reverse leakage current v r =1000v 500 a i f dc forward current t c = 25c 240 a v f diode forward voltage i f = 240a 1.9 2.5 v i f = 480a 2.2 i f = 240a t j = 125c 1.7 t rr reverse recovery time i f = 240a v r = 667v di/dt = 800a/s t j = 25c 280 ns t j = 125c 350 q rr reverse recovery charge t j = 25c 3 c t j = 125c 14.4 r thjc junction to case thermal resistance 0.23 c/w sic parallel diode rati ngs and characteristics symbol characteristic test conditions min typ max unit v rrm peak repetitive reverse voltage 1200 v i rm reverse leakage current v r =1200v t j = 25c 384 2400 a t j = 175c 672 12000 i f dc forward current tc = 100c 120 a v f diode forward voltage i f = 120a t j = 25c 1.6 1.8 v t j = 175c 2.3 3.0 q c total capacitive charge i f = 120a, v r = 1200v di/dt =5000a/s 960 nc c total capacitance f = 1mhz, v r = 200v 1152 pf f = 1mhz, v r = 400v 828 r thjc junction to case thermal resistance 0.18 c/w thermal and package characteristics symbol characteristic min max unit v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 150 c t jop recommended junction temperature under switching conditions -40 t j max -25 t stg storage temperature range -40 125 t c operating case temperature -40 100 torque mounting torque to heatsink m6 3 5 n.m for terminals m5 2 3.5 m3 1 1.5 wt package weight 300 g downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 4 C 9 sp6 package outline (dimensions in mm) see application note apt0601 - mounting instructio ns for sp6 power modules on www.microsemi.com downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 5 C 9 typical mosfet performance curve 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.005 0.01 0.015 0.02 0.025 0.03 0.035 0.04 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) maximum effective transient thermal impedance, junction to case vs pulse duration 5v 5.5v 6v 6.5v 7v 0 40 80 120 160 200 240 280 320 360 0 5 10 15 20 25 30 v ds , drain to source voltage (v) i d , drain current (a) v gs =15, 10v low voltage output characteristics transfert characteristics t j =25c t j =125c 0 80 160 240 320 400 480 012345678 v gs , gate to source voltage (v) i d , drain current (a) v ds > i d (on)xr ds (on)max 250s pulse test @ < 0.5 duty cycle r ds(on) vs drain current v gs =10v v gs =20v 0.8 0.9 1 1.1 1.2 1.3 1.4 0 80 160 240 320 i d , drain current (a) r ds (on) drain to source on resistance normalized to v gs =10v @ 72.5a 0 40 80 120 160 25 50 75 100 125 150 t c , case temperature (c) i d , dc drain current (a) dc drain current vs case temperature downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 6 C 9 0.90 0.95 1.00 1.05 1.10 1.15 25 50 75 100 125 150 t j , junction temperature (c) bv dss , drain to source breakdown voltage (normalized) breakdown voltage vs temperature on resistance vs temperature 0.0 0.5 1.0 1.5 2.0 2.5 25 50 75 100 125 150 t j , junction temperature (c) r ds (on), drain to source on resistance (normalized) v gs =10v i d =72.5a threshold voltage vs temperature 0.6 0.7 0.8 0.9 1.0 25 50 75 100 125 150 t c , case temperature (c) v gs (th), threshold voltage (normalized) maximum safe operating area 10ms 1ms 100s 1 10 100 1000 1 10 100 1000 v ds , drain to source voltage (v) i d , drain current (a) limited by r ds on single pulse t j =150c t c =25c ciss crss coss 100 1000 10000 100000 0 1 02 03 04 05 0 v ds , drain to source voltage (v) c, capacitance (pf) capacitance vs drain to source voltage v ds =200v v ds =500v v ds =800v 0 2 4 6 8 10 12 14 0 300 600 900 1200 1500 gate charge (nc) v gs , gate to source voltage (v) gate charge vs gate to source voltage i d =145a t j =25c downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 7 C 9 delay times vs current t d(on) t d(off) 0 40 80 120 160 50 94 138 182 226 270 i d , drain current (a) t d(on) and t d(off) (ns) v ds =670v r g =0.75 ? t j =125c l=100h rise and fall times vs current t r t f 0 20 40 60 80 100 50 94 138 182 226 270 i d , drain current (a) t r and t f (ns) v ds =670v r g =0.75 ? t j =125c l=100h switching energy vs current e on e off 0 2 4 6 8 10 50 94 138 182 226 270 i d , drain current (a) switching energy (mj) v ds =670v r g =0.75 ? t j =125c l=100h e on e off 2 6 10 14 18 22 26 012345678 gate resistance (ohms) switching energy (mj) switching energy vs gate resistance v ds =670v i d =145a t j =125c l=100h hard switching zcs zvs 0 50 100 150 200 250 300 15 35 55 75 95 115 135 i d , drain current (a) frequency (khz) operating frequency vs drain current v ds =670v d=50% r g =0.75 ? t j =125c t c =75c t j =25c t j =150c 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 v sd , source to drain voltage (v) i dr , reverse drain current (a) source to drain diode forward voltage downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 8 C 9 typical sic diode performance curve maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.04 0.08 0.12 0.16 0.2 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) forward characteristics t j =25c t j =75c t j =125c t j =175c 0 60 120 180 240 00.511.522.533.5 v f forward voltage (v) i f forward current (a) reverse characteristics t j =25c t j =75c t j =125c t j =175c 0 150 300 450 600 750 900 1050 1200 400 600 800 1000 1200 1400 1600 v r reverse voltage (v) i r reverse current (a) capacitance vs.reverse voltage 0 1000 2000 3000 4000 5000 6000 7000 8000 1 10 100 1000 v r reverse voltage c, capacitance (pf) downloaded from: http:///
APTM100UM65SCAVG APTM100UM65SCAVG C rev 3 july, 2015 www.microsemi.com 9 C 9 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the ter ms of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by impli cation, inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with li fe- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or custo mers final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaim s any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, emp loyees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTM100UM65SCAVG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X