Part Number Hot Search : 
TPCC8 K1642 PS256 500000 43025 SLA70 IRS2130 5236B
Product Description
Full Text Search
 

To Download APT30DQ60BHBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  052-6321 rev a 1-2009 product benefits low losses low noise switching cooler operation higher reliability systems increased system power density product features ultrafast recovery times soft recovery characteristics popular to-247 package or surface mount d 3 pak package low forward voltage low leakage current avalanche energy rated product applications anti-parallel diode -switchmode power supply -inverters free wheeling diode -motor controllers -converters -inverters snubber diode pfc rohs compliant ultrafast soft recovery rectifier diode *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings per diode: t c = 25c unless otherwise speci ? ed. static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.0 2.4 2.4 1.7 25 500 36 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 30a i f = 60a i f = 30a, t j = 125c v r = 600v v r = 600v, t j = 125c characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 67c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) avalanche energy (1a, 40mh) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm e avl t j ,t stg t l unit volts amps mj c apt30dq60bhb(g) 600 3051 320 20 -55 to 175 300 apt30dq60bhb apt30dq60bhb(g) 600v 2x30a 1 - cathode 1 2 - anode 1 cathode 2 3 - anode 2 2 3 1 t o - 2 4 7 1 2 3 downloaded from: http:///
apt30dq60bhb(g) dynamic characteristics 052-6321 rev a 1-2009 figure 1b, transient thermal impedance model min typ max - 23 - 30 - 55 - 3 - - 175 - 485 - 6 - - 75 - 855 - 22 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 30a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 30a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 30a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance package weight maximum mounting torque symbol r jc w t torque min typ max 1.5 0.22 5.9 10 1.1 unit c/w oz g lbin nm microsemi reserves the right to change, without notice, the speci? cations and information contained herein. 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 -5 10 -4 10 -3 10 -2 0.1 1 10 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: z jc , thermal impedance (c/w) dissipated power (watts) t j (c) t c (c) z ext are the external thermal impedances: case to sink, sink to ambient, etc. set to zero when modeling only the case to junction. z ext 0.481 1.019 0.0023 0.0531 downloaded from: http:///
052-6321 rev a 1-2009 apt30dq60bhb(g) typical performance curves 0 20 40 60 80 100 120 140 160 0 200 400 600 800 1000 0 50 100 150 200 250 0 1 2 3 4 5 6 7 8 case temperature (c) figure 7, maximum average forward current vs. case temperature -di f /dt, current rate of change (a/ s ) figure 5, reverse recovery current vs. current rate of change 0 10 20 30 40 50 60 25 50 75 100 125 150 175 0 5 10 15 20 25 0 200 400 600 800 1000 0 0.2 0.3 0.4 0.5 1.0 1.2 1.3 0 25 50 75 100 125 150 0 200 400 600 800 1000 1200 1400 0 200 400 600 800 1000 duty cycle = 0.5 t j = 45c i rrm q rr t rr 60a 30a 15a 30a t j = 55c t j = 150c v f , anode-to-cathode voltage (v) figure 2, forward current vs. forward voltage i f , forward current (a) t j = 25c t j = 125c -di f /dt, current rate of change (a/ s ) figure 3, reverse recovery time vs. current rate of change t rr , collector current (a) q rr , reverse recovery charge (nc) t j , junction temperature (c) figure 6, dynamic parameters vs junction temperature k f , dynamic parameters (normalized to 1000a/ s) i rrm , reverse recovery current (a) i f(av) (a) 0 40 80 120 160 200 1 10 100 200 v r , reverse voltage (v) figure 8, junction capacitance vs. reverse voltage c j , junction capacitance (pf) t j = 125c v r = 400v t j = 125c v r = 400v -di f /dt, current rate of change (a/ s ) figure 4, reverse recovery charge vs. current rate of change t j = 125c v r = 400v 15a 60a 60a 15a 30a downloaded from: http:///
apt30dq60bhb(g) 052-6321 rev a 1-2009 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v t rr / q rr waveform v r apt30gt60br 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 5.45 (.215) bsc 3.55 (.140)3.81 (.150) 2.87 (.113)3.12 (.123) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016)0.79 (.031) anode 1 / cathode 2 anode 2 cathode 1 dimensions in millimeters and (inches) anode 1 / cathode 2 2-plcs. to - 247 package outline e1 sac: tin, silver, copper downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT30DQ60BHBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X