Part Number Hot Search : 
S87C196 BD7561SG RT7257 BAS28 16IDE3 03929 S87C196 1205D
Product Description
Full Text Search
 

To Download APT30DQ60BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-4201 rev d 2-2011 product benefits low losses low noise switching cooler operation higher reliability systems increased system power density product features ultrafast recovery times soft recovery characteristics popular to-247 package or surface mount d 3 pak package low forward voltage low leakage current avalanche energy rated product applications anti-parallel diode -switchmode power supply -inverters free wheeling diode -motor controllers -converters -inverters snubber diode pfc ultrafast soft recovery rectifier diode 600v 30a apt30dq60b apt30dq60s APT30DQ60BG* apt30dq60sg* *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings: t c = 25c unless otherwise speci? ed. static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.0 2.4 2.4 1.7 25 500 36 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 30a i f = 60a i f = 30a, t j = 125c v r = 600v v r = 600v, t j = 125c characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 117c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) avalanche energy (1a, 40mh) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm e avl t j ,t stg t l unit volts amps mj c apt30dq60b_s(g) 600 3051 320 20 -55 to 175 300 1 - cathode 2 - anode back of case - cathode 1 2 t o - 2 4 7 1 2 d 3 pak 1 2 (s) (b) microsemi website - http://www.microsemi.com downloaded from: http:///
apt30dq60b_s(g) dynamic characteristics 053-4201 rev d 2-2011 z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.900.80 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0 0.5 single pulse 0.1 0.3 0.7 0.05 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: min typ max - 23 - 30 - 55 - 3 - - 175 - 485 - 6 - - 75 - 855 - 22 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 30a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 30a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 30a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance package weight maximum mounting torque symbol r jc w t torque min typ max .80 0.22 5.9 10 1.1 unit c/w oz g lb?in n?m d = 0.9 microsemi reserves the right to change, without notice, the speci? cations and information contained herein. downloaded from: http:///
053-4201 rev d 2-2011 apt30dq60b_s(g) typical performance curves t j = 125 c v r = 400v 15a 30a 60a t rr q rr q rr t rr i rrm 200180 160 140 120 100 8060 40 20 0 2520 15 10 50 duty cycle = 0.5 t j = 175 c 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 6050 40 30 20 10 0 1.21.0 0.8 0.6 0.4 0.2 0.0 200180 160 140 120 100 8060 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 100 8060 40 20 0 12001000 800600 400 200 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change 0 0.5 1.0 1.5 2.0 2.5 3.0 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 175 c t j = -55 c t j = 25 c t j = 125 c t j = 125 c v r = 400v 60a 30a 15a t j = 125 c v r = 400v 60a 15a 30a downloaded from: http:///
apt30dq60b_s(g) 053-4201 rev d 2-2011 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v t rr / q rr waveform v r apt30gt60br 15.85 (.624)16.05(.632) 18.70 (.736)19.10 (.752) 1.15 (.045)1.45 (.057) 5.45 (.215) bsc(2 plcs.) 4.90 (.193)5.10 (.201) 1.45 (.057) 1.60 (.063) 2.70 (.106)2.90 (.114) 0.40 (.016)0.65 (.026) dimensions in millimeters (inches) heat sink (cathode)and leads are plated 2.40 (.094)2.70 (.106) (base of lead) cathode(heat sink) 1.90 (.075)2.10 (.083) cathode anode 0.020 (.001)0.250 (.010) 1.20 (.047)1.40 (.055) 12.40 (.488)12.70 (.500) 13.30 (.524)13.60(.535) 1.00 (.039)1.15(.045) 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 10.90 (.430) bsc 3.50 (.138)3.81 (.150) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016) dimensions in millimeters and (inches) cathode anode cathode to - 247 package outline d 3 pak package outline e1 sac: tin, silver, copper e3 100% sn 1.016 (.040) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT30DQ60BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X