Part Number Hot Search : 
1C681 QS5U13 KIA7427 330M166 00DT1 BR3510 N6121 N79E8221
Product Description
Full Text Search
 

To Download APT2X101D30J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microsemi website - http://www.microsemi.com product benefits low losses low noise switching cooler operation higher reliability systems increased system power density product features ultrafast recovery times soft recovery characteristics popular sot-227 package low forward voltage high blocking voltage low leakage current product applications anti-parallel diode -switchmode power supply -inverters free wheeling diode -motor controllers -converters snubber diode uninterruptible power supply (ups) induction heating high speed recti? ers ultrafast soft recovery rectifier diode 053-4057 rev c 3-2011 static electrical characteristics maximum ratings all ratings: t c = 25c unless otherwise speci ? ed. dual die isotop ? package apt2x100d30j APT2X101D30J APT2X101D30J 300v 100a apt2x100d30j 300v 100a symbol v f i rm c t unit volts a pf min typ max 1.2 1.4 1.5 1.0 500 1000 270 forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 100a i f =200a i f = 100a, t j = 125c v r = v r rated v r = v r rated, t j = 125c symbol characteristic / test conditions apt2x100_101d30j unit v r maximum d.c. reverse voltage 300 volts v rrm maximum peak repetitive reverse voltage v rwm maximum working peak reverse voltage i f (av) maximum average forward current (t c = 115c, duty cycle = 0.5) 100 amps i f (rms) rms forward current (square wave, 50% duty) 183 i fsm non-repetitive forward surge current (t j = 45c, 8.3ms) 1000 t j ,t stg operating and storagetemperature range -55 to 150 c t l lead temperature for 10 sec. 300 anti-paralle l p aralle l 2 1 3 23 4 14 s o t - 2 2 7 is ot op ? 1 2 3 4 file # e145592 "ul recognized" downloaded from: http:///
apt2x100_101d30j 053-4057 rev c 3-2011 dynamic characteristics thermal and mechanical characteristics microsemi reserves the right to change, without notice, the speci? cations and information contained herein. characteristic / test conditions junction-to-case thermal resistance rms voltage package weight maximum terminal & mounting torque symbol r jc v isolation w t torque min typ max .42 20 1.03 29.2 10 1.1 unit c/w oz g lbin nm min typ max - 36 - 47 - 120 - 5 - - 110 - 650 - 10 - - 70 - 1490 - 37 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 100a, di f /dt = -200a/ s v r = 200v, t c = 25 c i f = 100a, di f /dt = -200a/ s v r = 200v, t c = 125 c i f = 100a, di f /dt = -1000a/ s v r = 200v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 10 -5 10 -4 10 -3 10 -2 0.1 1 z jc , thermal impedance (c/w) rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: downloaded from: http:///
053-4057 rev c 3-2011 apt2x100_101d30j typical performance curves t j =125c v r =200v 50a 100a 175a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55c t j = 25c t j = 125c t j = 150c t j =125c v r =200v t j =125c v r =200v duty cycle = 0.5 t j =150c 300250 200 150 100 50 0 18001600 1400 1200 1000 800600 400 200 0 0 0.5 1 1.5 2 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 175a 100a 50a 100a 50a 175a 120100 8060 40 20 0 4035 30 25 20 15 10 50 200180 160 140 120 100 8060 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) 1.41.2 1.0 0.8 0.6 0.4 0.2 0.0 40003500 3000 2500 2000 1500 1000 500 0 0 25 50 75 100 125 150 25 50 75 100 125 150 .6 1 10 100 200 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change t j , junction temperature (c) case temperature (c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. case temperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage downloaded from: http:///
apt2x100_101d30j 053-4057 rev c 3-2011 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform apt30m30lll apt2x100d30j APT2X101D30J sot-227 package outline anode 1 31.5 (1.240)31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307)8.2 (.322) 30.1 (1.185)30.3 (1.193) 38.0 (1.496)38.2 (1.504) 14.9 (.587)15.1 (.594) 11.8 (.463)12.2 (.480) 8.9 (.350)9.6 (.378) hex nut m4 h100 (4 places ) 0.75 (.030)0.85 (.033) 12.6 (.496)12.8 (.504) 25.2 (0.992)25.4 (1.000) 1.95 (.077)2.14 (.084) anode 2 anti-paralle l p aralle l cathode 1 r = 4.0 (.157) (2 places) 4.0 (.157)4.2 (.165) (2 places) w=4.1 (.161)w=4.3 (.169) h=4.8 (.187)h=4.9 (.193) (4 places) 3.3 (.129)3.6 (.143) cathode 2 anode 1 cathode 2 anode 2 cathode 1 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT2X101D30J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X