Part Number Hot Search : 
F75339P T45DB SS413 SPC1016 TK73227M STRLPBF DP501 039880
Product Description
Full Text Search
 

To Download APT20M40BVRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250 a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125 c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1.0ma) 050-5620 rev a maximum ratings all ratings: t c = 25 c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25 c pulsed drain current 1 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25 c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/ c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms a na volts min typ max 200 59 0.040 25 250 100 24 apt20m40bvr 200 59 236 30 40 300 2.4 -55 to 150 300 5630 1300 apt20m40bvr 200v 59a 0.040 g d s to-247 power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect,increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? faster switching ? 100% avalanche tested ? lower leakage ? popular to-247 package power mos v ? caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe avenue j.f. kennedy bat b4 parc cadra nord f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com downloaded from: http:///
symbol i s i sm v sd t rr q rr dynamic characteristics symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d[cont.] @ 25 c v gs = 15v v dd = 0.5 v dss i d = i d[cont.] @ 25 c r g = 1.6 min typ max 4050 4860 980 1375 300 450 130 195 30 45 55 80 12 24 14 28 43 70 71 4 unit pf nc ns apt20m40bvr characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time 050-5620 rev a characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) reverse recovery time (i s = -i d[cont.] , dl s /dt = 100a/ s) reverse recovery charge (i s = -i d[cont.] , dl s /dt = 100a/ s) source-drain diode ratings and characteristics unit amps volts ns c min typ max 59 236 1.3 280 3.5 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25 c, l = 0.75mh, r g = 25 , peak i l = 59a 2 pulse test: pulse width < 380 s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. thermal characteristics symbol r jc r ja min typ max 0.42 40 unit c/w characteristicjunction to case junction to ambient z jc , thermal impedance ( c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.50.1 0.050.01 0.0050.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature ( c) t j , junction temperature ( c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature ( c) t c , case temperature ( c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 02 04 06 08 01 0 0 0 2 4 6 8 1 0 02468 04 08 01 2 01 6 02 0 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 apt20m40bvr i d = 0.5 i d [cont.] v gs = 10v 100 8060 40 20 0 1.61.4 1.2 1.0 0.8 1.151.10 1.05 1.00 0.95 0.90 1.21.1 1.0 0.9 0.8 0.7 0.6 100 8060 40 20 0 100 8060 40 20 0 6050 40 30 20 10 0 2.52.0 1.5 1.0 0.5 0.0 050-5620 rev a v ds > i d (on) x r ds (on)max. 250 sec. pulse test @ <0.5 % duty cycle 4.5v 4v v gs =10v v gs =20v t j = +25 c t j = -55 c t j = +25 c t j = -55 c 5.5v 5v 6v 7v v gs =15v v gs =8v, 9v & 10v 6.5v 4.5v 4v 5.5v 5v 6v 6.5v v gs =8v, 9v, 10v & 15v t j = +125 c t j = +125 c normalized to v gs = 10v @ 0.5 i d [cont.] downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 5 10 50 100 200 .01 .1 1 10 50 0 50 100 150 200 250 0 0.4 0.8 1.2 1.6 2.0 apt20m40bvr t c =+25 c t j =+150 c single pulse 300100 5010 51 2016 12 84 0 i d = i d [cont.] 10,000 5,0001,000 500100 300 100 5010 51 050-5620 rev a operation here limited by r ds (on) t j =+150 c t j =+25 c c rss c oss c iss v ds =160v v ds =40v 10 s 100 s 1ms10ms 100ms dc v ds =100v 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 3.50 (.138)3.81 (.150) 2.87 (.113)3.12 (.123) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016)0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 to-247 package outline downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT20M40BVRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X