Part Number Hot Search : 
0D271 ATTINY SPC25 MBT3904 AP2315 W567S100 IS80LV51 BST25P2B
Product Description
Full Text Search
 

To Download APT20M22LVRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-5544 rev b maximum ratings all ratings: t c = 25 c unless otherwise specified. unit volts amps volts watts w/ c c amps mj unit volts amps ohms a na volts min typ max 200100 0.022 25 250 100 24 apt20m22lvr 200100 400 30 40 520 4.16 -55 to 150 300100 50 2500 apt20m22lvr 200v 100a 0.022 characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250 a) on state drain current 2 5 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125 c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 2.5ma) symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25 c pulsed drain current 1 5 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25 c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 5 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) 5 g d s caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe avenue j.f. kennedy bat b4 parc cadra nord f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 apt website - http://www.advancedpower.com power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect,increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout.. ? faster switching ? 100% avalanche tested ? lower leakage ? popular to-264 package power mos v ? to-264 downloaded from: http:///
dynamic characteristics symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d[cont.] @ 25 c v gs = 15v v dd = 0.5 v dss i d = i d[cont.] @ 25 c r g = 0.6 min typ max 8500 10200 1950 2730 560 840 290 435 66 100 120 180 16 32 25 50 48 72 51 0 unit pf nc ns apt20m22lvr characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time 050-5544 rev b source-drain diode ratings and characteristics unit amps volts ns c min typ max 100400 1.3 330 5.8 thermal characteristics symbol r jc r ja min typ max 0.24 40 unit c/w characteristicjunction to case junction to ambient z jc , thermal impedance ( c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.30.1 0.050.01 0.0050.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 symbol i s i sm v sd t rr q rr 1 repetitive rating: pulse width limited by maximum t j 4 starting t j = +25 c, l = 500 h, r g = 25 , peak i l = 100a 2 pulse test: pulse width < 380 s, duty cycle < 2% 5 the maximum current is limited by lead temperature. 3 see mil-std-750 method 3471apt reserves the right to change, without notice, the specifications and information contained herein. characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 5 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) reverse recovery time (i s = -i d[cont.] , dl s /dt = 100a/ s) reverse recovery charge (i s = -i d[cont.] , dl s /dt = 100a/ s) 5 downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature ( c) t j , junction temperature ( c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature ( c) t c , case temperature ( c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 02 04 06 08 01 0 0 0 1 2 3 4 5 02468 05 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 apt20m22lvr i d = 0.5 i d [cont.] v gs = 10v 200160 120 8040 0 1.41.3 1.2 1.1 1.0 0.9 0.8 1.151.10 1.05 1.00 0.95 0.90 1.21.1 1.0 0.9 0.8 0.7 0.6 200160 120 8040 0 200160 120 8040 0 100 8060 40 20 0 2.52.0 1.5 1.0 0.5 0.0 050-5544 rev b v ds > i d (on) x r ds (on)max. 250 sec. pulse test @ <0.5 % duty cycle v gs =7v, 8v, 10v & 15v 6v v gs =15v v gs =10v v gs =20v t j = +25 c t j = -55 c t j = +125 c t j = +125 c t j = +25 c t j = -55 c 8v 10v 7v 6.5v 5.5v 4.5v 5v 4v 6v 6.5v 5.5v 4.5v 5v 4v normalized to v gs = 10v @ 0.5 i d [cont.] downloaded from: http:///
v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) apt20m22lvr to-264 package outline t c =+25 c t j =+150 c single pulse 500100 5010 51 2016 12 84 0 050-5544 rev b operation here limited by r ds (on) t j =+150 c t j =+25 c c rss 19.51 (.768)20.50 (.807) 19.81 (.780)21.39 (.842) 25.48 (1.003)26.49 (1.043) 2.29 (.090)2.69 (.106) 0.76 (.030)1.30 (.051) 3.10 (.122)3.48 (.137) 4.60 (.181)5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019)0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090)2.69 (.106) 5.79 (.228)6.20 (.244) 2.79 (.110)3.18 (.125) 5.45 (.215) bsc 2-plcs. apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 1 5 10 50 100 200 .01 .1 1 10 50 0 100 200 300 400 500 0 0.4 0.8 1.2 1.6 2.0 c oss c iss 30,00010,000 5,0001,000 500100 400 100 5010 51 v ds =100v v ds =40v v ds =160v i d = i d [cont.] 10 s 1ms10ms 100ms dc 100 s downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT20M22LVRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X