Part Number Hot Search : 
00130 M5220P XP1504 32R0525 24FC515 24FC515 1004KL Z5246B
Product Description
Full Text Search
 

To Download A3F1ACP12VDC1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant a3 general data* coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 70% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max 1.8w 12 15.6 80 8.40 1.2 1.80 7 5 24 31.2 320 16.80 2.4 coil data* contact data* ? large switching capacity up to 80a ? pcb pin and quick connect mounting available ? suitable for automobile and lamp accessories ? qs-9000, iso-9002 certi? ed manufacturing features contact 1a = spst n.o. arrangement 1b = spst n.c. 1c = spdt 1u = spst n.o. (2 terminals) contact rating standard heavy duty 1a 60a @ 14vdc 80a @ 14vdc 1b 40a @ 14vdc 70a @ 14vdc 1c 60a @ 14vdc n.o. 80a @ 14vdc n.o. 40a @ 14vdc n.c. 70a @ 14vdc n.c. 1u 2x25a @ 14vdc 2x25@ 14vdc contact resistance < 30 milliohms initial contact material agsno 2 in 2 o 3 max switching power 1120w max switching voltage 75vdc max switching current 80a electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 500v rms min. @ sea level i nitial contact to contact 500v rms min. @ sea level initial shock resistance 147m/s 2 for 11 ms vibration resistance 1.5mm double amplitude 10~40hz terminal (copper alloy) strength 8n (quick connect), 4n (pcb pin s) operating temperature -40 o c to +125 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 46g 28.5 x 28.5 x 26.5 (40.0) mm ? la rg e sw it ch in g ca pa ci ty u p t f f eature s * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. a3 page 2 ordering information dimensions - a3 units = mm 28.65 [1.13] 28.65 [1.13] 8.40 [.33] 17.90 [.70] 8.40 [.33] 8.40 [.33] 26.20 [1.03] 31.70 [1.25] 3.20 [.13] 2.60 typ [.10] 28.65 [1.13] 6.35 typ [.250] .80 typ [.032] 28.65 [1.13] 26.20 [1.03] 11.60 typ [.46] standard contacts (1) with pc pin standard contacts (1) with quick connect 1. series a3f 1c s q 24vdc 2 a3 standard a3f with mounting ? ange a3m with metal bracket 2. contact arrangement 1a = spst n.o. 1b = spst n.c. 1c = spdt 1u = spst n.o. *only available with standard contacts 3. sealing option s = sealed *sealing only available with heavy duty contacts c = dust cover 4. termination p = pcb pins q = quick connect 5. coil voltage 12vdc 24vdc 6. contacts 1 = standard *sockets for these models can be found on the cit relay socket catalog page 2 = heavy duty *we recommend the pr series socket from custom connector corpo ration 7. coil suppression blank = standard d = diode (1n4005) cathode on 86 terminal r = resistor (180 for 6vdc; 680 for 12vdc; 2700 for 24vdc) 2d = 2 diodes (1n4005) dr = diode & resistor cathode on 86 terminal (1n4005 & 180 for 6vdc; 680 for 12vdc; 2700 for 24vdc) ** consult factory if other values are needed
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. page 3 a3 dimensions - a3f units = mm 28.65 [1.13] ? 5.60 [.22] 9.70 [.38] 26.20 [1.03] 32.00 [1.26] 42.50 [1.67] 6.35 typ [.250] .80typ [.032] 11.60 typ [.46] 21.90 [.86] 29.05 [1.14] 21.90 [.86] 27.50 [1.08] 2x 11.60 [.46] 3x 9.53 [.375] 3x 1.27 [.050] 2x 6.35 [.250] 3x 15.60 [.61] 43.60 [1.72] 2x .80 [.032] ? 5.60 [.22] 32.00 [1.26] 9.50 [.37] standard contacts (1) with quick connect heavy duty contacts (2) with quick connects dimensions - a3m units = mm ? 5.50 [.22] 15.00 [.59] 10.75 [.42] 28.65 [1.13] 26.20 [1.03] 6.35 typ [.250] .80typ [.032] 11.60 typ [.46] 32.85 [1.29] 43.10 [1.70] 28.65 [1.13] 15.00 [.59] 10.95 [.43] 2x 11.60 [.46] 3x 9.53 [.375] 2x .80 [.032] 3x 1.27 [.050] 2x 6.35 [.250] 3x 15.60 [.61] 32.85 [1.29] 44.60 [1.76] 27.50 [1.08] standard contacts (1) with quick connect heavy duty contacts (2) with quick connects dimensions - a3 heavy duty units = mm 28.90 [1.14] 28.60 [1.13] 9.50 typ [.37] 1.65 typ [.06] 2x 8.40 [.33] 17.90 [.70] 8.40 [.33] 8.40 [.33] 27.55 [1.08] 2x 1.50 [.06] 31.60 [1.24] 28.40 [1.12] 28.40 [1.12] 27.55 [1.08] 2x 6.35 [.250] 3x 9.53 [.375] 2x .80 [.032] 3x 1.27 [.050] 2x 11.60 [.46] 3x 15.60 [.61] heavy duty contacts (2) with pc pins heavy duty contacts (2) with quick connects
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. page 4 a3 bottom views schematics & pc layouts 30 85 86 87 30 85 87a 86 2x 8.40 [.33] 8.00 [.31] 8.40 [.33] 8.40 [.33] 9.50 [.37] ?3.00 typ [.12] 1a 1b standard pc layout 85 30 87a 87 86 30 87a 86 87 85 2x 8.40 [.33] 8.00 [.31] 3.80 [.15] 3.80 [.15] 3.80 [.15] 3.80 [.15] 2x ?1.95 [.08] 9x ?2.20 [.09] 9.50 [.37] 1c 1u heavy duty pc layout


▲Up To Search▲   

 
Price & Availability of A3F1ACP12VDC1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X