Part Number Hot Search : 
MCD410 AAT3122 MSD2N60 MN100 05D15 2815S 390FA DD151N
Product Description
Full Text Search
 

To Download 96CB-SATAPOWER-6P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acp-2000/ ipc-602 2u 6-slot rackmount chassis with front usb and ps/2 interfaces specifcations drive bay external internal slim optical disk drive 1/- - 3.5" 2/1 -/1 5.25" -/1 - cooling fan 2 (8 cm / 47 cfm each) / 2 (8 cm / 40 cfm each) air filter yes front i/o interface usb 2 ps/2 1 miscellaneous led indicators power and hdd activity; fan and temperature for acp-2000 only rear panel one 9-pin d-sub opening intelligent system module remote monitoring cpu/system fan speed , cpu/system temperature , motherboard voltage (only selected advantech mbs/cpu cards with wise-paas/rmm installed can fully enable these functions, check with advantech local rep. for detailed information.) (this feature only enabled in acp-2000) environment operating non-operating temperature 0 ~ 40 c (32 ~ 104 f) -20 ~ 60 c (-4 ~ 140 f) humidity 10 ~ 85% @ 40 c, non-condensing 10 ~ 95% @ 40 c, non-condensing vibration (5 ~ 500 hz) 0.5 grms 2 g shock 10 g (with 11 ms duration, half sine wave) physical characteristics dimensions (w x h x d) 482 x 88 x 451 mm (19" x 3.5" x 17.8") weight 11.5 kg (25.3 lb) / 11.3 kg (24.9 lb) ? 2u rackmount chassis supports up to 6 cards ? butterfy backplane design ? front-accessible usb and ps/2 connectors ? 250w / 300w ac atx and dc power supply options ? two 40 cfm cooling fans with air flter ? lockable front door prevents unauthorized access features with acp-2000 only: ? system alarm notifcation by front led indicators ? built-in intelligent system module enabling whole system fan control and remote manageability one 5.25" drive bay one 3.5" drive bay usb and ps/2 connectors ipc-602 front view inside view acp-2000 power led hdd led temp. led fan led usb and ps/2 connectors two 3.5" drive bay slim optical drive bay two 40 cfm cooling fans designed to support 2u butterfly backplane last updated: 9-aug-2017 all product specifications are subject to change without notice. industrial chassis features
ordering information part number power supply backplane picmg 1.0 acp-2000p4-00be without power supply, with atx switch 989k610512e (pca-6105p4v) picmg 1.3 acp-2000ebp-00be without power supply, with atx switch - ipc-602ebp-00xbe without power supply, with atx switch - power supply options part number 80 plus grade wattage type input ps8-300atx-zbe bronze 300w single ac 100 ~ 240 v (full range) ps8-400atx-ze bronze 400w single ac 100 ~ 240 v (full range) ps-300atx-dc48e - 300w single dc -48 v rps-300atx-ze (acp-2000 only) - 300w (1+1) redundant ac 100 ~ 240 v (full range) acp-2000 ipc-602 optional accessories part number description 1950000869n002 p4 card cage 96CB-SATAPOWER-6P2 sata power wire 6-pin to big 4-pin (for slim odd) ipc-dt-3120e mobile rack for converting a 3.5" drive bay to dual 2.5" sata hdd trays spare parts part number description 2130006189s000 filter behind the door 156 x 45 x 5 mm 1990001949 filter in the front of the fans 165 x 58 mm acp-2000/ipc-602 power supply 88.0 [3.47] 44.4 [1.75] 482.0 [18.99] 465.0 [18.32] 426.4 [16.80] 87.6 [3.45] 44.5 [1.75] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 61.0 [2.40] 490.6 [19.33] 450.6 [17.75] 426.4 [16.80] 465.1 [18.32] 482.2 [19.00] 44.4 [1.75] 88.0 [3.47] 459.7 [18.11] 450.6 [17.75] 87.6 [3.45] 44.5 [1.75] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 61.2 [2.41] dimensions unit: mm [inch] www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of 96CB-SATAPOWER-6P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X