Part Number Hot Search : 
MC9S0 CNY33 CDRH103R LTC1349I 45984 DLPT05W 00400 3602S
Product Description
Full Text Search
 

To Download 96CB-SATAPOWER-6P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acp-2010mb/ 2320mb 2u rackmount chassis for atx/ microatx motherboard with low-profle rear bracket option ? led indicators and audible alarm notifcation for system fault detection ? shock-resistant drive bays to hold one 5.25" and three 3.5" drives for acp-2010mb (one front-accessible and two internal); one slim optical disk drive, two internal 3.5" drives and dual mobile sas/sata hdd trays for acp-2320mb ? various riser card options to support three full-size pci or pcie cards for expansion ? supports 300w / 400w atx pfc power supply ? reusable and washable air flters specifcations drive bay front-accessible internal slim optical disk drive - / 1 - 5.25" 1 / 0 - 3.5" 1 / 2 sas/sata hdd (mobile trays compatible with 2.5" hdd/ssd) 2 / 2 cooling fan 2 (8 cm /47 cfm each) / 2 (8 cm /47 cfm each) + 1 (6 cm /28 cfm) for sas/sata storage unit air filters yes front i/o interface usb 2 ps/2 1 miscellaneous led indicators power, hdd, temperature, fan rear panel two 9-pin d-sub openings environment operating non-operating temperature 0 ~ 40 c (32 ~ 104 f) -20 ~ 60 c (-4 ~ 140 f) humidity 10 ~ 85% @ 40 c, non-condensing 10 ~ 95% @ 40 c, non-condensing vibration (5 ~ 500 hz) 1 grms 2 g shock 10 g (with 11 ms duration, half sine wave) 30 g physical characteristics dimensions (w x h x d) 482 x 88 x 480 mm (19" x 3.46" x 18.9") weight 10.7 kg (23.5 lb) / 11.7 kg (25.7 lb) rear i/o bracket for low profle add-on cards acp-2010mb power led hdd led temp. led fan led alarm reset button system reset button one 3.5" drive bay one 5.25" drive bay acp-2320mb slim optical drive bay two sas/sata hdd tray acp-2010mb acp-2320mb front view rear view inside view power supply dual system fan power supply dual system fan rohs compliant 2002/95/ec all product specifications are subject to change without notice last updated : 3-dec-2013 industrial computer chassis features
acp-2010mb/2320mb ordering information part number power supply acp-2010mb0-00xbe without power supply, with atx switch acp-2320mb0-00xbe without power supply, with atx switch power supply options (for detailed power supply specs, please refer to chapter 13) part number specifcations watts input 1757000007g (atx, pfc) 300w ac 100 ~ 240 v (full range) 1757000105g (atx, pfc) 400w ac 100 ~ 240 v (full range) 1757001137 (atx, pfc) (1+1 redundant) 250w ac 100 ~ 240 v (full range) optional accessories part number description rear i/o panel kit for low-profle add-on cards 1939000361 screw (should purchase 7 pcs) 1960034816n000 i/o bracket (should purchase 7 pcs) 1960019475t201 rear panel for low-profle 1950014302n001 special bracket for riser card aimb-rp3p8-12a1e 96CB-SATAPOWER-6P1 sata power wire 6-pin to big 4-pin (for slim odd) idt-3120e mobile rack for converting a 3.5" drive bay to dual 2.5" sata hdd trays spare parts part number description 9662132020e black mobile hdd tray 1990007986s000 door flter 156 x 45 x 5 mm 1990001949 fan flter bracket 168 x 58 mm acp-2010mb acp-2320mb 426.4 [16.79] 87.2 [3.43] 523.9 [20.63] 88.0 [3.46] 44.4 [1.75] 468.5 [18.44] 482.0 [18.98] 479.4 [18.87] 42.1 [1.66] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 61.1 [2.41] 426.4 [16.79] 465.1 [18.31] 482.0 [18.98] 44.4 [1.75] 88.0 [3.46] 523.9 [20.63] 479.4 [18.87] 87.2 [3.43] 42.1 [1.66] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 61.1 [2.41] dimensions unit: mm [inch] www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of 96CB-SATAPOWER-6P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X