Part Number Hot Search : 
30302 BAV10 TS7022CM 0000X1 MMA690XQ C2245 D2SB80 MMA690XQ
Product Description
Full Text Search
 

To Download 367106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rast 5 connectors, pitch 5.0 mm rast 5 tab header, upright, with positioning spigot, free to configure with partitions state: active approvals: of 3 36 3671 01/2018 ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c
2 *a k = keying p = positioning v = space for lock *b partitioning *c printed circuit board *d a = (p - 1) x 5 + (w - 5) x y, max. 135 mm p = poles w = 7,5 mm (standard)/10,0 mm y = number of partitions (at least 1 partition every 12 contacts) *f measure for press-fit of solder pins in printed circuit board *g printed circuit board layout, solder side view environmental conditions temperature range 0 c20 c materials nsulating bod pa 0 according to u 1 contact tab cuzn, pre-nickel and tin-plated 1 component glow wire resistant (gwt 750 c), testing acc. to iec 60695-2-11, assessment acc. to iec 60335-1 (flame < 2 s) mechanical data contact tab 0 mm according to dn 2 electrical data (at t amb 20 c) ated current 0 a (t u 70 c) rated voltage 250 v ac material group iiia (iec)/2 (ul) (cti 250) creepage distance 4,2 mm clearance 4,2 mm insulation resistance > 10 g? associated products counterparts ? 3611 ? 3615 ? 3615-1 ? 3615-2 ? 3615-3 ? 3623 ? 3623 01 v01 ? 3626 of 3 36 3671 01/2018
3 designation pole number pu (pieces) mdq (pieces) 0 200 0 200 0 200 0 200 0 200 0 200 0 200 0 0 200 200 2 2 200 200 200 200 200 200 200 200 20 20 200 2 2 200 22 22 200 2 2 200 2 2 200 2 2 200 2 2 200 2 2 200 designation to be completed by further details (e.g. for keying, color or material options). packaging: in a cardboard box of 3 36 3671 01/2018


▲Up To Search▲   

 
Price & Availability of 367106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X