Part Number Hot Search : 
BC237B07 PC0205 1602B SL8940 STEVA VS4AUF FMMT455 D1707
Product Description
Full Text Search
 

To Download 2SC5287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to ? 3p 1. base 2. collector 3. emitter jiangsu changjiang electron ics technology co., ltd to-3p plastic-encapsulate transistors 2SC5287 transistor (npn) features z high breakdown voltage z high speed switching applications z for switching regulator and ge neral purpose applications maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =1ma,i e =0 900 v collector-emitter breakdown voltage v (br)ceo * i c =10ma,i b =0 550 v emitter-base breakdown voltage v (br)ebo i e =1ma,i c =0 7 v collector cut-off current i cbo v cb =800v,i e =0 100 a emitter cut-off current i ebo v eb =7v,i c =0 100 a dc current gain h fe * v ce =4v, i c =1.8a 10 25 collector-emitter saturation voltage v ce(sat) * i c =1.8a,i b =0.36a 0.5 v base-emitter saturation voltage v be (sat) * i c =1.8a,i b =0.36a 1.2 v collector output capacitance c ob v cb =10v,i e =0, f=1mhz 50 pf transition frequency f t v ce =12v,i c =0.35a 6 mhz *pulse test symbol parameter value unit v cbo collector-base voltage 900 v v ceo collector-emitter voltage 550 v v ebo emitter-base voltage 7 v i c collector current 5 a p c collector power dissipation t c =25 80 w r ja thermal resistance from junction to ambient 42 / w t j junction temperature 150 t stg storage temperature -55~+150 www.cj-elec.com 1 b,nov,2014
www.cj-elec.com 2 b,nov,2014 to-3p package outline dimensions m i nm a x m i nm a x a 4. 600 5 . 000 0. 1 81 0. 197 a 1 1. 200 1 . 600 0. 0 47 0. 063 b 0. 800 1 . 200 0. 0 31 0. 047 b1 2. 800 3 . 200 0. 1 10 0. 126 b2 1. 800 2 . 200 0. 0 71 0. 087 c 0. 500 0 . 700 0. 0 20 0. 028 c 1 1. 450 1 . 650 0. 0 57 0. 065 d 1 5. 4 50 15. 850 0. 6 08 0. 624 e 1 3. 7 00 14. 100 0. 5 39 0. 555 e1 e2 e3 f 1 1 3. 4 00 13. 800 0. 5 28 0. 543 f 2 9. 400 9 . 800 0. 3 70 0. 386 l 3 9. 9 00 40. 300 1. 5 71 1. 587 l1 2 3. 2 00 23. 600 0. 9 13 0. 929 l2 2 0. 3 00 20. 600 0. 7 99 0. 811 6. 900 7 . 100 0. 2 72 0. 280 g 5. 150 5 . 550 0. 2 03 0. 219 e h h 0. 000 0 . 300 0. 0 00 0. 012 5. 000 r e f 0. 12 6 r e f 0. 13 0 r e f 0. 2 15 t y p 0. 19 7 r e f 0. 53 0 r e f s y m bol d i m e n s i o n s i n m i ll im e t e r s 5. 450 t y p d im e n s io n s in i n c h e s 3. 200 r e f 3. 300 r e f 13 . 450 r e f


▲Up To Search▲   

 
Price & Availability of 2SC5287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X