Part Number Hot Search : 
AP4407GS SPA257 4F158D Q6511 1N4755A OVM4B C18F67 2SA1276
Product Description
Full Text Search
 

To Download 2SC5287-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon npn power transistors 2sc5287 description ? with to-3pn package ? high voltage,high speed switching applications ? for switching regulator and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 550 v v ebo emitter-base voltage open collector 7 v i c collector current 5 a i cm collector current-peak 10 a i b base current 2.5 a p c collector power dissipation t c =25 ?? 80 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
jmnic product specification 2 silicon npn power transistors 2sc5287 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 550 v v cesat collector-emitter saturation voltage i c =1.8a; i b =0.36a 0.5 v v besat base-emitter saturation voltage i c =1.8a; i b =0.36a 1.2 v i cbo collector cut-off current v cb =800v; i e =0 100 | a i ebo emitter cut-off current v eb =7v; i c =0 100 | a h fe dc current gain i c =1.8a ; v ce =4v 10 25 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 50 pf f t transition frequency i e =-0.35a ; v ce =12v 6 mhz switching times t on turn-on time 0.7 | s t s storage time 4.0 | s t f fall time i c =1.8a; r l =139 |? i b1 =0.27a; i b2 =-0.9a v cc =250v 0.5 | s
jmnic product specification 3 silicon npn power transistors 2sc5287 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)
jmnic product specification 4 silicon npn power transistors 2sc5287


▲Up To Search▲   

 
Price & Availability of 2SC5287-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X