Part Number Hot Search : 
3FF10 TC124E 162244 683ML 367109 E1300 MKV5100 GP102
Product Description
Full Text Search
 

To Download 2SC4097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd sot-323 plastic-encapsulate transistors 2SC4097 transistor (npn) features z high i cmax . =0.5a z low v ce(sat) .optimal for low voltage operation. z complements the 2sa1577 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in t yp max unit collector-base breakdown voltage v (br)cbo i c =100 a,i e =0 40 v collector-emitter breakdown voltage v (br)ceo i c =1ma,i b =0 32 v emitter-base breakdown voltage v (br)ebo i e =100 a,i c =0 5 v collector cut-off current i cbo v cb =20v,i e =0 1 a emitter cut-off current i ebo v eb =4v,i c =0 1 a dc current gain h fe v ce =3v,i c =10ma 82 390 collector-emitter saturation voltage v ce(sat) i c = 5 00ma, i b = 5 0ma 0.4 v transition frequency f t v ce =5v, i c =20ma,f =100mhz 250 mhz collector output capacitance c ob v cb =10v,i e =0,f=1mhz 6 pf classification of h fe rank p q r range 82-180 120-270 180-390 marking cp cq cr sot-323 1. base 2. emitter 3. collector 1 2 3 www.cj-elec.com 1 a,jun,2014 www.cj-elec.com b,sep,2014 j c ( t m aximum r atings (t a =25 unless otherwise noted ) symbol parameter value unit v cbo collector - base voltage 40 v v ceo collector - emitter voltage 32 v v ebo emitter - base voltage 5 v i c collector current 500 m a p c collector power dissipation 200 m w r ja thermal resistance from j u nction to a mbient 625 /w t j junction temperature 150 t stg storage temperature - 55 + 150
0.1 1 10 1 10 100 1 10 100 10 100 1000 0.01 0.1 0 100 200 300 400 0 25 50 75 100 125 150 0 50 100 150 200 250 0369 0 2 4 6 8 10 12 0.1 1 10 100 200 400 600 800 1000 1 10 100 0 100 200 300 400 c ob c ib f=1mhz i e =0 / i c =0 t a =25 v cb / v eb c ob / c ib ?? capacitance c (pf) reverse bias voltage v (v) 20 transition frequency f t (mhz) collector current i c (ma) v ce =5v t a =25 i c f t ?? i c h fe ?? dc current gain h fe collector current i c (a) t a =25 t a =100 common emitter v ce = 3v 0.5 ambient temperature t a ( ) collector power dissipation p c (mw) p c ?? t a 40ua 50ua 45ua 35ua 30ua 25ua 20ua 15ua collector-emitter voltage v ce (v) collector current i c (ma) static characteristic 10ua i b =5ua common emitter t a =25 collector current i c (ma) base-emitter saturation voltage v besat (mv) t a =25 t a =100 =10 i c v besat ?? 500 =10 collector-emitter saturation voltage v cesat (mv) collector current i c (ma) t a =100 t a =25 v cesat ?? i c 500 www.cj-elec.com 2 a,jun,2014 www.cj-elec.com b,sep,2014 typical characteristics
min max min max a 0.900 1.100 0.035 0.043 a1 0.000 0.100 0.000 0.004 a2 0.900 1.000 0.035 0.039 b 0.200 0.400 0.008 0.016 c 0.080 0.150 0.003 0.006 d 2.000 2.200 0.079 0.087 e 1.150 1.350 0.045 0.053 e1 2.150 2.450 0.085 0.096 e e1 1.200 1.400 0.047 0.055 l l1 0.260 0.460 0.010 0.018 0 8 0 8 0.525 ref 0.021 ref symbol dimensions in millimeters dimensions in inches 0.650 typ 0.026 typ sot-323 package outline dimensions sot-323 suggested pad layout www.cj-elec.com 3 a,jun,2014 www.cj-elec.com b,sep,2014
sot-323 tape and reel www.cj-elec.com 4 a,jun,2014 www.cj-elec.com b,sep,2014


▲Up To Search▲   

 
Price & Availability of 2SC4097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X