Part Number Hot Search : 
ZMM4V3 M3851 1025MW7C 04N50C3 84225 4017BDM 0DC12 30A225
Product Description
Full Text Search
 

To Download 2SC4097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification silicon epitaxial planar transistor 2SC4097 f003 www.gmicroelec.com rev.a 1 features z excellent h fe linearity. z power dissipation:p cm =200mw applications z npn silicon epitaxial planar transistor. sot-323 ordering information type no. marking package code 2SC4097 cp/cq/cr sot-323 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 40 v v ceo collector-emitter voltage 32 v v ebo emitter-base voltage 5 v i c collector current -continuous 500 ma i cm peak collector current 500 ma i bm peak base current 10 ma p c collector dissipation 250 mw t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification silicon epitaxial planar transistor 2SC4097 f003 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =100 a,i e =0 40 v collector-emitter breakdown voltage v (br)ceo i c =1ma,i b =0 32 v emitter-base breakdown voltage v (br)ebo i e =100 a,i c =0 5 v collector cut-off current i cbo v cb =20v,i e =0 1 a emitter cut-off current i ebo v eb =4v,i c =0 1 a dc current gain h fe v ce =3v,i c =100ma 82 390 collector-emitter saturation voltage v ce(sat) i ce =500ma,i b =50ma 0.4 v base-emitter saturation voltage v be(sat) i ce =500ma,i b =50ma 1.1 v transition frequency f t v ce =5v, i c = 20ma,f=100mhz 250 mhz collector output capacitance c ob v cb =12v,i e =0,f=1mhz 6 pf classification of h fe rank p q r range 82-180 120-270 180-390 marking cp cq cr
production specification silicon epitaxial planar transistor 2SC4097 f003 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package sot-323 soldering footprint unit : mm package information sot-323 dim min max a 2.00 2.20 b 1.15 1.35 c 0.95 typical d 0.30 typical e 0.25 0.40 g 1.2 1.4 h 0.02 0.10 j 0.10 typical k 2.20 2.40 all dimensions in mm device package shipping 2SC4097 sot-323 3000/tape&reel 1.90 0.65 0.65 0.90 0.70 a b k d e j h g c


▲Up To Search▲   

 
Price & Availability of 2SC4097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X