Part Number Hot Search : 
3710I NSR01L30 G3U7912 WR78W10 GT10G101 YAAMUA Z5240 4DFT1G
Product Description
Full Text Search
 

To Download 1910000035-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  som-db5920 specifcations compatible models advantech com express basic module (125 x 9 5mm) and com express compact module (95 x 95 mm) graphic controller ast2400 integrated 2d graphics controller frequency 266mhz graphics memory 512mb @ ddr3-800 display vga 1920 x 1200 (from ast2400) expansion pci express x16 1 pci express x8 1 pci express x4 2 lpc 1 ethernet fast ethernet 1 port 100base-t (rj-45) supports 10/100 mbps from ast2400, supports ipmi gigabit ethernet 1 port 1000base-t (rj-45) supports 10/100/1000 mbps from module side 10 gigabit ethernet up to 4 ports, support 10gbase-t or sfp physical layer transferred by ocp mezzanine card serial bus smbus 1 i 2 c bus 1 i/o sata 2 (type b connector) usb 4 x usb3.0, 4 x usb2.0 (shared by 4 x usb3.0 connectors) spi bus 1 com port 2 x 2-wire com ports gpio 8 sdio (option) 1 (pin mux with gpio) fan 2 (1 smart fan from module side, 1 fxed-voltage fan) port 80 1 tpm tpm2.0 power type atx: vin, vsb; at: vin or vdc supply voltage vin: 12v 5%, vsb: 5 5% vdc: 8.5v (9-5%) ~ 20v (19+10%) environment temperature operating standard: 0 ~ 60 c (32 ~ 140 f) storage -40 ~ 85 c (-40 ~ 185 f) humidity operating: 40 c @ 95% relative humidity, non-condensing storage: 60 c @ 95%relative humidity, non-condensing mechanical dimensions 304.8 x 244 mm (12" x 9.6") development board for com express ? type 7 pin-out modules ? picmg com.0 r 3.0 type 7 pin out ? com express ? basic/compact module ? extension: pcie x16, pcie x8, 2 pcie x4 ? integrated bmc supports vga, dedicated nic for ipmi, ikvm ? 10 gigabit ethernet support by ocp mezzanine card ? visible debug utility: bios 80 port and power state new all product specifications are subject to change without notice. last updated: 26-sep-2017 computer on modules features
block diagram som-db5920 ordering information part no. description d press deeopent oar or ype pinout packing list part no. description quantity d press deeopent oar dua ports opper n eanine ar it pe to pe iser ar eria ae pp c racet or d cre . or p assey cre opper pcie x8 bus pcie x4 bus switch switch switch ocp mezzanine card 10gbase-kr port 0-3 usb 3.0 x4 lan0_usb01 lan1_usb23 10g phy port 80 lpc sata iii x2 micro sd card cb bios pin header 4 x 2p cb bios spi socket gpio pin header 10p com 1 & 2 dsub 9p smbus wafer box 4p i 2 c wafer box 4p+eeprom tpm 2.0 pcie x4 bus lan0 bmc ast2400 vga x8_1 pcie x16 bus connector row c,d connector row a,b x16_1 pcie x8 (port8-15) 4 pcie x1 (port( 0-3) 2 pcie x1 (port( 6-7) 1 pcie x16 (port(16-31) 4 pcie x1 (port( 4-5) gbe & side band nc-si usb2.0 lpc sata spi usb3.0 10gbase-kr gpio com smbus i 2 c lan1 10/100mbps (support ipmi) usb 2.0 x2 lan0_usb01 lan1_usb23 port 0-3 port4-5 port6-7 from row c,d (default) pcie x1 port 4 connect to bmc (default) usb23 connect to bmc for ikvm rj45 (w/ usb3.0 x2) nc-si option (default) usb23 connect to bmc www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of 1910000035-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X