Part Number Hot Search : 
4A102 472E3 MAXQ1851 HV857DB1 AN1713 TFS300C A25L05P SC114
Product Description
Full Text Search
 

To Download 0760603126-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/06/2017 please check www.molex.com for latest part information part number: 0760603126 status: active overview: impact? backplane connectors and cable assemblies description: impact? 100 ohm 5 pair right angle daughtercard receptacle, left guided, 16 columns, 240 circuits, plated through hole dimension 0.39mm, polarizing key position a, lead-free documents: 3d model application specification as-76060-9999-001 (pdf) drawing (pdf) packaging specification pk-70873-611 (pdf) product specification ps-76060-999-001 (pdf) rohs certificate of compliance (pdf) application specification as-76060-990-001 (pdf) agency certification ul e29179 general product family backplane connectors series 76060 application conventional, daughtercard application tooling documents tm-622018799 component type pcb receptacle electrical model yes overview impact? backplane connectors and cable assemblies product name impact? upc 883906525507 physical circuits (loaded) 240 circuits (maximum) 240 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 32.455/g number of columns 16 number of pairs 5 number of rows 15 orientation right angle pc tail length 1.20mm pcb locator no pcb retention yes pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.90mm pitch - termination interface 1.90mm plating min - mating 0.762m polarized to pcb no stackable no temperature range - operating -55c to +85c termination interface: style through hole - compliant pin series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 76060 series mates with 76055 impact? 100 ohm vertical backplane header
electrical current - maximum per contact 0.75a data rate 25.0 gbps impedance 100? shield type n/a shielded no voltage - maximum 30v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers application specification as-76060-990-001, as-76060-9999-001 electrical model document ee-76060-003 packaging specification pk-70873-611 product specification ps-76060-999-001 s-parameter model sp-76060-003 sales drawing sd-76060-002 symbol/footprint data sym-76060-3126 this document was generated on 03/06/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0760603126-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X