Part Number Hot Search : 
P30N6 0CCSW MS133 SB860 PLC496 74HC08 87C196CB S2000
Product Description
Full Text Search
 

To Download WTL2602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  weitron h t t p : w w w . w e i t r on. c o m . t w drain current 6.3 amperes drain source voltage 20 voltage featu r es: *super high dense cell design for low r ds(on) r ds(on) < 34m@v gs =4.5v *rugged and reliable *capable of 2.5v gate drive *simple drive requirement *sot-26 package maximum ratings (t a =25?c unless otherwise speci?ed) rating symbo l v alue unit drain-source voltage v ds 20 v gate-source voltage v gs 12 con t inuous drain current 3 , v gs @4.5v, ta=25?c 6.3 i d 5 pulsed drain current 1,2 i dm 30 a total power dissipation(t a =25?c) p d 2 w maximum junction-ambient r ja 62.5 ?c/w operating junction and storage temperature range tj,t stg -55~+150 ?c device marking WTL2602=2602 WTL2602 n-channel enhancement mode power mosfet 3 4 1,2,5,6 g a te source drain sot-26 08-sep-05 1/6 ta=70?c 1 2 3 4 5 6 lead(pb)- f r ee p b
WTL2602 weitron ht t p : w w w . w e i t r on.co m . t w 2/6 08-sep-05 electrical characteristics (t a = 2 5 u n less o t he r wise n o t ed) cha r a c t e r i st i c symbol m i n t yp m ax un i t s t atic drain-source breakdown voltage v gs =0,i d =250 a bv dss 20 - - - - gate-source threshold voltage v ds =v gs ,i d =250 a v gs(th) 0.5 v gate-source leakage current v gs =12v i gss i dss - - 100 na - - 1 drain-source leakage current(tj=25?c) v ds =20v,v gs =0 v ds =16v,v gs =0 drain-source leakage current(tj=55?c) - - 10 a drain-source on-resistance v gs =10v,i d =5.5a v gs =4.5v,i d =5.3a v gs =2.5v,i d =2.6a v gs =1.8v,i d =1.0a r ds(on) - - - - 30 34 - - - - 50 90 m forward transconductance v ds =5v,i d =5.3a g f s - 13 dynamic input capacitance v gs =0v,v ds =15v,f=1.0mhz v gs =0v,v ds =15v,f=1.0mhz v gs =0v,v ds =15v,f=1.0mhz c iss - 603 1085 output capacitance c oss - 144 - reverse transfer capacitance c rss - 111 - pf - s
WTL2602 note: 1. pulse width limited by max. junction temperature. 2. pulse width 300s, duty cycle 2%. 3. surface mounted on 1 in2 copper pad of fr4 board; 156?c/w when mounted on min. copper pad. 3/6 08-sep-05 weitron http:ww w .weit r on.com.tw switching turn-on delay time 2 v ds =15v, v gs =10v, i d =1a, r d =15 , r g =2 v ds =15v, v gs =10v, i d =1a, r d =15 , r g =2 v ds =15v, v gs =10v, i d =1a, r d =15 , r g =2 v ds =15v, v gs =10v, i d =1a, r d =15 , r g =2 v ds =10v,v gs =4.5v,i d =5.3a v ds =10v,v gs =4.5v,i d =5.3a v ds =10v,v gs =4.5v,i d =5.3a t d(on) t d(off) - 6 - rise time t r t f - 14 - turn-off delay time - 18.4 - fall time - 2.8 - ns total gate charge 2 q g q gs q gd - 8.7 16 g a te-source c h a r ge - 1.5 - g a te-source c h a nge - 3.6 - nc sou r ce-drain diode characteristics forward on voltage 2 v gs =0v,i s =1.2a v sd - - 1.2 v reverse recovery time t rr - 16.8 - ns reverse recovery charge q rr - 11 - nc v gs =0v,i s =5a,dl/dt=100a/ s v gs =0v,i s =5a,dl/dt=100a/ s
weitron http://ww w .weit r on.com.tw WTL2602 v ds ,drain- t o-source vo l t age(v) i d ) a ( t n e r r u c n i a r d , i d ) a ( t n e r r u c n i a r d , v ds ,drain-to-source v oltage(v) fig.1 t ypical output characteristics v gs ,gate-to-source v oltage(v) r ) n o ( s d ) ? m ( 100 80 60 40 20 1 2 3 4 5 6 7 8 9 10 11 fig.3 on-resistance v .s. gate v oltage r d e z i l a m r o n ) n o ( s d 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50 0 50 100 150 fig.4 normalized onresistance fig.2 t ypical output characteristics i d = 1.0a t a = 25c v ds ,source-to-drain v oltage(v) i s ) a ( 10 1.0 0.1 0.01 0 0.4 0.8 1.2 1.6 fig.5 forward characteristics of reverse diode t j ,junction t emperature(c) t j ,junction t emperature(c) v ) h t ( s g ) v ( 1.6 1.2 1.4 0.6 0.8 1.0 0.2 0.4 -50 0 50 100 150 fig.6 gate th r eshold v oltage v .s. junction t emperatu r e i d = 5.3a v g = 4.5v t j = 25c t j = 150c 4/6 08-sep-05 5.0v 4.5v 4.0v v g =2.5v 80 60 40 20 0 0 1 2 3 4 5 6 7 t a =25 c 5.0v 4.5v 4.0v v g =2.5v 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 t a =150 c
weitron http://ww w .weit r on.com.tw WTL2602 q g , t otal gate cha r ge(nc) v s g , g a t e t o s o u r c e v o l t a g e ( v ) 12 14 10 8 6 4 2 0 0 5 10 15 20 25 fig 7. gate charge characteristics v ds = 16v i d = 5.3a v ds , drain-to-source v oltage(v) i d ) a ( 100 10 1 0.1 0.01 0.1 1 10 100 fig 9. maximum safe operation a r ea fig 1 1. switching t ime ci r cuit fig.12 gate charge w aveform t a = 25c single pulse v ds 90% 10% v gs t r t d(on) t d(o f f) t f 1ms 10ms 100ms is dc t, pulse w idth(s) r ( e s n o p s e r l a m r e h t d e z i l a m r o n  a j ) 1 0.1 0.01 0.001 0.0001 0.001 0.01 0.1 1 10 100 1000 fig 10. effective t ransient thermal impedance duty factor = 0.5 v ds , drain-to-source v oltage(v) f p ( c ) 1000 100 0 1 5 9 13 17 21 25 29 fig 8. t ypical capacitance characteristics f = 1.0mhz 0.2 0.1 0.05 0.01 single pulse p dm duty factor = t / t peak tj=p dm x r ja + t u r ja =156c / w t t v g 4.5v q g q gs q gd cha r ge q 5/6 08-sep-05 crss coss ciss
weitron http://ww w .weit r on.com.tw WTL2602 dim a b c d e f f1 g h i k j l min max sot-26 sot-26 outline dimension 6/6 08-sep-05 unit:mm 0.00 1.20 ref 0.30 0.55 1.90 ref 2.60 0? 10? 0.12 ref 0.37 ref 0.60 ref 0.95 ref 3.00 2.70 3.10 1.40 1.80 0.10 0.08 0.25 l a g top view front view side view f d e b c h k i f1 j


▲Up To Search▲   

 
Price & Availability of WTL2602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X