Part Number Hot Search : 
NX2016AA HTCM366 1N4746AP MC3062 DSS12 SR2040 ESR0604 AWT6251
Product Description
Full Text Search
 

To Download VEML6030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 1 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high accuracy ambient light sensor with i 2 c interface description VEML6030 is a high accuracy ambient light digital 16-bit resolution sensor in a mini ature transparent 2 mm x 2 mm package. it includes a high sensitive photodiode, a low noise amplifier, a 16-bit a/d converter and supports an easy to use i 2 c bus communication interface and additional interrupt feature. the ambient light result is as digital value available. applications ? ambient light sensor for mobile devices (e.g. smart phones, touch phones, pda, gps) for backlight dimming ? ambient light sensor for indu strial on- / off-lighting operation ? optical switch for consumer, computing, and industrial devices and displays features ? package type: surface mount ? dimensions (l x w x h in mm): 2 x 2 x 0.85 ? integrated modules: ambient light sensor (als) ? supply voltage range v dd : 2.5 v to 3.6 v ? communication via i 2 c interface ?i 2 c bus h-level range: 1.7 v to 3.6 v ? floor life: 72 h, msl 4, according to j-std-020 ? low stand by current co nsumption: typ. 0.5 a ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 ambient light function ?filtron tm technology adaption: close to real human eye response ?o-trim tm technology adoption: als output tolerance ? 10 % ? 16-bit dynamic range for a mbient light detection from 0 lx to about 120 klx with resolution down to 0.0036 lx/ct, supports low transmitta nce (dark) lens design ? 100 hz and 120 hz flicker noise rejection ? excellent tempera ture compensation ? high dynamic detection resolution ? software shutdown mode control note (1) moq: minimum order quantity product summary part number operating range (mm) operating voltage range (v) i 2 c bus voltage range (v) ambient light range (lx) ambient light resolution (lx) output code adc resolution proximity / ambient light VEML6030 n/a 2.5 to 3.6 1.7 to 3.6 0 to 120 000 0.0036 16 bit, i 2 c - / 0.0036 ordering information ordering code packaging volume (1) remarks VEML6030 tape and reel moq: 3000 2.0 mm x 2.0 mm x 0.85 mm VEML6030-gs15 moq: 10 000
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 2 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) light source: white led (2) light conditions: dark circuit block diagram fig. 1 - block diagram absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. max. unit supply voltage v dd 04v operation temperature range t amb -25 +85 c storage temperature range t stg -25 +85 c total power dissipation t amb ? 25 c p tot -50mw junction temperature t j - 110 c basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit supply voltage v dd 2.5 3.3 3.6 v shut down current (2) v dd is 3.3 v i sd -0.5-a operation mode current (1) v dd is 3.3 v, psm = 11, refresh time 4100 ms i dd -2-a v dd is 3.3 v, psm = 00, refresh time 600 ms i dd -8-a v dd is 3.3 v, psm_en = 0, refresh time 100 ms i dd -45-a i 2 c clock rate range f scl 10 - 400 khz i 2 c bus input h-level range v dd is 3.3 v v ih 1.3 - 3.6 v i 2 c bus input l-level range v dd is 3.3 v v il -0.4v digital current out ? (low, current sink) i ol 3--ma digital resolution (lsb count) wit h als_gain = 01 - 0.0036 - lx/step detectable minimum illuminance with als_gain = 01 e v min. - 0.0072 - lx detectable maximum illuminance with als_gain = 10 e v max. - 120 000 - lx dark offset (1) with als_gain = 01 - 3 - step s da 2 int 3 6 v dd 5 s cl 4 addr g nd 1 al s -pd output buffer i 2 c interface low pa ss filter temperature s en s or o s cillator timing controller veml60 3 0
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 3 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) data based on standard i 2 c protocol requirement, no t tested in production. fig. 2 - i 2 c timing diagram i 2 c timing characteristics (t amb = 25 c, unless otherwise specified) parameter symbol standard mode (1) fast mode (1) unit min. max. min. max. clock frequency f (smbclk) 10 100 10 400 khz bus free time between start and stop condition t (buf) 4.7 - 1.3 - s hold time after (repea ted) start condition; ? after this period, the fi rst clock is generated t (hdsta) 4.0 - 0.6 - s repeated start condition setup time t (susta) 4.7 - 0.6 - s stop condition setup time t (susto) 4.0 - 0.6 - s data hold time t (hddat) 0 3450 0 900 ns data setup time t (sudat) 250 - 100 - ns i 2 c clock (sck) low period t (low) 4.7 - 1.3 - s i 2 c clock (sck) high period t (high) 4.0 - 0.6 - s detect clock / data low timeout t (timeout) 25 35 - - ms clock / data fall time t (f) - 300 - 300 ns clock / data rise time t (r) - 1000 - 300 ns v ih v il t (buf) { { p s top condition s s tart condition { { p s s tart s top i 2 c bu s clock ( s lck) i 2 c bu s data ( s dat) i 2 c bu s clock ( s lck) i 2 c bu s data ( s dat) t (low) t (r) t (f) v ih v il t (hd s ta) t (hddat) t (hi g h) t ( s udat) t ( s u s ta) t ( s u s to) t (lo s ext) t (lowmext) t (lowmext) t (lowmext) s clk ack s da ack
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 4 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 parameter timing information fig. 3 - i 2 c bus timing for sending word command format fig. 4 - i 2 c bus timing for receiv e word command format ack ack ack ack i 2 c bu s clock ( s clk) i 2 c bu s data ( s dat) i 2 c bu s clock ( s clk) i 2 c bu s data ( s dat) i 2 c bu s s lave addre ss byte command code s tart by ma s ter s top by ma s ter data byte low data byte high s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0 s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0 s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0 w ack ack ack i 2 c bu s clock ( s clk) i 2 c bu s data ( s dat) i 2 c bu s s lave addre ss byte command code s tart by ma s ter s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0 w i 2 c bu s clock ( s clk) i 2 c bu s data ( s dat) data byte low data byte high ack by ma s ter s tart by ma s ter i 2 c bu s s lave addre ss byte i 2 c bu s clock ( s clk) i 2 c bu s data ( s dat) nack by ma s ter s top by ma s ter s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0 r s a7 s a1 s a2 s a3 s a4 s a5 s a6 s a0
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 5 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 5 - spectral response fig. 6 - white channel responsivity als sensitivity spectrum close to human eye photopic curve v( ? ). human eye curve adaption achieved by filtron technology. fig. 7 - relative radiant sensitivity vs. angular displacement f ig. 8 - als measurement deviation between different light source s: ? 10 % 0 20 40 60 80 100 120 400 500 600 700 800 900 1000 - wavelength (nm) normalized re s pon s ivity v( ) VEML6030 0 20 40 60 80 100 120 250 350 450 550 650 750 850 950 1050 normalized re s pon s ivity - wavelength (nm) 0 20 40 60 80 0.6 0.7 0.8 0.9 1.0 0 0.1 0.2 0.3 0.4 0.5 s rel - relative s en s itivity 22308 ? - angular displacement 0 20 100 120 0 20406080100120 reading of al s (klx) brightne ss acc. calibrated luxmeter (klx) 80 60 40 nom. -10 % nom. nom. +10 %
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 6 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 application information VEML6030 is a cost effective solution of ambient light sensor with i 2 c bus interface. the standard se rial digital in terface is easy to access ambient light signal without complex calculation and programming by external controller. beside the digital output also a flexible programmable interrupt pin is available. 1. application circuit fig. 9 - application circuit (x) = pin number notes ? the interrupt pin is an open drain output. proposed values for the pull-up resistors should be > 1 k ? , e.g. 2.2 k ? to 4.7 k ? for the r1 and r2 (at sda and scl) and 10 k ? to 100 k ? for r3 (at interrupt). ? normally just one decoupling capacitor is needed. this should be ? 100 nf and placed close to the v dd pin. ? pin addr allows for the device addresses: pin 4 = high (v dd ) = 0x48, pin 4 = low (gnd) = 0x10 ? ? for detailed description about set-up and us e of the interrupt as well as more application related information see an: designi ng VEML6030 into an application. 2. i 2 c interface the VEML6030 contains actual six 16 bit command codes for oper ation control, parameter setup, and result buffering. all registers are accessible via i 2 c communication. figure 7 shows the basic i 2 c communication with VEML6030. the built in i 2 c interface is compatible with i 2 c modes standard and fast: 10 khz to 400 khz. i 2 c h-level range = 1.3 v to 3.6 v. please refer to the i 2 c specification from nxp for details. fig. 10 - send byte / receive byte protocol device address the VEML6030 has two fix slave addresses for the host programming and accessing selection. with addr pin plugged to power supply = high = v dd , the predefined 7 bit i2c bus address is set to 1001000 = 0x48. the least significant bit (lsb) defines read or write mode. accordingly the bus address is set to 1001 0000 = 90h for write and 1001 0001 = 91h for read. with addr pin plugged to gr ound = low, the slave address (7 bit) is set to 0010000 = 0x10. according 8 bit the bus address is then 0010 0000 = 20h for write and 0010 0001 = 21h for read. ho s t micro controller v dd (6) addr (4) c2 c1 r4 100 nf 10 f 10r 2.5 v to 3.6 v 1.7 v to 3.6 v r1 r2 r3 g pio (interrupt) int (3) VEML6030 g nd (1) i 2 c bu s clock s cl s cl (5) i 2 c bu s data s da s da (2) c1 and r4 are optional for very di s turbed s upply receive byte s end byte ho s t action VEML6030 re s pon s e ss lave addre ss a command code a wr data byte (l s b) a p data byte (m s b) a ss lave addre ss a command code a data byte (l s b) a p data byte (m s b) n wr ss lave addre ss rd a s = s tart condition p = s top condition a = acknowledge n = no acknowledge read data from VEML6030 write command to VEML6030
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 7 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 register addresses VEML6030 has actual six user accessible 16 bit command codes. the addresses are 00h to 06h (03h not defined / reserved). ? auto-memorization VEML6030 can memorize the la st ambient data before shutdown and keep this data before waking up. when VEML6030 is in shutdown mode, the host can freely read this data via read command directly. when VEML6030 wakes up, the data will be refreshed by new detection. note ? command code 0 default value is 01 = devices is shut down command code #0: co nfiguration register register address = 00h ? the command code #0 is for configurat ion of the ambient light measurements. note ? light level [lx] is (als output data [dec.] / als gain x responsivity). please study also the application note. command register format command code register name bit function / description r / w 00 als_conf 0 15 : 0 als gain, integrat ion time, interrupt, and shut down w 01 als_wh 15 : 8 als high threshold window setting (msb) w 7 : 0 als high threshold window setting (lsb) w 02 als_wl 15 : 8 als low threshold window setting (msb) w 7 : 0 als low threshold window setting (lsb) w 03 power saving 15 : 0 set (15 : 3) 0000 0000 0000 0b 04 als 15 : 8 msb 8 bits data of whole als 16 bits r 7 : 0 lsb 8 bits data of whole als 16 bits r 05 white 15 : 8 msb 8 bits data of whole white 16 bits r 7 : 0 lsb 8 bits data of whole white 16 bits r 06 als_int 15 : 0 als int trigger event r table 1 - configuration register #0 register name bit function / description r / w reserved 15 : 13 set 000b w als_gain 12 : 11 gain selection 00 = als gain x 1 01 = als gain x 2 10 = als gain x (1/8) 11 = als gain x (1/4) w reserved 10 set 0b w als_it 9 : 6 als integration time setting 1100 = 25 ms 1000 = 50 ms 0000 = 100 ms 0001 = 200 ms 0010 = 400 ms 0011 = 800 ms w als_pers 5 : 4 als persistence pr otect number setting 00 = 1 01 = 2 10 = 4 11 = 8 w reserved 3 : 2 set 00b w als_int_en 1 als interrupt enable setting 0 = als int disable ? 1 = als int enable w als_sd 0 als shut down setting 0 = als power on ? 1 = als shut down w
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 8 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 command code #1: high threshold windows setting command code address = 01h. once enable int function and use hi gh / low windows threshold, bi t 15:0 provides 16 bit register for high bound thresh old windows setting. command code #2: low threshold windows setting command code address = 02h. once enable int function and use hi gh / low windows threshold, bi t 15:0 provides 16 bit register for low bound thresh old windows setting. command code #3: power saving mode: psm command code address = 03h. bits 2 and 1 define th e power saving modes. bits 15 : 3 are reserved. command code #4: als high resolution output data command code address = 04h. to access 16 bit high resolution als ou tput, it is suitable to follow read protocol to read from command code #04 16 bits register. command code #5: white channel output data command code address = 05h. to access 16 bit white output, it is suitable to follow read protocol to read from command code #05 16 bits register. table 2 - high threshold windows setting #1 bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 description als high threshold window setting (15:8 msb 8 bits of whole 16 bits) als high threshold window setting (7:0 lsb 8 bits of whole 16 bits) table 3 - low threshold windows setting #2 bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 description als low threshold window setting (1 5:8 msb 8 bits of whole 16 bits) als low threshold window setting (7 :0 lsb 8 bits of whole 16 bits) table 4 - power saving modes command code register name bit function / description r / w 03 psm 2 : 1 power saving mode; see table refresh time ? 00 = mode 1 ? 01 = mode 2 ? 10 = mode 3 ? 11 = mode 4 w psm_en 0 power saving mode enable setting ? 0 = disable ? 1 = enable w table 5 - als high resolution output data #4 bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 description als high resolution output data ( 15 : 8 msb 8 bits of whole 16 bits) als high resolution outp ut data (7 : 0 lsb 8 bits of whole 16 bits) table 6 - white channel output data #5 bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 description white output data (15 : 8 msb 8 bits of whole 16 bits) white output data (7 : 0 ls b 8 bits of whole 16 bits)
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 9 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 command code #6: interrupt status command code address = 06h. bit 15 defines interrupt flag whil e trigger occurred due to data cr ossing low threshold windows. bit 14 defines interrupt flag whil e trigger occurred due to data cr ossing high threshold windows. refresh time determination of psm VEML6030s refresh time can be determined by psm and als_it setting in power saving mode (psm). cooperating with the command register setting, the designer has a flexible method in defining the timing, power cons umption, and sensitivity for lig ht data collection. table 7 - interrupt status #6 bit 15 bit 14 bit 13 to 0 int_th_low int_th_high reserved description int_th_low read bit. indicated a low threshold exceed int_th_high read bit. indica ted a high threshold exceed refresh time, i dd , and resolution relation als_gain psm als_it refresh time (ms) i dd (a) resolution (lx/bit) 01 00 0000 600 8 0.0288 01 01 0000 1100 5 0.0288 01 10 0000 2100 3 0.0288 01 11 0000 4100 2 0.0288 01 00 0001 700 13 0.0144 01 01 0001 1200 8 0.0144 01 10 0001 2200 5 0.0144 01 11 0001 4200 3 0.0144 01 00 0010 900 20 0.0072 01 01 0010 1400 13 0.0072 01 10 0010 2400 8 0.0072 01 11 0010 4400 5 0.0072 01 00 0011 1300 28 0.0036 01 01 0011 1800 20 0.0036 01 10 0011 2800 13 0.0036 01 11 0011 4800 8 0.0036
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 10 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters not indicated tolerance s 0.1 2 (0.6) 0.87 technical drawing s according to din s pecification 0.45 (6 x) 0.4 (6 x) pin 1 marking top view pinning 1 g nd 2 s da 3 int a dd 4 s cl 5 v dd 6 recommended footprint 2.3 1.6 0.55 (6 x) 0.3 (6 x) 0.35 (4 x) drawing no.: 6.550-5348.01-4 i ss ue: 1; 19.02.16 2 2 1 1 0.65 (4 x)
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 11 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel dimensions in millimeters fig. 11 - 7" reel, 3000 pieces form of the leave open of the wheel i s s upplier s pecific. drawing-no.: 9.800-5096.01-4 i ss ue: 4; 08.03.2016 technical drawing s according to din s pecification s ? 177.8 max. ? 55 min. 8.4 + 2.5 8.4 + 0.15 14.4 max. ? 13 + 0.5 - 0.2 1.5 min. ? 20.2 min. z 2:1 z
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 12 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 12 - 13" reel, 10 000 pieces z ( 2 : 1 ) y ( 1 : 1 ) z y 8.4 - 0 2.5 + 14.4 max. 1 0 0 m i n . technical drawings according to din specification. ? 20.2 min. 13 ? - 0.2 0.5 + 1 . 5 m i n . 3 3 0 m a x . label unreel direction 8.4 - 0 0.15 + drawing-no.: 9.800-5140.01-4 issue: prel. 1; 02.03.2016 form of the leave open of the wheel is supplier specific.
VEML6030 www.vishay.com vishay semiconductors rev. 1.1, 24-may-16 13 document number: 84366 for technical questions, contact: sensorstechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - taping reflow solder profile fig. 14 - lead (pb)-free reflow solder profile according to j-std-020 drypack devices are packed in moistu re barrier bags (mbb) to prevent the products from mo isture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 72 h conditions: t amb < 30 c, rh < 60 % moisture sensitivity level 4, according to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry us ing recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. drawing-no.: 9.700-5397.01-4 i ss ue: 1; 19.02.16 technical drawing s according to din s pecification s pin 1 (8) (1.75) (3.5) (2.3) (4) (? 1) (? 1.5) (4) (2) reel off direction y y (0.25) (2.3) (1.25) y - y 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? VEML6030? VEML6030-gs15


▲Up To Search▲   

 
Price & Availability of VEML6030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X