Part Number Hot Search : 
IP117AR SMHP500F G697L263 SQD45P03 MBRF1050 SD104 OPB841W SM230
Product Description
Full Text Search
 

To Download V375B15H600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  set your site on vicor at www.vicorpower.com vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 1 of 8 parameter rating unit notes +in to ?n voltage -0.5 to +425 vdc +in to ?n voltage 500 vdc <100ms pc to ?n voltage -0.5 to +7.0 vdc pr to ?n voltage -0.5 to +7.0 vdc +out to ?ut voltage -0.5 to +20 vdc +sense to ?ut voltage -0.5 to +20 vdc ?ense to ?ut voltage 1.0 vdc sc to ?ut voltage -0.5 to +1.5 vdc isolation voltage (in to out) 3000 vrms isolation voltage (in to base) 1550 vrms isolation voltage (out to base) 500 vrms storage temperature (c grade) -40 to +125 ? operating temperature (c grade) -20 to +100 c baseplate pin soldering temperature 500 (260) ? (?) <5 sec; wave solder pin soldering temperature 750 (390) ? (?) <7 sec; hand solder mounting torque 5 (0.57) in-lbs (n-m) 6 each, # 4-40 or m3 shown actual size: 4.6 x 2.2 x 0.5 in 117 x 56 x 12,7 mm 4 5 absolute maximum ratings parameter min typ max unit baseplate to sink; flat, greased surface 0.08 ?/watt baseplate to sink; thermal pad (p/n 20263) 0.07 ?/watt baseplate to ambient 4.9 ?/watt baseplate to ambient; 1000 lfm 1.1 ?/watt thermal capacity 165 watt-sec/? thermal resistance and capacity 375vin / 15v out / 600watts dc-dc converter module model number v375a15c600b * features dc input range: 250 - 425v input surge withstand: 500v for 100ms dc output: 15v programmable output: 10 to 110% regulation: 0.2% no load to full load efficiency: 87% maximum operating temperature: 100? at full load power density: 119w/cubic inch height above board: 0.43 in. (10,9 mm) parallelable, with n+m fault tolerance low noise zcs/zvs architecture typical applications: distributed power; off-line systems using power pfc front-ends; electric vehicles product overview this dc-dc converter module uses 2nd generation power processing, control and packaging technologies to provide the performance, flexibility and cost effectiveness expected of a mature power component. for example, a plated-cavity core transformer couples widely separated primary and secondary windings, resulting in low in-to- out parasitic capacitance and noise. high frequency zcs/zvs switching, advanced power semiconductor packaging and thermal management provide high power density with low temperature gradients. extensive use of silicon integration results in 1/3 the part count of a 1st generation converter. * part numbering for pin styles see page 6. slotted baseplate (style 1) requires no designator. for threaded baseplate add a ??to the end of the part number. for thru-hole, add a ?? see page 7 for dimensions. see part numbering chart on this page for other product grades. v 375 a 5 c 400 b input voltage 24 = 24vin 48 = 48vin 300 = 300vin 375 = 375vin a = maxi b = mini c = micro output voltage product grade temperatures (?) grade storage operating c = - 40 to +125 - 20 to +100 t = - 40 to +125 - 40 to +100 h = - 55 to +125 - 40 to +100 m = - 65 to +125 - 55 to +100 pin style base- plate output power
vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 2 of 8 set your site on vicor at www.vicorpower.com parameter min typ max unit notes operating input voltage 250 375 425 vdc input surge withstand 500 vdc <100ms output voltage setpoint 14.85 15 15.15 vdc nominal input; full load; 25? output ovp setpoint 17.1 17.8 18.5 vdc 25 ?; recycle input voltage to restart ( 1 minute off ) output power 600 watts at 100? baseplate temperature efficiency 86 87 % nominal input; 75% of full load; 25? parameter min typ max unit notes line regulation 0.02 0.2 % low line to high line; full load load regulation 0.06 0.2 % no load to full load; nominal input temperature regulation 0.002 0.005 % / ? over operating temperature range ripple and noise, p-p 90 113 mv nominal input, full load; 25?; 20mhz bandwidth current limit 40.8 46 52 amps output voltage 95% of nominal short circuit current 28 46 52 amps output voltage <250mv power sharing accuracy 2 5 % 10 to 100% of full load; can not power share with ??ersions programming range 10 110 % of nominal output voltage. for trimming below 90% of nominal, a minimum load of 10% of maximum rated power may be required. parameter min typ max unit notes undervoltage turn-on 242.5 247.5 vdc undervoltage turn-off 204.7 212.2 vdc overvoltage turn-off/on 429.2 446.3 467.5 vdc dissipation, standby 8 12 watts no load module operating specifications module input specifications module output specifications electrical characteristics electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperat ure, unless otherwise specified. all temperatures refer to the operating temperature at the center of the baseplate. baseplate slotted (style 1) slotted baseplate (style 1) requires no designator. for threaded baseplate add a "2" to the end of the part number. for thru-hole add a "3". pin style short style 1) for long pin configuration add ??to the end of the part number. see page 7 for pin dimensions. module mechanical specifications note: for important information relative to applications where the converter modules are subject to continuous dynamic loading, contact vicor applications engineering at 800-927-9474.
set your site on vicor at www.vicorpower.com vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 3 of 8 parameter min typ max unit notes primary side (pc = primary control; pr = parallel) pc bias voltage 5.50 5.75 6.10 vdc pc current = 1.0 ma current limit 1.5 2.1 3.0 ma pc voltage = 5.5v pc module disable 2.3 2.6 2.9 vdc must be able to sink 4 ma. see fig. 1 pc module enable delay 4 7 ms pc module alarm 0.5 vavg uv, ov, ot, module fault. see figs. 2 and 4 pr emitter amplitude 5.7 5.9 6.1 volts pr load >30 ohms, < 30 pf pr emitter current 150 ma pr receiver impedance 375 500 625 ohms 25? pr receiver threshold 2.4 2.5 2.6 volts minimum pulse width: 20ns pr drive capability 12 modules without pr buffer amplifier secondary side (sc = secondary control) sc bandgap voltage 1.21 1.23 1.25 vdc referenced to ?ense sc resistance 990 1000 1010 ohms sc capacitance 0.033 f sc module alarm 0 vdc with open trim; referenced to ?ense. see fig. 6 parameter min typ max unit notes remote sense (total drop) 0.5 vdc 0.25v per leg (senses must be closed) isolation voltage (in to out) 3000 vrms complies with reinforced insulation requirements isolation voltage (in to base) 1550 vrms complies with basic insulation requirements isolation voltage (out to base) 500 vrms complies with operational insulation requirements isolation resistance (in to out) 10 megohms weight 7.3 (210) 8 (227) ounces (grams) temperature limiting 100 115 ? see figs. 2 and 4 agency approvals culus, t?v, ce ul60950, en60950, csa60950, iec 60950. with a fuse in series with the +input module control specifications module general specifications electrical characteristics, continued
vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 4 of 8 set your site on vicor at www.vicorpower.com control functions - pc pin module enable/disable the module may be disabled by pulling pc below 2.3v with respect to the ?nput. this may be done with an open collector transistor, relay, or optocoupler. multiple converters may be disabled with a single transistor or relay either directly or via ?r?ng?diodes. see figure 1. module alarm the module contains ?atchdog?circuitry which monitors input voltage, operating temperature and internal operating parameters. in the event that any of these parameters are outside of their allowable operating range, the module will shut down and pc will go low. pc will periodically go high and the module will check to see if the fault (as an example, overtemperature) has cleared. if the fault has not been cleared, pc will go low again and the cycle will restart. the sc pin will go low in the event of a fault and return to its normal state after the fault has been cleared. see figures 2 and 4. +in pc pr in disable disable = pc <2.3v figure 1 ?odule enable/disable. figure 3 ?ed on-state indicator. +in pc pr in 4k ? "module enabled" +in pc pr in optocoupler 4k ? alarm 1.00v +out +s sc s out +out +s sc s out +in pc pr in input undervoltage 2-20ms typ. f (v in ) auto restart 5.7vdc (0-3ma) 50 ? sw2 sw3 1.23 vdc 6k 1k sw1 sw1, 2, & 3 shown in "fault" position input overvoltage overtemperature module faults figure 2 ?c/sc module alarm logic. figure 5 ?solated on-state indicator. 2-20ms typ. fault sc pc 1.23v 5.7v 40 s typ. figure 4 ?c/sc module alarm timing. figure 6 ?econdary side on-state indicator. primary auxiliary supply at 5.7v, pc can source up to 1.5ma. in the example shown in figure 3, pc powers a module enabled led.
set your site on vicor at www.vicorpower.com vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 5 of 8 output voltage programming the output voltage of the converter can be adjusted or programmed via fixed resistors, potentiometers or voltage dacs. see figures 7 and 8. control functions - sc pin figure 8 ?utput voltage trim up circuit. figure 7 ?utput voltage trim down circuit. r d (ohms) = 1,000 vout vnom - vout +out +s sc s out r u trim up load error amp 1k ? 1.23v 0.033 f load +out +s sc s out r d trim down error amp 1k ? 1.23v 0.033 f trim down 1. this converter is not a constant power device ?it has a constant current limit. hence, available output power is reduced by the same percentage that output voltage is trimmed down. do not exceed maximum rated output current. 2. the trim down resistor must be connected to the ?ense pin. trim up 1. the converter is rated for a maximum delivered power. to ensure that maximum rated power is not exceeded, reduce maximum output current by the same percentage increase in output voltage. 2. the trim up resistor must be connected to the +sense pin. 3. do not trim the converter above maximum trim range (typically +10%) or the output over voltage protection circuitry may be activated. trim resistor values calculated automatically: on-line calculators for trim resistor values are available on the vicor website at: vicorpower.com/tools.html. resistor values can be calculated for fixed trim up, fixed trim down and for variable trim up or down cases for both 1st and 2nd generation dc-dc converters. in addition to trimming information, the web site and the applications manual also include design tips, applications circuits, emc suggestions, thermal design guidelines and pdf data sheets for all available vicor products. r u (ohms) = 1,000 ( vout-1.23 ) vnom 1,000 1.23 ( vout-vnom )
vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 6 of 8 set your site on vicor at www.vicorpower.com control functions - pr pin parallel operation the pr pin supports paralleling for increased power with n+1 (n+m) redundancy and phased array capability. modules of the same input voltage, output voltage, and power level will current share if all pr pins are suitably interfaced. compatible interface architectures include the following: dc coupled single-wire interface. all pr pins are directly connected to one another. this interface supports current sharing but is not fault tolerant. minus in pins must be tied to the same electric potential. see figure 9. ac coupled single-wire interface. all pr pins are connected to a single communication bus through 0.001f (500v) capacitors. this interface supports current sharing and is fault tolerant except for the communication bus. see figure 10. +out +s sc s out +sense from other modules in the array figure 12 ?r?ng diodes connections. module 2 module 1 module n+1 +out +s sc s out +out +s sc s out +out +s sc s out load +s s +s s +s s figure 11 ?+1 module array o utput connections. the +out and out power buses should be designed to minimize and balance parasitic impedance from each module output to the load. the +sense pins should be tied to the same point on the +out power bus; the sense pins should be tied to the same point on the out power bus. at the discretion of the power system designer, a subset of all modules within an array may be configured as slaves by shorting sc to s. or ing diodes may be inserted in series with the +out pins of each module to provide module output fault tolerance. figure 9 ?c coupled single-wire interface. +in pc pr in module 2 (up to 12) +in pc pr in module 1 ground plane +in pc pr in module 2 (up to 12) +in pc pr in module 1 ground plane figure 10 ?c coupled single-wire interface. 0.001f 0.001f pin styles * designator description notes (none) short solder requires in-board, mounting l long solder on-board mounting for 0.065" boards s short modumate surfmate or in-board socket mounting n long modumate on-board socket mounting * pin style designator follows the ??after the output power and precedes the baseplate designator. ex. v48b24c250bn ?long modumate pins
set your site on vicor at www.vicorpower.com vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 page 7 of 8 mechanical drawings all markings this surface pins styles solder:tin/lead hot solder dipped modumate: gold plated copper aluminum baseplate unless otherwise specified, dimensions are in inches mm decimals tol. angles 0.xx 0.01 0,25 1 0.xxx 0.005 0,127 0.195 4,95 1.400* 35,56 1.000* 25,40 0.700* 17,78 0.400* 10,16 3.844 97,64 4.200* 106,68 1.790 45,47 0.06 1,5 r (4x) 0.178 4,52 5 6 7 8 9 12 34 0.003 0,08 * denotes tol = plated thru hole dia pcb thickness 0.062 0.010 1,57 0,25 short pin style 0.094 0.003 2,39 0,08 0.194 0.003 4,93 0,08 long pin style 0.094 0.003 2,39 0,08 0.194 0.003 4,93 0,08 inboard solder mount 0.43 10,9 onboard solder mount (7x) (2x) 0.53 13,5 pcb mounting specifications 1.74 44,2 2.20 55,9 5 6 7 8 9 4 3 2 1 0.23 5,8 (ref) 0.180 4,57 0.080 2,03 1.400 35,56 1.000 25,40 0.700 17,78 0.400 10,16 dia,(7x) dia,(2x) 4-40 unc-2b thru (4x)*** (style 2 and 3 only) slotted or threaded 4-40 unc-2b (6x) or thru hole #30 drill thru (6x) (0.1285) 0.50 12,7 0.06 1,5 2.20 55,9 (ref) 1.80 45,7 4.60 116,8 3.60 91,4 0.13 3,3 full r (6x) (6x) r (3x) chamfer 0.15 3,81 x 45 0.54 13,7 0.43 10,9 0.38 9,6 0.20** 5,08 0.12* 3,1 (2x) 0.01 use a 4-40 screw (6x) torque to: 5 in-lbs 0.57 n-m long pin 0.62 15,7 short pin (9x) (9x) (all markings this surface) aluminum baseplate 0.50 0.02 12,7 0,5 * style 1 baseplate only ** style 2 & 3 baseplates *** reserved for vicor accessories. not for mounting center line 4.200 106,68 0.300 0.015 7,62 0,38 0.300 0.015 7,62 0,38 2.00 50,8 0.10 2,5 pin c l pin c l c l converter pins no. function label 1 +in + 2 primary pc control 3 parallel pr 4 in 5 out 6 sense s 7 secondary sc control 8 +sense +s 9+out + module outline
vicor corp. tel: 800-735-6200, 978-470-2900 fax: 978-475-6715 v375a15c600b dc-dc converter rev. 3 11/05 set your site on vicor at www.vicorpower.com vicor corporation 25 frontage road andover, ma, usa 01810 tel: 800-735-6200 fax: 978-475-6715 email vicor express: vicorexp@vicr.com technical support: apps@vicr.com component solutions for your power system 4 5 vicors comprehensive line of power solutions includes high density ac-dc and dc-dc modules and accessory components, fully configurable ac-dc and dc-dc power supplies, and complete custom power systems. information furnished by vicor is believed to be accurate and reliable. however, no responsibility is assumed by vicor for its use. vicor components are not designed to be used in applications, such as life sup- port systems, wherein a failure or malfunction could result in injury or death. all sales are subject to vicors terms and conditions of sale, which are available upon request. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of V375B15H600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X