Part Number Hot Search : 
C3105 NTE5990 C80C020 05D15 6N136 TCLLZ2V4 AIC1630A TD1220
Product Description
Full Text Search
 

To Download TLP172G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TLP172G 2002-04-18 1 toshiba photocoupler photorelay TLP172G modemfax cards, modems in pc telecommunications pbx measurement equipment the toshiba TLP172G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-mosfet in a sop, which is suitable for surface mount assembly. the TLP172G is suitable for the modem applications which require space savings.  4-pin sop (2.54sop4): height = 2.1 mm, pitch = 2.54 mm  1-form-a  peak off-state voltage: 350 v (min)  trigger led current: 3 ma (max)  on-state current: 110 ma (max)  on-state resistance: 35 ? (max t < 1 s)  on-state resistance: 50 ? (max continuous)  isolation voltage: 1500 vrms (min) pin configuration (top view) unit: mm jedec D jeita D toshiba 11-5h1 weight: 0.1 g (typ.) 1: anode 2: cathode 3: drain 4: drain 1 2 4 3
TLP172G 2002-04-18 2 maximum rating (ta     25c) characteristics symbol rating unit forward current i f 50 ma forward current derating (ta    25c)  i f /c  0.5 ma/c reverse voltage v r 5 v led junction temperature t j 125 c off-state output terminal voltage v off 350 v on-state current i on 110 ma on-state current derating (ta    25c)  i on /c  1.1 ma/c detector junction temperature t j 125 c storage temperature range t stg  55~125 c operating temperature range t opr  40~85 c lead soldering temperature (10 s) t sol 260 c isolation voltage (ac, 1 min, r.h.    60%) (note 1) bv s 1500 vrms note 1: device considered a two-terminal device: led side pins shorted together, and detector side pins shorted together. recommended operating conditions characteristics symbol min typ. max unit supply voltage v dd   280 v forward current i f 5 7.5 25 ma on-state current i on   100 ma operating temperature t opr  20  65 c electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit forward voltage v f i f  10 ma 1.0 1.15 1.3 v reverse current i r v r  5 v   10  a led capacitance c t v  0, f  1 mhz  30  pf off-state current i off v off  350 v   1  a detector capacitance c off v  0, f  1 mhz  30  pf
TLP172G 2002-04-18 3 coupled electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit trigger led current i ft i on  110 ma  1 3 ma return led current i fc i off  100  a 0.1   ma i on  110 ma, i f  5 ma, t < 1 s  25 35 on-state resistance r on i on  110 ma, i f  5 ma, continuous  35 50  isolation characteristics (ta     25c) characteristics symbol test condition min typ. max unit capacitance input to output c s v s  0 v, f  1 mhz  0.8  pf isolation resistance r s v s  500 v, r.h.   60% 5
10 10 10 14  ac, 1 min 1500   ac, 1 s, in oil  3000  vrms isolation voltage bv s dc, 1 min, in oil  3000  vdc switching characteristics (ta     25c) characteristics symbol test condition min typ. max unit turn-on time t on  0.3 1 turn-off time t off r l  200  v dd  20 v, i f  5 ma  (note 2)  0.1 1 ms note 2: switching time test circuit 4 t off t on 10% 90% v out i f 1 v dd v out r l 3 2 i f
TLP172G 2002-04-18 4 ambient temperature ta (c) i f ? ta allowable forward current i f (ma) ambient temperature ta (c) i on ? ta allowable on-sate current i on (ma) forward voltage v f (v) i f ? v f forward current i f (ma) i on ? v on on-state current i on (ma) ambient temperature ta (c) r on ? ta on-state resistance r on (  ) ambient temperature ta (c) i ft ? ta trigger led current i ft (ma) on-state voltage v on (v) 0  20 60 20 40 80 100 120 100 80 60 40 20 0 ta  25c 0.6 0.8 1 1.2 1.6 1.8 1.4 100 30 10 3 1 0.3 0.1 i on  110 ma i f  5 ma t  1 s 30 0  20 0 20 40 80 100 60 10 20 40 50 i on  110 ma t  1 s 3 0  20 0 20 40 80 100 60 1 2 4 5 ta  25c i f  5 ma  4  3  2 0 3 4 2  200  100 0 100 200  1 1 0  20 120 100 80 60 40 20 0 240 200 160 120 80 40
TLP172G 2002-04-18 5 ambient temperature ta (c) i off ? ta off-state current i off (na) ambient temperature ta (c) t on , t off ? ta switching time t on , t off (  s) input current i f (ma) t on , t off ? i f switching time t on , t off (  s) 1 3 10 30 100 300 10 30 100 300 1000 3000 ta  25c v dd  20 v r l  200  t off t on v dd  20 v r l  200  i f  5 ma 10  20 3000 1000 300 100 30 0 20 40 80 80 100 t off t on  20 0 20 40 80 80 100 v off  350 v 0.1 100 10 3 1 0.3 30
TLP172G 2002-04-18 6  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  gallium arsenide (gaas) is a substance used in the products described in this document. gaas dust and fumes are toxic. do not break, cut or pulverize the product, or use chemicals to dissolve them. when disposing of the products, follow the appropriate regulations. do not dispose of the products with other industrial waste or with domestic garbage.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ebc restrictions on product use


▲Up To Search▲   

 
Price & Availability of TLP172G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X